Part Number Hot Search : 
24C16 MJD32C MSZ52 LM783 1206S 1206S MIC5206 FFM1600W
Product Description
Full Text Search
 

To Download DDTC114YCA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ddtc (r1 r2 series) ca npn pre-biased small signal sot-23 surface mount transistor features ds30330 rev. 8 - 2 1 of 4 www.diodes.com ddtc (r1 r2 series) ca ? diodes incorporated ? epitaxial planar die construction ? complementary pnp types available (ddta) ? built-in biasing resistors, r1 r2 ? lead, halogen and antimony free, rohs compliant "green" device (notes 1 and 2) mechanical data ? case: sot-23 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminals: solderable per mil-std-202, method 208 ? lead free plating (matte tin finish annealed over alloy 42 leadframe). ? terminal connections: see diagram ? marking and date code: see table below & page 4 ? ordering information: see page 4 ? weight: 0.008 grams (approximate) p/n r 1 (nom) r2 (nom) type code ddtc113zca ddtc123yca ddtc123jca ddtc143xca ddtc143fca ddtc143zca ddtc114yca ddtc114wca ddtc124xca ddtc144vca ddtc144wca 1k 2.2k 2.2k 4.7k 4.7k 4.7k 10k 10k 22k 47k 47k 10k 10k 47k 10k 22k 47k 47k 4.7k 47k 10k 22k n02 n05 n06 n09 n10 n11 n14 n15 n18 n21 n22 sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180 0 8 all dimensions in mm a e j l top view m b c maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit supply voltage, (3) to (2) v cc 50 v input voltage, (1) to (2) ddtc113zca ddtc123yca ddtc123jca ddtc143xca ddtc143fca ddtc143zca ddtc114yca ddtc114wca ddtc124xca ddtc144vca ddtc144wca v in -5 to +10 -5 to +12 -5 to +12 -7 to +20 -6 to +30 -5 to +30 -6 to +40 -10 to +30 -10 to +40 -15 to +40 -10 to +40 v output current ddtc113zca ddtc123yca ddtc123jca ddtc143xca ddtc143fca ddtc143zca ddtc114yca ddtc114wca ddtc124xca ddtc144vca ddtc144wca i o 100 100 100 100 100 100 70 100 50 30 30 ma output current all i c (max) 100 ma notes: 1. no purposefully added lead. halogen and antimony free. 2. product manufactured with data code v9 (week 33, 2008) and newer are built with green molding compound. product manufactured prior to date code v9 are built with non-green molding compound and may contain halogens or sb 2 o 3 fire retardants. schematic and pin configuration equivalent inverter circuit h g d k r1 out b c e r2 3 2 1 in gnd(0) 1 3 2 gnd (0) c b in out e
ds30330 rev. 8 - 2 2 of 4 www.diodes.com ddtc (r1 r2 series) ca ? diodes incorporated thermal characteristics @t a = 25c unless otherwise specified characteristic symbol value unit power dissipation p d 200 mw thermal resistance, junction to ambient air (note 3) r ja 625 c/w operating and storage temperature range t j , t stg -55 to +150 c notes: 3. mounted on fr4 pc board with recommended pad layout as shown on diodes inc., sugg ested pad layout document ap02001 , which can be found on our website at http ://www.diodes.com/datasheets/ap02001.pdf electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition ddtc113zca ddtc123yca ddtc123jca ddtc143xca ddtc143fca ddtc143zca ddtc114yca ddtc114wca ddtc124xca ddtc144vca ddtc144wca v l(off) 0.3 0.3 0.5 0.3 0.3 0.5 0.3 0.8 0.4 1.0 0.8 ? ? v cc = 5v, i o = 100 a input voltage ddtc113zca ddtc123yca ddtc123jca ddtc143xca ddtc143fca ddtc143zca ddtc114yca ddtc114wca ddtc124xca ddtc144vca ddtc144wca v l(on) ? ? 3.0 3.0 1.1 2.5 1.3 1.3 1.4 3.0 2.5 5.0 4.0 v v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 5ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 3ma v o = 0.3v, i o = 5ma v o = 0.3v, i o = 1ma v o = 0.3v, i o = 2ma v o = 0.3v, i o = 2ma v o = 0.3v, i o = 2ma v o = 0.3v, i o = 2ma output voltage v o(on) ? 0.1 0.3 v i o /i l = 5ma/0.25ma ddtc123jca i o /i l = 5ma/0.25ma ddtc143zca i o /i l = 5ma/0.25ma ddtc114yca i o /i l = 10ma/0.5ma all others input current ddtc113zca ddtc123yca ddtc123jca ddtc143xca ddtc143fca ddtc143zca ddtc114yca ddtc114wca ddtc124xca ddtc144vca ddtc144wca i l ? ? 7.2 3.8 3.6 1.8 1.8 1.8 0.88 0.88 0.36 0.16 0.16 ma v i = 5v output current i o(off) ? ? 0.5 a v cc = 50v, v i = 0v dc current gain ddtc113zca ddtc123yca ddtc123jca ddtc143xca ddtc143fca ddtc143zca ddtc114yca ddtc114wca ddtc124xca ddtc144vca ddtc144wca g l 33 33 80 30 68 80 68 24 68 33 56 ? ? ? v o = 5v, i o = 5ma v o = 5v, i o = 10ma v o = 5v, i o = 10ma v o = 5v, i o = 10ma v o = 5v, i o = 10ma v o = 5v, i o = 10ma v o = 5v, i o = 5ma v o = 5v, i o = 10ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma input resistor tolerance r 1 -30 ? +30 % ? resistance ratio tolerance r 2 /r 1 -20 ? +20 % ? gain-bandwidth product* f t ? 250 ? mhz v ce = 10v, i e = 5ma, f = 100mhz * transistor - for reference only
typical curves ? ddtc123jca -50 050 100 150 250 200 150 50 100 0 t , ambient temperature ( c) fig. 1 derating curve a p , p o we r dissi p a t i o n (mw) d 0.001 0.01 0.1 1 0 10 20 30 40 50 v, c o lle c t o r emi t t e r v o l t a g e (v) ce(sat) i , collector current (ma) fig. 2 v vs. i c ce(sat) c i/i = 10 cb -25 c 75 c 25 c 10 1,000 100 1 10 100 h, d c c u r r e n t g ai n fe i , collector current (ma) fig. 3 dc current gain c v = 10v ce 0 1 2 3 4 0 20 30 c , c a p a c i t a n c e (p f ) ob v , reverse bias voltage (v) fig. 4 output capacitance r 10 5 15 25 f = 1mhz 0.1 1 10 0 10203040 i , collector current (ma) fig. 6 input voltage vs. collector current c 0.001 0.01 1 10 100 0 1 234 89 10 i, c o lle c t o r c u r r en t (ma) c v , input voltage (v) fig. 5 collector current vs. input voltage in -25c 5 6 25c 0.1 v = 5v o 75c 7 50 v = 0.2v o v , input voltage (v) in ds30330 rev. 8 - 2 3 of 4 www.diodes.com ddtc (r1 r2 series) ca ? diodes incorporated
ordering information (note 4) ds30330 rev. 8 - 2 4 of 4 www.diodes.com ddtc (r1 r2 series) ca ? diodes incorporated device packaging shipping ddtc113zca-7-f sot-23 3000/tape & reel ddtc123yca-7-f sot-23 3000/tape & reel ddtc123jca-7-f sot-23 3000/tape & reel ddtc143xca-7-f sot-23 3000/tape & reel ddtc143fca-7-f sot-23 3000/tape & reel ddtc143zca-7-f sot-23 3000/tape & reel DDTC114YCA-7-F sot-23 3000/tape & reel ddtc114wca-7-f sot-23 3000/tape & reel ddtc124xca-7-f sot-23 3000/tape & reel ddtc144vca-7-f sot-23 3000/tape & reel ddtc144wca-7-f sot-23 3000/tape & reel notes: 4. for packaging details, go to our website at http://www.di odes.com/datasheets/ap02007.pdf. marking information nxx ym nxx = product type marking code, see table on page 1 ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september date code key year 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code n p r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of DDTC114YCA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X