Part Number Hot Search : 
P1013AP AA87221 LT6A05 PC100 BB202LX XR19L210 Q208I PC100
Product Description
Full Text Search
 

To Download CSM1Z-A1B1C280-9999D18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cardinal components cardinal components specifications: frequency range: 3.579545 ~ 38.000 mhz at cut fundamental 25.000000 ~ 75.000 mhz at cut 3rd overtone 26.000000 ~ 48.000 mhz bt cut fundamental operating temperature: -10 c ~ +70 c standard -40 c ~ +85 c frequency stability: 100 ppm 50 ppm standard 30 ppm 15 ppm frequency tolerance: 100 ppm (at 25 c) 50 ppm standard 30 ppm 10 ppm load capacitance: standard 18 pf or series. please specify your required load. resistance: maximum resistance corresponds to frequency. see chart below. standard: mode: fundamental or 3rd overtone shunt capacitance: 7 pf max aging: 5 ppm/year drive level: 1.0 mw max optional features: tape and reel (1k per reel) low profile surface mount crystals cardinal ? at-strip ? surface mount crystals are among the most readily available on the market today. many popular frequencies are kept in stock at our facility. note: not all combinations of the above tolerances, stabilities, and temperature ranges are available. consult the factory if your requirement is not standard. csm1 part numbering example: csm1 z - a1 b2 c2 200 - 3.579545 d18 - 3 * note: the above abc combinations cover basic specification options. we tailor our crystal specifications to meet customer requirements. please contact our sales department if you don ? t see exactly what you need. equivalent series resistance (esr), mode of operation (mode), and cut resistance chart: all resistances are maximum values. frequency mhz esr( ? ) mode/cut frequency mhz esr ( ? ) mode/cut 3.579545~4.999 200 max fund./at 15.000~15.999 60 max fund./at 5.000~5.999 150 max fund./at 16.000~23.999 50 max fund./at 6.000~7.999 120 max fund./at 24.000~30.000 40 max fund./at 8.000~8.999 90 max fund./at 24.000~48.000 40 max fund./bt 9.000~9.999 80 max fund./at 24.576~29.999 150 max 3rd overtone/at 10.000~14.999 70 max fund./at 30.000~75.000 100 max 3rd overtone/at series overtone blank: fund. -3: 3rd ot -5: 5th ot -7: 7th ot -bt: bt cut series csm1 csm1 added features blank = bulk pack z = tape and reel z operating temp. a0 = -10 c ~ +60 c a1 = -10 c ~ +70 c a2 = -40 c ~ +85 c a3 = -55 c ~ +125 c a1* stability b1 = 100 b2 = 50 b3 = 30 b4 = 10 b2 tolerance c1 = 100 c2 = 50 c3 = 30 c4 = 10 c2 resistance see chart below 200 frequency 3.579545 load cap. d16,18,20,etc. ds = series d18 - 3 csm1 cardinal components, inc. 155 route 46 west wayne, nj 07470 rev: c-090414-11 tel: (973)785-1333 e-mail: sales@cardinalxtal.com web: http://www.cardinalxtal.com c-10


▲Up To Search▲   

 
Price & Availability of CSM1Z-A1B1C280-9999D18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X