page 1 qw -b0016 CDSV3-217-G features designed for mounting on small surface. high speed switching. high mounting capability , strong surge withstand, high reliability . mechanical data case: sot -323, molded plastic. t erminals: solder plated, solderable per mil-std-750, method 208. w eight: 0.006 gram(approx.). reverse v oltage: 80 v olts forward current: 300 ma rohs device d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) s o t - 3 2 3 0 . 0 8 7 ( 2 . 2 0 ) 0 . 0 7 9 ( 2 . 0 0 ) 0 . 0 5 3 ( 1 . 3 5 ) 0 . 0 4 5 ( 1 . 1 5 ) 3 1 0 . 0 5 5 ( 1 . 4 0 ) 0 . 0 4 7 ( 1 . 2 0 ) 0 . 0 3 9 ( 1 . 1 0 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 9 6 ( 2 . 4 5 ) 0 . 0 8 5 ( 2 . 1 5 ) 0 . 0 0 6 ( 0 . 1 5 ) 0 . 0 0 2 ( 0 . 0 5 ) 0 . 0 0 4 ( 0 . 1 0 ) m a x 0 . 0 1 ( 0 . 2 6 ) m i n 0 . 0 1 6 ( 0 . 4 0 ) 0 . 0 0 8 ( 0 . 2 0 ) CDSV3-217-G 1 2 3 symbol t yp parameter conditions min ma x unit i r electrical characteristics (at t a=25c unless otherwise noted) forward voltage v f v 1.2 i f = 100ma reverse current 0.1 v r = 70v v 8 0 reverse breakdown voltage i r = 100ua v b r p f 2 junction capacitance f=1mhz,and 0 vdc reverse voltage c t ua maximum ratings (at t a=25c unless otherwise noted) t yp v r v rm reverse voltage peak reverse voltage symbol parameter conditions min ma x unit v v 80 80 i o i fm a verage forward current forward current forward current, surge peak ma ma 100 300 i fsm 1 a 2 0 0 m w p d p o w e r d i s s i p a t i o n + 1 2 5 o c t s t g t j s t o r a g e t e m p e r a t u r e j u n c t i o n t e m p e r a t u r e o c + 1 2 5 - 5 5 t = 10ms rev :b s m a l l s i g n a l s w i t c h i n g d i o d e s
page 2 qw -b0016 ra ting and characteristic cur ves (CDSV3-217-G) c a p a c i t a n c e b e t w e e n t e r m i n a l s , ( p f ) reverse voltage, (v) fig.3 - capacitance between terminals characteristics f o r w a r d c u r r e n t , ( a ) 0 . 2 0 . 4 0 1 0 m 1 0 0 u 0 . 6 1 0 u 1 . 4 forward voltage, (v) fig.1 - forward characteristics o 2 5 c o 1 2 5 c r e v e r s e c u r r e n t , ( a ) reverse voltage, (v) 1 0 n 0 1 0 0 n 1 m 1 n 0 2 0 fig.2 - reverse characteristics 0 5 10 15 20 25 30 35 1.0 2.0 f=1mhz o t a =25 c 0 5 0 1 0 0 1 5 0 2 0 0 2 5 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 ambient temperature, (c) p o w e r d a i s s i p a t i o n , ( m w ) mounting on glass epoxy pcbs fig.4 - power derating curve 1.4 1.6 1.2 1.8 1 m 1 0 0 m 1 0 . 8 1 . 0 1 . 2 o 5 7 c 1 0 0 u 1 u 1 0 u o 75 c o 125 c o 25 c 4 0 6 0 8 0 o -25 c o - 2 5 c rev :b s m a l l s i g n a l s w i t c h i n g d i o d e s
page 3 qw -b0016 rev :b b c d d d 2 d 1 s o t - 3 2 3 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 2 . 2 0 0 . 1 0 2 . 4 0 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 1 0 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 1 5 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 8 . 0 0 0 . 3 0 1 4 . 4 m a x . 1 7 8 1 0 . 0 9 4 0 . 0 0 4 0 . 0 8 7 0 . 0 0 4 0 . 0 4 5 0 . 0 0 4 0 . 0 6 1 0 . 0 0 4 7 . 0 0 8 0 . 0 4 0 0 . 5 1 2 0 . 0 0 8 s o t - 3 2 3 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 1 2 0 . 1 3 8 0 . 0 0 2 0 . 0 6 9 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 0 . 5 6 7 m a x e f p p 0 p 1 w w 1 reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a s m a l l s i g n a l s w i t c h i n g d i o d e s
page 4 qw -b0016 rev :b suggested p ad layout size (inch) 0.032 (mm) 0.80 0.80 0.65 0.032 0.025 sot -323 park number CDSV3-217-G marking code a7 marking code 1.94 0.076 e 3.88 0.152 a d c b a b c d a7 3 1 2 e s m a l l s i g n a l s w i t c h i n g d i o d e s standard packaging c a s e t y p e s o t - 3 2 3 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k
|