Part Number Hot Search : 
SM552 LF101SI MICALD04 DBLS204G AAT35 FR24N100 44040 1N3573
Product Description
Full Text Search
 

To Download BYW27-100GPE354 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  byw27-100gp thru byw27-800gp vishay general semiconductor document number: 88949 revision: 03-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 glass passivated junction rectifier features ? superectifier struct ure for high reliability application ? cavity-free glass-passivated junction ? low forward voltage drop ? low leakage current ? high forward surge capability ? meets environmental standard mil-s-19500 ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes for both consumer and automotive applications. mechanical data case: do-204al, molded epoxy over glass body epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test, he3 suffix for high reliability grade (aec q101 qualified), meets jesd 201 class 2 whisker test polarity: color band denotes cathode end primary characteristics i f(av) 1.0 a v rrm 100 v to 800 v i fsm 30 a i r 200 na v f 1.0 v t j max. 175 c patented* do-204al (do-41) ? * glass-plastic encapsulation technique is covered by patent no. 3,996,602, brazed-lead assembly by patent no. 3,930,306 maximum ratings (t a = 25 c unless otherwise noted) parameter symbol byw27- 100gp byw27- 200gp byw27- 400gp byw27- 600gp byw27- 800gp unit maximum repetitive peak reverse voltage v rrm 100 200 400 600 800 v maximum average forward rectified current 0.375" (9.5 mm) lead length (fig. 1) i f(av) 1.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
byw27-100gp thru byw27-800gp vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88949 revision: 03-apr-08 2 note: (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, p.c.b. mounted note: (1) automotive grade aec q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol byw27- 100gp byw27- 200gp byw27- 400gp byw27- 600gp byw27- 800gp unit maximum instantaneous forward voltage 1.0 a t a = 25 c v f 1.0 v maximum reverse current rated v r t a = 25 c i r 200 na typical reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 3.0 s typical junction capacitance 4.0 v, 1 mhz c j 8.0 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol byw27- 100gp byw27- 200gp byw27- 400gp byw27- 600gp byw27- 800gp unit typical thermal resistance (1) r ja 55 c/w ordering information (example) preferred p/n unit weight (g) prefrred package code base quantity delivery mode byw27-600e3/54 0.33 54 5500 13" diameter paper tape and reel byw27-600he3/54 (1) 0.33 54 5500 13" diameter paper tape and reel figure 1. forward current derating curve 20 40 60 8 0 100 120 140 160 1 8 0 0 0.2 0.4 0.6 0. 8 1.0 60 hz resisti v e or ind u cti v e load am b ient temperat u re (c) a v erage for w ard re ctified c u rrent (a) 0.375" (9.5 mm) lead length figure 2. maximum non-repetitive peak forward surge current 1 10 100 10 5 15 20 25 30 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) t a = 75 c 8 .3 ms single half sine- w a v e
byw27-100gp thru byw27-800gp vishay general semiconductor document number: 88949 revision: 03-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics 0.6 0. 8 1.0 1.2 1.4 1.6 10 100 1 0.1 0.01 t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 0 20 40 60 8 0 100 0.01 0.001 0.1 1 10 t j = 125 c t j = 25 c t j = 75 c percent of rated peak re v erse v oltage (%) instantaneo u s re v erse c u rrent ( a) figure 5. typical junction capacitance 1 0.1 10 100 10 1 100 re v erse v oltage ( v ) j u nction capaci tance (pf) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p do-204al (do-41) 1.0 (25.4) mi n . 1.0 (25.4) mi n . 0.205 (5.2) 0.160 (4.1) 0.107 (2.7) 0.0 8 0 (2.0) dia. 0.034 (0. 8 6) 0.02 8 (0.71) dia.
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of BYW27-100GPE354

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X