Part Number Hot Search : 
C3001 K4S64 2SC3069 IPS511G LS3958 39VF80 ST6252C MT8885
Product Description
Full Text Search
 

To Download BLFA054SYCK-6V-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad0379 rev no: v.2 date:jan/08/2005 page: 1 of 3 approved: j. lu checked: allen liu drawn:y.cheng package dimension s blfa054syck - 6v - p super bright yellow notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0 .25(0.01") unless otherwise noted. 3. specifications are subject to change without notice. features  built - in current limiting resistor for direct application of different across current.  long life.  low maintenance.  different color available.  solid state, high vibration resistant.  6v internal resistor.  rohs compliant. 5mm flange based led lamp description the super bright yellow source color devices are made with dh ingaalp on gaas substrate light emitting diode.
spec no: dsad0379 rev no: v.2 date:jan/08/2005 page: 2 of 3 approved: j. lu checked: allen liu drawn:y.cheng selection guid e note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c part no. dice lens type iv (mcd) v=6v viewing angle min. typ. 2 ? 1/2 blfa054syck - 6v -p super bright yellow (ingaaip) water clear 36 130 110 symbol parameter device typ. max. units test conditions peak peak wavelength super bright yellow 590 nm v f =6v d dominant wavelength super bright yellow 590 nm v f =6v ? 1/2 spectral line half - width super bright yellow 20 nm v f =6v i f forward current super bright yellow 20 ma v f =6v i r reverse current super bright yellow 10 ua v r = 5v parameter super bright yellow units power dissipation 140 mw forward voltage 7 v reverse voltage 5 v operating temperature - 40c to +70c storage temperature - 40c to +85c
spec no: dsad0379 rev no: v.2 date:jan/08/2005 page: 3 of 3 approved: j. lu checked: allen liu drawn:y.cheng super bright yellow blfa054syck - 6v -p


▲Up To Search▲   

 
Price & Availability of BLFA054SYCK-6V-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X