bas40tw/dw-04/ 200mw schottky barrier features ? fast switching ? low forward voltage drop ? low power dissipation ? ultra-small surface mount package maximum ratings symbol rating rating unit v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc blocking voltage 40 v io average rectified output current 200 ma r ja thermal resistance junction to ambient 625 /w p d power dissipation 200 mw t j junction temperature -55 to +125 ------------ t stg storage temperature -65 to +125 electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max test conditions i r reverse voltage leakage current --- 2 00na v r =30v v f forward voltage --- --- 0.38v 1.0v i f =1ma i f =40ma c t total capacitance --- 5pf v r =0v, f=1mhz t rr reverse recovery time --- 5.0ns i f =10ma,i r =i f =1ma r l =100 revision: a 2011 /01 /01 sot-363 inches mm dim min max min max note a .006 .014 0.15 0.35 b .045 .053 1.15 1.35 c .085 .096 2.15 2.45 d .026 0.65nominal g .047 .055 1.20 1.40 h .071 .087 1.80 2.20 j --- .004 --- 0.10 k .035 .043 0.90 1.10 l .010 .018 0.26 0.46 m .003 .006 0.08 0.15 j m a c b g h k d l omp onents 20736 marilla street chatsworth
mcc tm micro commercial components dw-05 /dw-06 /brw dimensions diode
new product i r =10 a v (br) reverse breakdown voltage 40v ----- bas40dw-05 marking: k45 bas40tw marking: k43 BAS40DW-04 marking: k44 a 1 a 2 c 2 c 1 c 2 c 1 bas40dw-06 marking: k46 1 c 1 c 2 a 2 a 1 a 2 a 1 ac 1 ac 2 c 2 a 1 a 2 c 1 ac 1 ac 2 c 1 a 1 c 2 a 2 c 1 a 3 c 2 a 1 c 3 a 2 bas40brw marking: k47 www. mccsemi .com 1 of 3 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
bas40tw/dw-04/dw-05/dw-06/brw mcc revision: a 2011 /01/0 1 tm micro commercial components 0 100 200 t , ambient temperature (oc) a fi g . 4 power deratin g curve, total packa g e p , power dissipation (mw) d 0 50 100 150 200 2 5 0 0 1 3 2 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance f = 1.0mhz 0.1 1 10 100 1000 10000 0 10 20 30 40 v , instantaneous reverse voltage (v) r fig. 2 typical reverse characteristics i , instantane o us reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t=0oc a 0.01 0.1 1 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (v) f fig. 1 typical forward voltage t = -40oc a t = 125oc a t = 75oc a t = 25oc a t = 0oc a www. mccsemi .com 2 of 3
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.
|