Part Number Hot Search : 
C5750X7R 2SD90 07K460 13156 CMF85A E001700 1006F TZJ18
Product Description
Full Text Search
 

To Download AWSZT-350MHZ-MGD-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | awszt-mgd 7.4 x 3.4 x 1.8 mm smd ceramic resonator electrical characteristics: 7.4 x 3.4 x 1.8 mm features: applications: rohs compliant test condition and test circuit: pb in ceramic (exempt per rohs 2002/95/ec annex (7)) 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 09.05.10 visit www.abracon.com for terms & conditions of sale parts shall be measured under a condition (temp.: 2015c, humidity: 6520% r.h.) unless the standard condition (temp: 253c, humidity: 6510% r.h.) is regulated to measure aging rate (fosc) 0.3% max. (10 years) item requirement 50v (dc , 1 min) rating voltage 30pf 20% (c1=c2) 100m min. (10v, 1min) frequency tolerance 0.5% 0.3% max. (-25oc to +85oc) see table (1) d.c.voltage 6 v.d.c. max frequency stability withstanding voltage operation temperature -25oc to +85oc insulation resistance storage temperature -55 o c to +85 o c frequency range 2.00mhz to 8.00mhz (2) a.c. voltage 15 vp-p. max load capacitance resonant impedance table 30 max 3.50 mhz - 8.00 mhz 50 max 3.00 mhz - 3.49 mhz resonant impedance (ro) (?) 100 max frequency range (mhz) 2.00 mhz - 2.99 mhz x: ceramic resonator c1=c2=30pf20% ? remote controls, microprocessor clocks, mobile phones, dvd & cd-roms, electric appliances ? consumer electronics ? ir reflow capable ? low cost ? low resonant impedance options & part identification: x.xxmhz t for tape and reel awszt - frequency- mgd - frequency packaging * please contact abracon for tighter stability and/or wider temperature range * * awszt-mgd abracon is certified abracon is iso9001:2008 certified
|||||||||||||| | awszt-mgd 7 . 4 x 3. 4 x 1.8 mm s md cer a m i c r e s o nat o r rohs pb in c er amic (ex empt per rohs 2002/95/ec annex (7)) 3033 2 e s p e ranza , ra n c h o s a n t a mar g a rita , c alif o r n i a 9268 8 t e l 949- 546- 8000 | f a x 949- 546- 800 1 | w w w . abra c o n . c o m revised: 09 .05 .10 visit www.abracon.com for terms & conditions of sale re co mme n de d l a nd p a tte rn output input 3.4 0.3 7 . 4 0 . 3 5 . 0 0. 3 1.8 0.3 1.2 0.3 1.2 0.3 4.0 0.3 5.0 0.3 1.7 0.3 a b w t p ieces p e r r eel c a rrier tape s ize 3 30 3 80min 16 .4min 22. 4 max 400 0 t y p . 16 blan k p ock e t 1 0 p i tch e s loa ded p ocke t blank poc k e t 10 p i tch e s leade r 2 0 0mm m a x p eelin g s t r e n g t h 20- 70g c a r r ie r tap e t o p tap e 1 0 max 7 . 4 x 3 . 4 x 1 . 8 m m a wszt -mgd abracon is cer tified abracon is iso9001:2008 cer tified compliant dimensions: mm outline drawing: dimensions: mm tape & reel: (4,000pcs/reel)
|||||||||||||| | awszt-mgd 7 . 4 x 3. 4 x 1.8 mm s md cer a m i c r e s o nat o r rohs pb in c er amic (ex empt per rohs 2002/95/ec annex (7)) 3033 2 e s p eranza , ranc h o s a nt a ma r g a rit a , cal ifo r n i a 9268 8 te l 949- 546- 8000 | f a x 949- 546- 800 1 | w w w . abr a c on. c o m revised: 09.05.10 visit www.abracon.com for terms & conditions of sale 7 . 4 x 3 . 4 x 1 . 8 m m a wszt -mgd abracon is cer tified abracon is iso9001:2008 cer tified compliant reflow profile: ? do not apply excess mechanical stress to the component body or terminations. do not attempt to re-form or bend the components as this will cause damage to the component. ? this component is not hermetically sealed. do not clean or wash the comp onent. ? reflow soldering: do not use strong acidity flux ,such as flux with chlorine content of greater than 0.2wt% during reflow soldering. ? do not expose the component to open flame. ? this specification applies to the functionality of the component as a single unit. customers are advised to insure that the component is thoroughly evaluated in the particular application. ? shelf life: the warranted shelf life of this product is six months after the delivery date under the conditions of sealed, unopened, original packaging. ? storage conditions: if the product is to be stored for a period greater than six months after the delivery date, it is recommended that customers confirm the solderability and characteristics for the product prior to use. ? this product is not recommended for use in the following applications: automotive, medical, militar y , safety , or any other high-reliabilit y , life-dependant application. contact abracon corporation prior to using this product when in doubt. caution p eak : 2 6 0max 2 5 0 p r e - h e a t i n g 1 0 s m a x w i t h i n 80- 120 s . w i thi n 2 0 -40 s 30s min 2 3 0 1 5 0 1 0 0 attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of AWSZT-350MHZ-MGD-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X