Part Number Hot Search : 
DK30S16 STBS068 STBS06H 18F66 L7818 STF701TG MSZ52 PS11422
Product Description
Full Text Search
 

To Download ADP2108ACBZ-182-R7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  compact, 600 ma, 3 mhz, step-down dc-to-dc converter adp2108 rev. e information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781.329.4700 www.analog.com fax: 781.461.3113 ?2008C2010 analog devices, inc. all rights reserved. features peak efficiency: 95% 3 mhz fixed frequency operation typical quiescent current: 18 a maximum load current: 600 ma input voltage: 2.3 v to 5.5 v uses tiny multilayer inductors and capacitors current mode architecture for fast load and line transient response 100% duty cycle low dropout mode internal synchronous rectifier internal compensation internal soft start current overload protection thermal shutdown protection shutdown supply current: 0.2 a available in 5-ball wlcsp 5-lead tsot applications pdas and palmtop computers wireless handsets digital audio, portable media players digital cameras, gps navigation units general description the adp2108 is a high efficiency, low quiescent current step- down dc-to-dc converter manufactured in two different packages. the total solution requires only three tiny external components. it uses a proprietary, high speed current mode, constant frequency pwm control scheme for excellent stability and transient response. to ensure the longest battery life in portable applications, the adp2108 has a power save mode that reduces the switching frequency under light load conditions. the adp2108 runs on input voltages of 2.3 v to 5.5 v, which allows for single lithium or lithium polymer cell, multiple alkaline or nimh cell, pcmcia, usb, and other standard power sources. the maximum load current of 600 ma is achievable across the input voltage range. the adp2108 is available in fixed output voltages of 3.3 v, 3.0 v, 2.5 v, 2.3 v, 1.82 v, 1.8 v, 1.5 v, 1.3 v, 1.2 v, 1.1 v, and 1.0 v. all versions include an internal power switch and synchronous rect- ifier for minimal external part count and high efficiency. the adp2108 has an internal soft start and is internally compensated. during logic controlled shutdown, the input is disconnected from the output and the adp2108 draws less than 1 a from the input source. other key features include undervoltage lockout to prevent deep battery discharge and soft start to prevent input current over- shoot at startup. the adp2108 is available in 5-ball wlcsp and 5-lead tsot packages. the adp2109 provides the same features and operations as the adp2108 and has the additional function of a discharge switch in the wlcsp package. typical applications circuit 1.0v to 3.3v 10f 1h on off gnd 4.7f 0 7375-003 vin sw fb en 2.3v to 5.5v a dp2108 figure 1.
adp2108 rev. e | page 2 of 20 table of contents features .............................................................................................. 1 ? applications....................................................................................... 1 ? general description ......................................................................... 1 ? typical applications circuit............................................................ 1 ? revision history ............................................................................... 2 ? specifications..................................................................................... 3 ? absolute maximum ratings............................................................ 4 ? thermal resistance ...................................................................... 4 ? esd caution.................................................................................. 4 ? pin configuration and function descriptions............................. 5 ? typical performance characteristics ............................................. 6 ? theory of operation ...................................................................... 11 ? control scheme .......................................................................... 11 ? pwm mode................................................................................. 11 ? power save mode........................................................................ 11 ? enable/shutdown ....................................................................... 11 ? short-circuit protection............................................................ 12 ? undervoltage lockout ............................................................... 12 ? thermal protection.................................................................... 12 ? soft start ...................................................................................... 12 ? current limit .............................................................................. 12 ? 100% duty operation................................................................ 12 ? applications information .............................................................. 13 ? external component selection ................................................ 13 ? thermal considerations............................................................ 14 ? pcb layout guidelines.............................................................. 14 ? evaluation board ............................................................................ 15 ? outline dimensions ....................................................................... 16 ? ordering guide .......................................................................... 17 ? revision history 10/10rev. d to rev. e changed ?40c to +85c to ?40c to +125c throughout .........3 changes to ordering guide .......................................................... 17 1/10rev. c to rev. d changes to ordering guide .......................................................... 17 4/09rev. b to rev. c changes to general description section ...................................... 1 2/09rev. a to rev. b added 5-lead tsot package ...........................................universal changes to absolute maximum ratings section......................... 4 updated outline dimensions ....................................................... 16 changes to ordering guide .......................................................... 17 11/08rev. 0 to rev. a changes to figure 4.......................................................................... 6 updated outline dimensions ....................................................... 16 9/08revision 0: initial version
adp2108 rev. e | page 3 of 20 specifications v in = 3.6 v, v out = 1.8 v, t j = ?40c to +125c for minimum/maximum specifications, and t a = 25c for typical specifications, unless otherwise noted. 1 table 1. parameter test conditions/comments min typ max unit input characteristics input voltage range 2.3 5.5 v undervoltage lockout threshold v in rising 2.3 v v in falling 2.05 2.15 2.25 v output characteristics output voltage accuracy pwm mode ?2 +2 % v in = 2.3 v to 5.5 v, pwm mode ?2.5 +2.5 % power save mode to pwm current threshold 85 ma pwm to power save mode current threshold 80 ma input current characteristics dc operating current i load = 0 ma, device not switching 18 30 a shutdown current en = 0 v, t a = t j = ?40c to +125c 0.2 1.0 a sw characteristics sw on resistance (wlcsp) pfet 320 m nfet 300 m sw on resistance (tsot) pfet 380 m nfet 260 m current limit pfet switch peak current limit 1100 1300 1500 ma enable characteristics en input high threshold 1.2 v en input low threshold 0.4 v en input leakage current en = 0 v, 3.6 v ?1 0 +1 a oscillator frequency i load = 200 ma 2.5 3.0 3.5 mhz start-up time 550 s thermal characteristics thermal shutdown threshold 150 c thermal shutdown hysteresis 20 c 1 all limits at temperature extremes ar e guaranteed via correlation using standard statistical quality control (sqc).
adp2108 rev. e | page 4 of 20 absolute maximum ratings table 2. parameter rating vin, en ?0.4 v to +6.5 v fb, sw to gnd ?1.0 v to (v in + 0.2 v) operating ambient temperature range ?40c to +125c operating junction temperature range ?40c to +125c storage temperature range ?65c to +150c lead temperature range ?65c to +150c soldering (10 sec) 300c vapor phase (60 sec) 215c infrared (15 sec) 220c esd human body model 1500 v esd charged device model 500 v esd machine model 100 v stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. absolute maximum ratings apply individually only, not in combination. unless otherwise specified, all other voltages are referenced to gnd. the adp2108 can be damaged when the junction temperature limits are exceeded. monitoring ambient temperature does not guarantee that t j is within the specified temperature limits. in applications with high power dissipation and poor thermal resistance, the maximum ambient temperature may have to be derated. in applications with moderate power dissipation and low pcb thermal resistance, the maximum ambient temperature can exceed the maximum limit as long as the junction temperature is within specification limits. the junction temperature (t j ) of the device is dependent on the ambient temperature (t a ), the power dissipation (p d ) of the device, and the junction-to- ambient thermal resistance of the package ( ja ). maximum junction temperature (t j ) is calculated from the ambient temperature (t a ) and power dissipation (p d ) using the formula t j = t a + (p d ja ). thermal resistance ja is specified for a device mounted on a jedec 2s2p pcb. table 3. thermal resistance package type ja unit 5-ball wlcsp 105 c/w 5-lead tsot 119 c/w esd caution
adp2108 rev. e | page 5 of 20 pin configuration and fu nction descriptions vin gnd sw en fb top view (ball side down) not to scale 07375-002 1 a b c 2 ball a 1 indicator figure 2 wlcsp pin configuration table 4. wlcsp pin function descriptions pin o. nemonic description a1 vin power source input. vin is the source of the pfet high -side switch. bypass vin to gnd with a 2.2 f or greater capacitor as close to the adp2108 as possible. a2 gnd ground. connect all the inp ut and output capacitors to gnd. b sw switch node output. sw is the drain of the pfet switch and nfet synchronous rectifier. c1 en enable input. drive en high to turn on the adp2108. driv e en low to turn it off and reduce the input current to 0.2 a. c2 fb feedback input of the error amplifier. conne ct fb to the output of the switching regulator. adp2108 top view (not to scale) 1 vin 2 gnd 3 en 5 sw 4 fb 07375-040 figure 3. tsot pin configuration table 5. tsot pin function descriptions pin o. nemonic description 1 vin power source input. vin is the source of the pfet high -side switch. bypass vin to gnd with a 2.2 f or greater capacitor as close to the adp2108 as possible. 2 gnd ground. connect all the input and output capacitors to gnd. 3 en enable input. drive en high to turn on the adp2108. drive en low to turn it off and reduce the input current to 0.1 a. 4 fb feedback input of the error amplifier. connect fb to the output of the switching regulator. 5 sw switch node output. sw is the drain of the pfet switch and nfet synchronous rectifier.
adp2108 rev. e | page 6 of 20 typical performance characteristics v in = 3.6 v, t a = 25c, v en = v in , unless otherwise noted. 12 14 16 18 20 22 24 2.5 3.0 3.5 4.0 4.5 5.0 5.5 0 7375-014 input voltage (v) quiescent current (a) ?40c +25c +85c figure 4. quiescent supply current vs. input voltage 2500 2600 2700 2800 2900 3000 3100 3200 3300 3400 3500 2.3 2.8 3.3 3.8 4.3 4.8 5.3 07375-015 input voltage (v) frequency (khz) ?40c +25c +85c figure 5. switching frequency vs. input voltage 1.795 1.800 1.805 1.810 1.815 1.820 1.825 1.830 1.835 1.840 ?45 ?25 ?5 15 35 55 75 07375-016 temperature (c) output voltage (v) i out = 10ma i out = 150ma i out = 500ma figure 6. output vo ltage vs. temperature 600 700 800 900 1000 1100 1200 1300 1400 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 07375-017 input voltage (v) current limit (ma) figure 7. pmos current limit vs. input voltage 2.53.03.54.04.55.05.5 ?40c 07375-018 input voltage (v) output current (a) 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.11 0.12 0.13 0.14 0.15 +85c pwm to psm psm to pwm figure 8. mode transition across temperature 2.5 3.0 3.5 4.0 4.5 5.0 5.5 0 7375-019 input voltage (v) output current (a) 0.06 0.07 0.08 0.09 0.10 0.11 0.12 0.13 0.14 0.15 pwm to psm psm to pwm figure 9. mode transition
adp2108 rev. e | page 7 of 20 0 0.1 0.2 0.3 0.4 0.5 0.6 07375-020 output current (a) output voltage (v) 1.775 1.785 1.795 1.805 1.815 1.825 v in = 2.7v v in = 3.6v v in = 4.5v v in = 5.5v figure 10. load regulation, v out = 1.8 v 0 0.1 0.2 0.3 0.4 0.5 0.6 0.990 0.995 1.000 1.005 1.010 1.015 1.020 1.025 07375-021 output current (a) output voltage (v) 0.985 v in = 2.7v v in = 3.6v v in = 4.5v v in = 5.5v figure 11. load regulation, v out = 1.0 v 0 0.1 0.2 0.3 0.4 0.5 0.6 0 7375-022 output current (a) output voltage (v) 3.2175 3.2375 3.2575 3.2775 3.2975 3.3175 3.3375 3.3575 3.3775 v in = 3.6v v in = 4.5v v in = 5.5v figure 12. load regulation, v out = 3.3 v 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 07375-023 output current (a) efficiency (%) v in = 2.7v v in = 3.6v v in = 4.5v v in = 5.5v figure 13. efficiency, v out = 1.8 v 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 07375-024 output current (a) efficiency (%) v in = 2.7v v in = 3.6v v in = 4.5v v in = 5.5v figure 14. efficiency, v out = 1.0 v 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 07375-025 output current (a) efficiency (%) v in = 3.6v v in = 4.5v v in = 5.5v figure 15. efficiency, v out = 3.3 v
adp2108 rev. e | page 8 of 20 07375-026 ch1 50mv ch4 2v ch3 1v m 40s a ch3 3.26v 1 4 3 t 10.80% v in sw v out figure 16. line transient, v out = 1.8 v, power save mode, 20 ma 07375-027 ch1 20mv ch4 2v ch3 1v m 40s a ch3 3.26v 1 4 3 t 10.80% v in sw v out figure 17. line transient, v out = 1.8 v, pwm, 200 ma 07375-028 ch1 50mv ch4 2v ch3 1v m 40s a ch3 3.26v 1 4 3 t 10.80% v in sw v out figure 18. line transient, v out = 1.0 v, pwm, 200 ma 07375-029 ch1 50mv ch4 2v ch3 1v m 40s a ch3 4.4v 1 4 3 t 10.80% v in sw v out figure 19. line transient, v out = 3.3 v, pwm, 200 ma 07375-030 ch1 50mv ch2 200ma ? ch4 2v m 40s a ch2 36ma 1 2 4 t 19.80% sw v out i out figure 20. load transient, v out = 1.8 v, 300 ma to 600 ma 07375-031 ch1 50mv ch2 250ma ch4 2v m 40s a ch2 5ma 2 1 4 t 25.4% sw v out i out figure 21. load transient, v out = 1.8 v, 50 ma to 300 ma
adp2108 rev. e | page 9 of 20 07375-032 ch1 50mv ch2 50ma ? ch4 2v m 40s a ch2 12ma 2 1 4 t 25.4% sw v out i out figure 22. load transient, v out = 1.8 v, 5 ma to 50 ma 07375-033 ch1 1v ch4 5v ch2 250ma ch3 5v m 40s a ch3 2v 1 3 4 2 t 10.80% sw i l v out en figure 23. start-up, v out = 1.8 v, 400 ma 07375-034 ch1 1v ch4 5v ch2 250ma ch3 5v m 40s a ch3 2v 1 2 4 3 t 10.80% sw i l v out en figure 24. start-up, v out = 1.8 v, 5 ma 07375-035 ch1 500mv ch4 5v ch2 500ma ch3 5v m 40s a ch3 2.1v 3 1 2 4 t 19.80% sw i l v out en figure 25. start-up, v out = 1.0 v, 600 ma 07375-036 ch1 2v ch4 5v ch2 250ma ch3 5v m 40s a ch3 2v 1 3 4 2 t 10.80% sw i l v out en figure 26. start-up, v out = 3.3 v, 150 ma 07375-037 ch1 50mv ch2 500ma ch4 2v m 2s a ch4 2.64ma 1 2 4 t 20% v out i l sw figure 27. typical power save mode waveform, 50 ma
adp2108 rev. e | page 10 of 20 07375-038 ch1 20mv ch2 200ma ch4 2v m 200ns a ch4 2.64v 1 2 4 t 20% v out i l sw figure 28. typical pwm waveform, 200 ma
adp2108 rev. e | page 11 of 20 theory of operation gnd fb vin sw en adp2108 07375-001 soft start undervoltage lockout oscillator thermal shutdown driver and antishoot- through psm comp low current pwm comp i limit gm error amp pwm/ psm control figure 29. functional block diagram the adp2108 is a step-down dc-to-dc converter that uses a fixed frequency and high speed current mode architecture. the high switching frequency allows for a small step-down, dc-to-dc converter solution. the adp2108 operates with an input voltage of 2.3 v to 5.5 v and regulates an output voltage down to 1.0 v. control scheme the adp2108 operates with a fixed frequency, current mode pwm control architecture at medium to high loads for high efficiency, but shifts to a power save mode control scheme at light loads to lower the regulation power losses. when operating in fixed frequency pwm mode, the duty cycle of the integrated switches is adjusted and regulates the output voltage. when operating in power save mode at light loads, the output voltage is controlled in a hysteretic manner, with higher v out ripple. during part of this time, the converter is able to stop switching and enters an idle mode, which improves conversion efficiency. pwm mode in pwm mode, the adp2108 operates at a fixed frequency of 3 mhz, set by an internal oscillator. at the start of each oscillator cycle, the pfet switch is turned on, sending a positive voltage across the inductor. current in the inductor increases until the current sense signal crosses the peak inductor current threshold that turns off the pfet switch and turns on the nfet synchronous rectifier. this sends a negative voltage across the inductor, causing the inductor current to decrease. the synchronous rectifier stays on for the rest of the cycle. the adp2108 regulates the output voltage by adjusting the peak inductor current threshold. power save mode the adp2108 smoothly transitions to the power save mode of operation when the load current decreases below the power save mode current threshold. when the adp2108 enters power save mode, an offset is induced in the pwm regulation level, which makes the output voltage rise. when the output voltage reaches a level approximately 1.5% above the pwm regulation level, pwm operation is turned off. at this point, both power switches are off, and the adp2108 enters an idle mode. c out discharges until v out falls to the pwm regulation voltage, at which point the device drives the inductor to make v out rise again to the upper threshold. this process is repeated while the load current is below the power save mode current threshold. power save mode current threshold the power save mode current threshold is set to 80 ma. the adp2108 employs a scheme that enables this current to remain accurately controlled, independent of v in and v out levels. this scheme also ensures that there is very little hysteresis between the power save mode current threshold for entry to and exit from the power save mode. the power save mode current threshold is optimized for excellent efficiency over all load currents. enable/shutdown the adp2108 starts operation with soft start when the en pin is toggled from logic low to logic high. pulling the en pin low forces the device into shutdown mode, reducing the shutdown current below 1 a.
adp2108 rev. e | page 12 of 20 short-circuit protection the adp2108 includes frequency foldback to prevent output current runaway on a hard short. when the voltage at the feedback pin falls below half the target output voltage, indicat- ing the possibility of a hard short at the output, the switching frequency is reduced to half the internal oscillator frequency. the reduction in the switching frequency allows more time for the inductor to discharge, preventing a runaway of output current. undervoltage lockout to protect against battery discharge, undervoltage lockout (uvlo) circuitry is integrated on the adp2108. if the input voltage drops below the 2.15 v uvlo threshold, the adp2108 shuts down, and both the power switch and the synchronous rectifier turn off. when the voltage rises above the uvlo thresh- old, the soft start period is initiated, and the part is enabled. thermal protection in the event that the adp2108 junction temperature rises above 150c, the thermal shutdown circuit turns off the converter. extreme junction temperatures can be the result of high current operation, poor circuit board design, or high ambient temperature. a 20c hysteresis is included so that when thermal shutdown occurs, the adp2108 does not return to operation until the on-chip temperature drops below 130c. when coming out of thermal shutdown, soft start is initiated. soft start the adp2108 has an internal soft start function that ramps the output voltage in a controlled manner upon startup, thereby limiting the inrush current. this prevents possible input voltage drops when a battery or a high impedance power source is connected to the input of the converter. after the en pin is driven high, internal circuits start to power up. the time required to settle after the en pin is driven high is called the power-up time. after the internal circuits are powered up, the soft start ramp is initiated and the output capacitor is charged linearly until the output voltage is in regulation. the time required for the output voltage to ramp is called the soft start time. start-up time in the adp2108 is the measure of when the output is in regulation after the en pin is driven high. start-up time consists of the power-up time and the soft start time. current limit the adp2108 has protection circuitry to limit the amount of positive current flowing through the pfet switch and the synchronous rectifier. the positive current limit on the power switch limits the amount of current that can flow from the input to the output. the negative current limit prevents the inductor current from reversing direction and flowing out of the load. 100% duty operation with a drop in v in or with an increase in i load , the adp2108 reaches a limit where, even with the pfet switch on 100% of the time, v out drops below the desired output voltage. at this limit, the adp2108 smoothly transitions to a mode where the pfet switch stays on 100% of the time. when the input conditions change again and the required duty cycle falls, the adp2108 immediately restarts pwm regulation without allowing over- shoot on v out .
adp2108 rev. e | page 13 of 20 applications information external component selection trade-offs between performance parameters such as efficiency and transient response can be made by varying the choice of external components in the applications circuit, as shown in figure 1 . inductor the high switching frequency of the adp2108 allows for the selection of small chip inductors. for best performance, use inductor values between 0.7 h and 3 h. recommended inductors are shown in tabl e 6 . the peak-to-peak inductor current ripple is calculated using the following equation: lfv vvv i sw in out in out ripple ? = ) ( where: f sw is the switching frequency. l is the inductor value. the minimum dc current rating of the inductor must be greater than the inductor peak current. the inductor peak current is calculated using the following equation: 2 )( ripple max load peak i ii + = inductor conduction losses are caused by the flow of current through the inductor, which has an associated internal dcr. larger sized inductors have smaller dcr, which may decrease inductor conduction losses. inductor core losses are related to the magnetic permeability of the core material. because the adp2108 is a high switching frequency dc-to-dc converter, shielded ferrite core material is recommended for its low core losses and low emi. table 6. suggested 1.0 h inductors vendor model dimensions i sat (ma) dcr (m) murata lqm21pn1r0m 2.0 1.25 0.5 800 190 murata lqm31pn1r0m 3.2 1.6 0.85 1200 120 murata lqm2hpn1r0m 2.5 2.0 1.1 1500 90 coilcraft lps3010-102 3.0 3.0 0.9 1700 85 toko mdt2520-cn 2.5 2.0 1.2 1800 100 tdk cpl2512t 2.5 1.5 1.2 1500 100 output capacitor higher output capacitor values reduce the output voltage ripple and improve load transient response. when choosing this value, it is also important to account for the loss of capacitance due to output voltage dc bias. ceramic capacitors are manufactured with a variety of dielectrics, each with different behavior over temperature and applied voltage. capacitors must have a dielectric adequate to ensure the minimum capacitance over the necessary temperature range and dc bias conditions. x5r or x7r dielectrics with a voltage rating of 6.3 v or 10 v are recommended for best performance. y5v and z5u dielectrics are not recommended for use with any dc-to-dc converter because of their poor temperature and dc bias characteristics. the worst-case capacitance accounting for capacitor variation over temperature, component tolerance, and voltage is calcu- lated using the following equation: c eff = c out (1 ? tempco ) (1 ? tol) where: c eff is the effective capacitance at the operating voltage. tempco is the worst-case capacitor temperature coefficient. tol is the worst-case component tolerance. in this example, the worst-case temperature coefficient (tempco) over ?40c to +125c is assumed to be 15% for an x5r dielectric. the tolerance of the capacitor (tol) is assumed to be 10%, and c out is 9.2481 f at 1.8 v, as shown in figure 30 . substituting these values in the equation yields c eff = 9.2481 f (1 ? 0.15) (1 ? 0.1) = 7.0747 f to guarantee the performance of the adp2108, it is imperative that the effects of dc bias, temperature, and tolerances on the behavior of the capacitors be evaluated for each application. 0 2 4 6 8 10 12 0123456 07375-007 dc bias voltage (v) capacitance (f) figure 30. typical capacitor performance the peak-to-peak output voltage ripple for the selected output capacitor and inductor values is calculated using the following equation: () out sw in ripple clf v v = 2 2 out sw ripple cf i = 8 capacitors with lower equivalent series resistance (esr) are preferred to guarantee low output voltage ripple, as shown in the following equation: rippl e ripple cout i v esr
adp2108 rev. e | page 14 of 20 the effective capacitance needed for stability, which includes temperature and dc bias effects, is 7 f. table 7. suggested 10 f capacitors vendor type model case size voltage rating (v) murata x5r grm188r60j106 0603 6.3 taiyo yuden x5r jmk107bj106 0603 6.3 tdk x5r c1608jb0j106k 0603 6.3 input capacitor higher value input capacitors help to reduce the input voltage ripple and improve transient response. maximum input capacitor current is calculated using the following equation: in out in out max load cin v vvv ii )( )( ? to minimize supply noise, place the input capacitor as close to the vin pin of the adp2108 as possible. as with the output capacitor, a low esr capacitor is recommended. the list of recommended capacitors is shown in table 8 . table 8. suggested 4.7 f capacitors vendor type model case size voltage rating (v) murata x5r grm188r60j475 0603 6.3 taiyo yuden x5r jmk107bj475 0603 6.3 tdk x5r c1608x5r0j475 0603 6.3 thermal considerations because of the high efficiency of the adp2108, only a small amount of power is dissipated inside the adp2108 package, which reduces thermal constraints. however, in applications with maximum loads at high ambient temperature, low supply voltage, and high duty cycle, the heat dissipated in the package is great enough that it may cause the junction temperature of the die to exceed the maximum junction temperature of 125c. if the junction temperature exceeds 150c, the converter goes into thermal shutdown. it recovers when the junction temperature falls below 130c. the junction temperature of the die is the sum of the ambient temperature of the environment and the temperature rise of the package due to power dissipation, as shown in the following equation: t j = t a + t r where: t j is the junction temperature. t a is the ambient temperature. t r is the rise in temperature of the package due to power dissipation. the rise in temperature of the package is directly proportional to the power dissipation in the package. the proportionality constant for this relationship is the thermal resistance from the junction of the die to the ambient temperature, as shown in the following equation: t r = ja p d where: t r is the rise in temperature of the package. ja is the thermal resistance from the junction of the die to the ambient temperature of the package. p d is the power dissipation in the package. pcb layout guidelines poor layout can affect adp2108 performance, causing electro- magnetic interference (emi) and electromagnetic compatibility (emc) problems, ground bounce, and voltage losses. poor layout can also affect regulation and stability. a good layout is implemented using the following rules: ? place the inductor, input capacitor, and output capacitor close to the ic using short tracks. these components carry high switching frequencies, and large tracks act as antennas. ? route the output voltage path away from the inductor and sw node to minimize noise and magnetic interference. ? maximize the size of ground metal on the component side to help with thermal dissipation. ? use a ground plane with several vias connecting to the com- ponent side ground to further reduce noise interference on sensitive circuit nodes.
adp2108 rev. e | page 15 of 20 evaluation board v out gnd out v out a dp2108 tb3 tb4 c out 10f l1 1h u1 1b c2 a1 v in c1 a2 gnd 2 c in 4.7f 07375-004 v in en en vin sw fb en tb1 tb2 gnd in tb5 figure 31. evaluation board schematic 07375-005 figure 32. recommended wlcsp top layer 07375-006 figure 33. recommended wlcsp bottom layer 07375-041 figure 34. recommended tsot top layer 07375-042 figure 35. recommended tsot bottom layer
adp2108 rev. e | page 16 of 20 outline dimensions 021109-b a b c 0.657 0.602 0.546 1.06 1.02 0.98 1.49 1.45 1.41 1 2 bottom view (ball side up) top view (ball side down) 0.330 0.310 0.290 0.866 ref 0.022 ref seating plane 0.50 ref 0.355 0.330 0.304 0.280 0.250 0.220 coplanarity 0.04 0.50 ball a1 identifier figure 36. 5-ball wafer level chip scale package [wlcsp] (cb-5-3) dimensions shown in millimeters 100708-a * compliant to jedec standards mo-193-ab with the exception of package height and thickness. 1.60 bsc 2.80 bsc 1.90 bsc 0.95 bsc 0.20 0.08 0.60 0.45 0.30 8 4 0 0.50 0.30 0.10 max * 1.00 max * 0.90 max 0.70 min 2.90 bsc 54 12 3 seating plane figure 37. 5-lead thin small outline transistor package [tsot] (uj-5) dimensions shown in millimeters
adp2108 rev. e | page 17 of 20 ordering guide model 1 temperature range output voltage (v) package description package option branding adp2108acbz-1.0-r7 ?40c to +125c 1.0 5-ball wafer level chip scale package [wlcsp] cb-5-3 la6 adp2108acbz-1.1-r7 ?40c to +125c 1.1 5-ball wafer level chip scale package [wlcsp] cb-5-3 la7 adp2108acbz-1.2-r7 ?40c to +125c 1.2 5-ball wafer level chip scale package [wlcsp] cb-5-3 la8 adp2108acbz-1.3-r7 ?40c to +125c 1.3 5-ball wafer level chip scale package [wlcsp] cb-5-3 la9 adp2108acbz-1.5-r7 ?40c to +125c 1.5 5-ball wafer level chip scale package [wlcsp] cb-5-3 laa adp2108acbz-1.8-r7 ?40c to +125c 1.8 5-ball wafer level chip scale package [wlcsp] cb-5-3 lad adp2108acbz-1.82-r7 ?40c to +125c 1.82 5-ball wafer level chip scale package [wlcsp] cb-5-3 lae adp2108acbz-2.3-r7 ?40c to +125c 2.3 5-ball wafer level chip scale package [wlcsp] cb-5-3 laf adp2108acbz-2.5-r7 ?40c to +125c 2.5 5-ball wafer level chip scale package [wlcsp] cb-5-3 lag adp2108acbz-3.0-r7 ?40c to +125c 3.0 5-ball wafer level chip scale package [wlcsp] cb-5-3 ld9 adp2108acbz-3.3-r7 ?40c to +125c 3.3 5-ball wafer level chip scale package [wlcsp] cb-5-3 lah adp2108aujz-1.0-r7 ?40c to +125c 1.0 5-lead small outline package [tsot] uj-5 la6 adp2108aujz-1.1-r7 ?40c to +125c 1.1 5-lead small outline package [tsot] uj-5 la7 adp2108aujz-1.2-r7 ?40c to +125c 1.2 5-lead small outline package [tsot] uj-5 la8 adp2108aujz-1.3-r7 ?40c to +125c 1.3 5-lead small outline package [tsot] uj-5 la9 adp2108aujz-1.5-r7 ?40c to +125c 1.5 5-lead small outline package [tsot] uj-5 laa adp2108aujz-1.8-r7 ?40c to +125c 1.8 5-lead small outline package [tsot] uj-5 lad adp2108aujz-1.82-r7 ?40c to +125c 1.82 5-lead small outline package [tsot] uj-5 lae adp2108aujz-2.3-r7 ?40c to +125c 2.3 5-lead small outline package [tsot] uj-5 laf adp2108aujz-2.5-r7 ?40c to +125c 2.5 5-lead small outline package [tsot] uj-5 lag adp2108aujz-3.0-r7 ?40c to +125c 3.0 5-lead small outline package [tsot] uj-5 ld9 adp2108aujz-3.3-r7 ?40c to +125c 3.3 5-lead small outline package [tsot] uj-5 lah adp2108-1.0-evalz 1.0 evaluation board for 1.0 v [wlcsp] adp2108-1.1-evalz 1.1 evaluation board for 1.1 v [wlcsp] adp2108-1.2-evalz 1.2 evaluation board for 1.2 v [wlcsp] adp2108-1.3-evalz 1.3 evaluation board for 1.3 v [wlcsp] adp2108-1.5-evalz 1.5 evaluation board for 1.5 v [wlcsp] adp2108-1.8-evalz 1.8 evaluation board for 1.8 v [wlcsp] adp2108-1.82-evalz 1.82 evaluation board for 1.82 v [wlcsp] adp2108-2.3-evalz 2.3 evaluation board for 2.3 v [wlcsp] adp2108-2.5-evalz 2.5 evaluation board for 2.5 v [wlcsp] adp2108-3.0-evalz 3.0 evaluation board for 3.0 v [wlcsp] adp2108-3.3-evalz 3.3 evaluation board for 3.3 v [wlcsp] adp2108ujz-redykit evaluation board for fixed output voltage, 1.2 v and 3.3 v [tsot] 1 z = rohs compliant part.
adp2108 rev. e | page 18 of 20 notes
adp2108 rev. e | page 19 of 20 notes
adp2108 rev. e | page 20 of 20 notes ?2008C2010 analog devices, inc. all rights reserved. trademarks and registered trademarks are the property of their respective owners. d07375-0-10/10(e)


▲Up To Search▲   

 
Price & Availability of ADP2108ACBZ-182-R7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X