Part Number Hot Search : 
RF164 15N10 RF164 RF164 9KXXX CE6353 9KXXX 10124
Product Description
Full Text Search
 

To Download ACOL-320KHZD-C-T1-Q30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | applications: features: 20.2 x 12.6 x 5.08 mm pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 esperanza, ran c ho santa mar g arita, califo r nia 9268 8 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m standard specifications: ? tristate enable/disable option. ? low supply voltage. ? hcmos and ttl compatible. ? tight symmetry option. ? clock signal sources for digital chips and microprocessors. ? low power applications. options & part identification: (left blank if standard) revised: 12.05.08 visit www.abracon.com for terms & conditions of sale acol series full size dip low voltage 3.3v crystal clock oscillator i 0c to +50c s 45/55%@1/2vd d g gull wing d -10c to +60c t 47.5/52.5%@1/2vdc g 3 gull wing e -20c to +70c s 1 45/55@1.4vd c q3 0 0.30(7.62) f -30c to +70c t1 47.5/52.5%@1/4vdc q2 5 0.25(6.35) n -30c to +85c q2 0 0.20(5.08) l -40c to +85c q1 5 0.15(3.81) q1 0 0.10(2.54) j* 20 ppm max. r 25 ppm max. k 30 ppm max. h 35 ppm max. c 50 ppm max. * temp orption i, d, e, and 0 to +70c only. tristate tristate function operating tem. range 50 a 50pf (25 f 100mhz only) freq. stability d e d d a e u l a v y r t e m m y s acol - frequency - - - - - - output load abracon p/n acol series frequency: 320khz to 200mhz operating temperature: 0c to + 70c (see options) storage temperature: - 55c to + 125c frequency stability: 100ppm max. (see option) supply voltage (vdd): 3.3vdc 10% symmetry at 1/2vdd for hcmos or 45/55% max. for f < 50mhz at 1.4vdc for ttl 40/60% max. for f 50mhz (see options) rise and fall times(tr/tf): 10 ns max. for f 24mhz 5 ns max. for f > 24mh z , 10 ns max. for f > 24mhz (50pf output load) output load: 10 ttl or 15 pf for f < 80mhz 5 ttl or 15 pf for f 80mhz output voltage: voh = 0.9*vdd min. vol = 0.1*vdd max. tri state function ( option a): "1" (vih >= 2.2 vdc) or open: oscillation "0" (vil < 0.8v): hi z start-up-time: 10 ms max oput disable/ enable time: 100 ns max. (for option "-a" only) input current: 20 ma max. for f 24 mhz 30 ma max. for f < 50 mhz 45 ma max. for f < 80 mhz 55 ma max. for f 80 mhz p arameters
| | | | | | | | | | | | | | | 20.2 x 12.6 x 5.08 mm pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 esperanza, ran c ho santa mar g arita, califo r nia 9268 8 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m revised: 12.05.08 visit www.abracon.com for terms & conditions of sale acol series full size dip low voltage 3.3v crystal clock oscillator outline dimensions: dimensions: inches (mm) the height of the package vary depending on the frequency >100mhz. please contact abracon for the height information for f>100mhz. pin 1 7 8 14 note: recommend using an approximately 0.01uf bypass capacitor between pin 7 and 14 vdd nc or tristate function gnd/case output


▲Up To Search▲   

 
Price & Availability of ACOL-320KHZD-C-T1-Q30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X