Part Number Hot Search : 
433LU1 ANTX1 TCD2503 5962R 5962R CY101 MAX13014 LP141E2
Product Description
Full Text Search
 

To Download ABM3C-100000MHZ-10-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||| | | abm3c applications: features: abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 303 3 2 esp e r anza, ra n c ho san t a m a r g a r ita, cali f o r n i a 926 8 8 t e l 949-546-80 0 0 | fa x 949- 546-8 0 0 1 | w w w .ab r a c on.c o m standard specifications: options & part identification: (left blank if standard) revised: 08.19.10 visit www.abracon.com for terms & conditions of sale frequency t olerance +25 c frequency stability over the operating temperature (ref. +25 c) parameters frequency range abracon p/n operation mode operating t emperature storage t e mperature ceramic sm d miniature quartz crystal ? cellular telephones, pagers. ? communication, te st equipment. ? high density applications. ? cordless telephones, fascimile s ? x 3.2 x 1.3 mm max. ? ir reflow capable ? ceramic package with heat-resistant glass sealing. a bm3c series 10.0mhz - 50.0mhz fundamental -10c to + 70c (see options) - 40 c to + 90 c 50ppm max. (see options) 50ppm max. (see options) equivalent series resistance shunt capacitance c 0 load capacitance c l drive level insulation resistance aging @ 25 c first year see table 1 7pf max 18pf (see options) 100uw max, 10uw typical 5ppm max 500mohms min at 100vdc 15v table 1- standard es r 16.000 - 50.000 frequency (mhz) ? max 10.000 - 15.99 60 50 e *** 0c to +70c blank bulk b *** -20c to +70c c -30c to +70c n -30c to +85c d ** -40c to +85c y * 30 ppm h * 35 ppm z 100 ppm 2 20 ppm * standard temp or options e only 3 25 ppm ** option z may apply to extended 4 30 ppm temperatures. *** standard temp or options e, b, c and n only. tape and reel t freq. stability custom esr abm3c - frequency - - r - - - - please specify cl in pf or s for series (minimum 10pf) load capacitance (pf) operating temp. packaging freq. tolerance rxxx (value in ? ). if it is custom esr ( ) miniature size 5.0 rohs compliant pb in glass empt per rohs 2002/95/ec annex (5)) 6 . 0 x 3 . 5 x 1 . 3 m m miniature package
||||||||||||| | | abm3c abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 303 3 2 esp e r anza, ra n c ho san t a m a r g a r ita, cali f o r n i a 926 8 8 t e l 949-546-80 0 0 | fa x 949- 546-8 0 0 1 | w w w .ab r a c on.c o m outline drawing: tape & reel: reflow profile: revised: 08.19.10 visit www.abracon.com for terms & conditions of sale ceramic sm d ultra miniature quartz crystal rohs compliant pb in glass empt per rohs 2002/95/ec annex (5)) 6 . 0 x 3 . 5 x 1 . 3 m m attention : abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ABM3C-100000MHZ-10-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X