Part Number Hot Search : 
BY396 101M1 STV8217T AAT35 2SD0958 TSH151 FM160 N5383
Product Description
Full Text Search
 

To Download ABM3B-12880MHZ-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||||| abm3b 5.0 x 3.2 x 1.1mm applications: ? cellular telephones , p agers . ? comm unication and t est equipment. ? high density applications . ? pcmcia and wireless applications . features: ? available for fundamental mode and 3rd over tone mode (up to 125mhz) ? suitable for rohs reflow ? available for tight stability ? seam sealed package assures high reliability pb rohs compliant cer amic smd c r ystal standard specifications: options and part identification: ( left bla n k i f s t a nda r d ) frequency stability over the operating temperature (ref to + 25c) equivalent series resistance shunt capacitance c0 load capacitance cl drive level aging (first y ear) @ 25c 3c insulation resistance frequency range abracon p/n operation mode operating t emperature storage t emperature frequency t olerance @ +25c p arameters 8.0 mhz - 50.0 mhz (fundamental) 50.1 mhz - 125 mhz (3rd overtone) fundamental or 3rd overtone abm3b series -10c to +60c (see options) -40c to +85c 50 ppm max. (see options) 50 ppm max. (see options) see table 1 7 pf max. 18 pf (see options) 100 w max., 10 w typical 5ppm max. 500 m min at 100vdc 15 v 30332 espe r anza, ranc ho santa m a r g a r ita, califo r nia 92688 tel 949-546-8000 | f ax 949-546-8001 | ww w . abr acon.com revised: 08.19.10 visit www.abracon.com for terms & conditions of sale t a ble 1 - sta nda rd esr 100 7 0 16.000 - 50.000 ( fund.) 8.000 - 9.999 ( fund.) esr( ) max f r e que n c y ( m h z ) 10.000 - 11.999 ( fund.) 12.000 - 15.999 ( fund.) 0 5 0 0 2 80.001 - 125.000 ( 3 r d o t ) 8 0 50.001 - 80.000 ( 3 r d o t ) 6 0 f r equency (m h z ) abm 3 b ? m h z - - r - - - - p a c kag in g b l a n k : b u l k t : 1 k p c s p e r r e e l t 2 : 2 50 p c s p e r r eel h e ight (mm ) b l ank : 1 .1 m m ma x 1 : 0 . 5mm m a x f r e que n c y in m h z e .g . 8 .000mh z 1 4 .31818mh z 2 6 .000mh z 12 5.000mh z f r e q . tole r a n c e 1 : 10 ppm 7 : 15 ppm 2 : 20 ppm 3 : 25 ppm 4 : 30 ppm o p e r a t in g t e m p . e : 0c ~ +70c b : - 2 0 c ~ + 7 0 c c : - 30 c ~ + 70c n : - 30 c ~ + 85c d : - 40 c ~ + 85c j * *** : -40c ~ +105c k *** * : - 40c ~ + 125c l* : - 5 5c ~ +125c f r eq . s t ab ilit y u * * : 10 ppm g *** : 15 ppm x : 2 0 ppm w : 25 ppm y : 30 ppm h : 35 p p m z : 100 ppm ( * ) o p t i o n z o n l y ( **) s t and a r d t e m p o r o p t i o n s e a nd b o n l y. ( ***) s t a n d a r d te m p o r o p t i o n s e , b , c and n o n l y . ( ****) fr e q . s t a b i lit y 5 0 ppm and 1 0 0 ppm o n l y . c o n t a c t a b r a c o n f o r ti g h t e r f r eq. s t a b ili t y . loa d c a p a c it a n c e p l e a s e s pec i f y c l ( 6 t o 3 2pf ) i n p f o r s fo r s e r i e s p l e a s e c ont a c t abr a c o n f o r v a l u e s u nde r 6pf e s r if othe r tha n s t d s p e c i f y a v a l u e i n ? abracon is cer tified abracon is iso9001:2008 cer tified esr( ) max
||||||||||||||| abm3b 5.0 x 3.2 x 1.1mm pb rohs compliant cer amic smd c r ystal dimensions: inch (mm) outline drawing: note: due to the availability of raw materials, this part may be manufactured with the chamfer on pin 4. be advised that this does not affect the electrical charac- teristics of the crystal in any way. table 2 abm3b 1.1mm max abm3b1 0.8mm max #1 (default), #4 (see note) height (mm) #1 (default), #4 (see note) chamfer pin # dimensions: mm tape & reel: please see table 2 below for height and chamfer information. chamfer on pin 1 (default) chamfer on pin 4 (see note) 30332 espe r anza, ranc ho santa m a r g a r ita, califo r n ia 92688 tel 949-546-8000 | f ax 949-546-8001 | ww w .abr acon.com revised: 08.19.10 visit www.abracon.com for terms & conditions of sale tape and reel (1,000pcs/reel) reflow profile: abracon is cer tified abracon is iso9001:2008 cer tified need a test socket for the abm3 series? to view compatible precision test & burn-in sockets for these parts, click here. p/n: axs-5032-02-06 attention : abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ABM3B-12880MHZ-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X