Part Number Hot Search : 
330M35 CP210 S3022ID 2SC4207 GA128 330M10 E000732 MC33170
Product Description
Full Text Search
 

To Download ABL2-240000MHZ-R050-D-3-W-F-I-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | abl2 series applications: features: pb rohs compliant iso 9001 / qs 9000 certified iso 9001 / qs 9000 certified standard specifications: abracon is abracon is 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 09.01.10 visit www.abracon.com for terms & conditions of sale 11.5 x 5.0 x 2.5 mm ? high reliability & low cost ? reduced height at 2.5mm ? tight stability & extended temperature ? proven resistance welded metal package ? home electronics ? computers, modems, and communications ? automotive and industrial ? high-precision tcxo and clock applications ? microprocessors frequency tolerance at +25c frequency stability over the operating temp. (ref to +25c) parameters 3.579545 mhz to 70 mhz 50 ppm max. (see options) frequency operation mode operating temperature storage temperature - 55c to + 125c 0c to + 70c (see options) 50 ppm max. (see options) equivalent series resistance (r1) shunt capacitance c 0 load capacitance c l drive level aging at 25c per year insulation resistance see table 1 18pf (see options) 1 mw max., 100w typical 500 m min at 100vdc 15v 7pf max. 5ppm max. hc / 49us (at49) microprocessor crystal ? at cut (fundamental or 3rd ot) or bt cut (see options) 3.579545mhz - 24.0mhz (fundamental) (standard) 24.01 - 70.00mhz (3rd- overtone) (standard) 24.01mhz - 50.00mhz (fund. at or bt) (see options) drive level dependency (dld): minimum 7 points tested: from 1w to 500w. change in frequency (max - min) over dld range < 10ppm. change in esr (max - min) over dld range < 25% of max esr value. maximum esr over dld range < max esr value. table 1: esr esr ( ? ) 3.579 - 4.999 (fund.) 180 5.000 - 5.999 (fund.) 120 6.000 - 7.999 (fund.) 100 8.000 - 8.999 (fund.) 80 9.000 - 9.999 (fund.) 60 10.000 - 15.999 (fund.) 50 16.000 - 50.000 (fund.) 40 24.01 - 31.999 (3rd o/t) 100 32.000 - 70.00 (3rd o/t) 80 frequency (mhz)
| | | | | | | | | | | | | | | abl2 series pb rohs compliant iso 9001 / qs 9000 certified iso 9001 / qs 9000 certified abracon is abracon is 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 09.01.10 visit www.abracon.com for terms & conditions of sale 11.5 x 5.0 x 2.5 mm hc / 49us (at49) microprocessor crystal options and part identification (left blank if standard) a -10c to +60c t tape & reel b -20c to +70c p foam c -30c to +70c tray tray n -30c to +85c d -40c to +85c j* -40c to+ 105c k* -40c to +125c l* -55c to +125c i insulator tab v vinyl sleeve h5 5 ppm l2 middle 3rd lead 1 10 ppm qxx trimmed leads 7 15 ppm q15 for 0.15" length 2 20 ppm 3 25 ppm 4 30 ppm f fund. at>24mhz fb fund bt>24mhz u** 10 ppm note: fundamental bt frequency stability g 15 ppm 100ppm max.at -10 c to +60 c only. x 20 ppm w 25 ppm y 30 ppm h 35 ppm q 100 ppm r 150 ppm * frequency stability 50ppm, 100ppm, 150ppm only. contact abracon for tighter frequency stability. ** -10 to +60c only. mode rxxx (value in ? ) operating temp. packaging value added xx.xxxx mhz esr please specify cl in pf or s for series (minimun 10pf) abl2- frequency - - r - - - - - - frequency load capacitance freq. tolerance freq. stability
|||||||||||||| | abl2 series pb rohs compliant iso 9001 / qs 9000 cer tified iso 9001 / qs 9000 cer tified abracon is abracon is 3033 2 e s p e ranza , ra n c ho sant a mar g ari ta , califo r n ia 9268 8 t e l 949- 546- 8000 | f ax 949- 546- 800 1 | w w w . abrac on. c o m revised: 09.01.10 visit www.abracon.com for terms & conditions of sale 11. 5 x 5 . 0 x 2 . 5 m m h c / 4 9us ( at4 9) m i c r o p roce ssor cr ystal dimensions: mm tape & reel: t = tape and reel 1,000pcs/reel outline drawing: dimensions: inches (mm) 12.7 1.0 12.7 1.0 1 8 . 5 0 . 5 2 2 . 5 max 1 2 . 7 1 . 0 9 . 0 0 . 5 1 8 . 0 + 0 . 1 -0 . 5 4.0 0.2 with 0.3mm insulating pad attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ABL2-240000MHZ-R050-D-3-W-F-I-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X