Part Number Hot Search : 
22152 FR303 72HFR20M AK4204 OH413 SRC12 A330M 116SG
Product Description
Full Text Search
 

To Download ABL-200000MHZ-20-R050-A-4-U-I-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | abl series applications: features: pb rohs compliant iso 9001 / qs 9000 certified iso 9001 / qs 9000 certified standard specifications: abracon is abracon is 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 09.01.10 visit www.abracon.com for terms & conditions of sale 11.5 x 5.0 x 3.5 mm ? high reliability & low cost ? tight stability & extended temperature ? proven resistance welded metal package ? home electronics ? computers, modems, and communications ? automotive and industrial ? high-precision tcxo and clock applications ? microprocessors frequency tolerance at +25c frequency stability over the operating temp. (ref to +25c) parameters 3.579545 mhz to 70 mhz 50 ppm max. (see options) frequency abracon p/n abl series operation mode operating temperature storage temperature - 55c to + 125c 0c to + 70c (see options) 50 ppm max. (see options) equivalent series resistance shunt capacitance c 0 load capacitance c l drive level aging at 25c 3c per year insulation resistance drive level dependency (dld), minimum 7 points tested see table 1 18pf (see options) 1 mw max., 100w typical 500 m min at 100vdc 15v 7pf max. 5ppm max. 1w to 500w hc / 49us (at49) microprocessor crystal change in frequency (maximum - minimum) over dld range < 10ppm change in esr (maximum - minimum) over dld range < 25% of max esr value maximum esr over dld range < max esr value table 1: esr esr ( ) 3.579 - 4.999 (fund.) 180 5.000 - 5.999 (fund.) 120 6.000 - 7.999 (fund.) 100 8.000 - 8.999 (fund.) 80 9.000 - 9.999 (fund.) 60 10.000 - 15.999 (fund.) 50 16.000 - 50.000 (fund.) 40 24.01 - 31.999 (3rd o/t) 100 32.000 - 70.00 (3rd o/t) 80 frequency (mhz) at cut (fundamental or 3rd ot) or bt cut (see options) 3.579545mhz - 24.0mhz (fundamental) (standard) 24.01 - 70.00mhz (3rd- overtone) (standard) 24.01mhz - 50.00mhz (fund. at or bt) (see options)
| | | | | | | | | | | | | | | abl series pb rohs compliant iso 9001 / qs 9000 certified iso 9001 / qs 9000 certified abracon is abracon is 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 09.01.10 visit www.abracon.com for terms & conditions of sale 11.5 x 5.0 x 3.5 mm options and part identification: (left blank if standard) a -10c to +60c t tape & reel b -20c to +70c p foam c -30c to +70c tray tray n -30c to +85c d -40c to +85c j* -40c to+ 105c k* -40c to +125c l* -55c to +125c i insulator tab l2 middle 3rd lead h5 5 ppm qxx trimmed leads 1 10 ppm q15 for 0.15" length 7 15 ppm 2 20 ppm 3 25 ppm 4 30 ppm f fund. at>24mhz fb fund bt>24mhz mode freq. stability operating temp. freq. tolerance packaging value added load capacitance please specify cl in pf or s for series (10 to 33 pf) esr rxxx (value in ) abl - frequency - - - - - - - frequency xx.xxxx mhz r note: * frequency stability 50ppm, 100ppm, 150ppm only. contact abracon for tighter frequency stability. ** -10 to +60c only. 10 ppm g 15 ppm x 20 ppm w 25 ppm y 30 ppm h 35 ppm q 100 ppm r 150 ppm u** fundamental bt frequency stability 100ppm max.at -10 c to +60 c only. hc / 49us (at49) microprocessor crystal
||||||| ||||||| | abl series pb rohs compliant iso 9001 / qs 9000 cer tified iso 9001 / qs 9000 cer tified abracon is abracon is 3033 2 es p e ranza , ranc h o san t a mar g arit a , c a l i f o r nia 9268 8 t el 949 - 546- 800 0 | fax 949- 546- 800 1 | w w w . abra c o n . c o m visit www.abracon.com for terms & conditions of sale 11. 5 x 5 . 0 x 3 . 5 m m dimensions: mm tape & reel: t = tape and reel 1,000pcs/reel outline drawing: dimensions: mm l 13.0mm min 20.0 0.5mm packaging bulk taping & reel l (please see table below right) revised: 09.01.10 h c / 4 9us (at49) mi c r o p r oce s s o r c r ystal 12.7 1.0 12.7 1.0 1 8 . 5 0 . 5 2 2 . 5 max 1 2 . 7 1 . 0 9 . 0 0 . 5 1 8 . 0 + 0 . 1 -0 . 5 4.0 0.2 with 0.3mm insulating pad attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ABL-200000MHZ-20-R050-A-4-U-I-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X