Part Number Hot Search : 
E008287 EKMR451 1008F PEB3558 ET7824 AD777602 LL15XB60 CY28419
Product Description
Full Text Search
 

To Download 801-009-02Z17-10GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com d-6 e-mail: sales@glenair.com series 801 series 801 ?mighty mouse? double-start acme thread a b c d e f g h j k l m how to order sample part number 801-010 -02 z1 16-55 s a series shell style shell material / finish shell size- insert arrangement contact type shell key position 801-009 receptacle with banding platform 801-010 receptacle with accessory thread -01 in-line -02 square flange for front or rear mounting -07 jam nut for rear c aluminum / black anodize m aluminum / electroless nickel nf aluminum / cadmium with olive drab chromate zn aluminum / zinc- nickel with olive drab chromate znu aluminum / zinc-nickel with black chromate z1 stainless steel / passivated 5-3 3 #23 6-1 1 #16 6-4 4 #23 6-7 7 #23 7-1 1 #12 7-10 10 #23 8-13 13 #23 9-4 4 #16 9-19 19 #23 10-26 26 #23 13-2 2 #12 13-37 37 #23 16-55 55 #23 17-85 85 #23 #23 contacts are packaged with connectors. #16 and #12 contacts must be ordered separately. standard #23 contacts accept #22 through #28 awg wire. use the following contact codes to specify these contacts: p pin s socket special contacts for #26 to #30 awg are also available. use the following contact codes to specify these contacts: g pin h socket a normal alternate key positions: b c d rear panel jam nut mount 801-009-07 three shell options: jam nut with o-ring for rear panel mounting, square ange or in-line receptacle for free-hanging cables. series 801 receptacles C crimp termination square flange mount 801-009-02 in-line 801-009-01 integral band platform for direct attachment of a cable shield using a band-it? strap. install a boot, or overmold onto the band platform. an accessory thread is available for attaching strain reliefs and backshells. rev. 05-apr-2007 rear panel jam nut mount
? 2009 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com d-7 e-mail: sales@glenair.com a b c d e f g h j k l m series 801 rev. 27-april-2009 dimensions shell size ? a b flat c flat d thread e thread un-2a ? f g thread un-2a in. mm. in. mm. in. mm. in. mm. 5 .575 14.61 .350 8.89 .545 13.84 .3125-.05p-.1l-2a .375-28 .245 6.22 .250-32 6 .635 16.13 .410 10.41 .595 15.11 .375-.05p-.1l-2a .4375-28 .290 7.37 .3125-32 7 .755 19.18 .536 13.61 .723 18.36 .4375-.05p-1l2a .5625-32 .390 9.91 .4375-28 8 .755 19.18 .536 13.61 .723 18.36 .5000-.05p-.1l-2a .5625-32 .445 11.30 .5000-28 9 .830 21.08 .596 15.14 .790 20.07 .5625-.05p-.1l-2a .625-28 .500 12.70 .5625-24 10 .890 22.61 .658 16.71 .855 21.72 .6250-.05p-.1l-2a .6875-28 .560 14.22 .6250-24 13 1.078 27.38 .845 21.46 1.044 26.52 .8125-.1p-.2l-2a .875-28 .650 16.51 .6875-24 16 1.264 32.11 1.022 25.96 1.230 31.24 1.000-.1p-.2l-2a 1.0625-20 .805 20.45 .9375-20 17 1.325 33.66 1.096 27. 8 4 1.290 32.77 1.062-.1p-.2l-2a 1.125-28 .850 21.59 .9375-20 21 1.625 41.28 1.345 3 4.16 1.577 40.06 1.3125-.1 p -.2 l -2 a 1.375-28 1.110 28.19 1.1875-18 integral band platform 801-009-07 accessory thread 801-010-07 series 801 jam nu t panel cu tout shell size a flat ? b in. .002 mm. 0.05 in. mm. 5 .360 9.14 .385 9.78 6 .420 10.67 .448 11.37 7 .551 14.00 .573 14.55 8 .551 14.00 .573 14.55 9 .609 15.47 .635 16.13 10 .671 17.04 .698 17.73 13 .859 21.82 .885 22.48 16 1.038 26.37 1.075 27. 31 17 1.111 28.22 1.135 28.83 21 1.354 34.39 1.385 35.18 ? b a flat key positions a b a 150 210 b 75 210 c 95 230 d 140 275 e 75 275 f 95 210 b a series 801 mighty mouse double-start acme threads jam nut receptacle connector dimensions 801-009-07 and 801-010-07 master keyway b flat c flat ? a 19 17 16 13 12 8 7 4 3 1 ? f .060 (1.5) .100(2.54) max panel thickness 1.060 (26.9) max red full mate indicator band d thread e thread .430 (10.9) max g thread rev. 29-september-2009
? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com d-8 e-mail: sales@glenair.com series 801 series 801 mighty mouse double-start acme thread a b c d e f g h j k l m accessory thread 801-010-02 integral band platform 801-009-02 series 801 square flange crimp receptacle dimensions shell size a b bsc ? c ? d e thread ? f g thread unef-2a in. mm. in. mm. in. mm. in. mm. +.003 +.08 in. mm. 5 .530 13.46 .363 9.22 .680 17.27 .093 2.36 .3125-.05p-.1l-2a .245 6.22 .250-32 6 .590 14.99 .423 10.74 .750 19.05 .093 2.36 .375-.05p-.1l-2a .290 7.37 .3125-32 7 .650 16.51 .483 12.27 .850 21.59 .093 2.36 .4375-.05p-1l-2a .390 9.91 .4375-28 8 .712 18.08 .545 13.84 .938 23.83 .093 2.36 .5000-.05p-1l-2a .445 11.30 .5000-28 9 .850 21.59 .607 15.42 1.125 28.58 .128 3.25 .5625-.05p-.1l-2a .500 12.70 .5625-24 10 .890 22.61 .670 17.02 1.188 30.18 .128 2.25 .6250-.05p-1l-2a .560 14.22 .6250-24 13 1.030 26.16 .812 20.62 1.375 34.93 .128 3.25 .8125-.1p-.2l-2a .650 16.51 .6875-24 16 1.219 30.96 .981 24.92 1.625 41.28 .128 3.25 1.000-.1p-.2l-2a .805 20.45 .9375-20 17 1.280 32.51 1.060 26.92 1.700 43.18 .128 3.25 1.062-.1p-.2l-2a .850 21.59 .9375-20 4x ? d thru master keyway ? c a sq typ 13 1 3 16 1 6 8 12 1 2 3 1 19 1 9 4 7 17 1 7 b bsc typ g thread ? f .060 (1.5) .900 (22.9) max red full mate indicator band e thread .430 (10.9) max .200 (5.1) max panel thickness including screwheads series 801 panel cutout ? c .003 (0.08) b bsc ? a shell size ? a ? b ? c in mm. in mm. in mm. 5 .330 8.38 .363 9.22 .093 2.36 6 .390 9.91 .423 10.74 .093 2.36 7 .450 11.43 .483 12.27 .093 2.36 8 .510 12.95 .545 13.84 .093 2.36 9 .575 14.61 .607 15.42 .128 3.25 10 .640 16.26 .670 17.02 .128 3.25 13 .825 20.96 .812 20.65 .128 3.25 16 1.015 25.78 .981 24.92 .128 3.25 17 1.075 27.31 1.060 26.92 .128 3.25 key positions a b a 150 210 b 75 210 c 95 230 d 140 275 b a rev. 20-apr-2007
series 801 series 801 mighty mouse double-start acme thread a b c d e f g h j k l m ? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com d-9 e-mail: sales@glenair.com integral band platform 801-009-01 accessory thread 801-010-01 series 801 in-line crimp receptacles master keyway ? a 17 1 7 7 4 19 1 9 1 3 12 1 2 8 16 1 6 13 1 3 b flat red full mate indicator stripe c thread .060 (1.5) ? d .900 (22.9) max .430 (10.9) max e thread dimensions shell size ? a b flat c thread ? d e thread unef-2a in. mm. in. mm. in. mm. 5 .355 9.02 .325 8.13 .3125-.05p-.1l-2a .245 6.22 .250-32 6 .415 10.54 .385 9.78 .375-.05p-.1l-2a .290 7.37 .3125-32 7 .480 12.19 .445 11.30 .4375-.05p-1l2a .390 9.91 .4375-28 8 .540 13.72 .510 12.95 .5000-.05p-1l2a .445 11.30 .5000-28 9 .605 15.37 .575 14.61 .5625-.05p-.1l-2a .500 12.70 .5625-24 10 .665 16.89 .635 16.13 .6250-.05p-1l2a .560 14.22 .6250-24 13 .855 21.72 .825 20.96 .8125-.1p-.2l-2a .650 16.51 .6875-24 16 1.040 26.42 1.010 25.65 1.000-.1p-.2l-2a .805 20.44 .9375-20 17 1.110 28.19 1.070 27.18 1.062-.1p-.2l-2a .850 21.59 .9375-20 key positions a b a 150 210 b 75 210 c 95 230 d 140 275 b a rev. 05-apr-2007


▲Up To Search▲   

 
Price & Availability of 801-009-02Z17-10GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X