Part Number Hot Search : 
29LV64 33663 ADUC824 CUS1205 EGA88 7S24TD BZD27 KS24C021
Product Description
Full Text Search
 

To Download 74LVC132AD112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74lvc132a provides four 2-input nand gates with schmitt trigger inputs. it is capable of transforming slowly-changing inpu t signals into sharply defined, jitter-free output signals. the inputs switch at different points for posit ive and negative-going si gnals. the difference between the positive voltage v t+ and the negative voltage v t ? is defined as the input hysteresis voltage v h . inputs can be driven from either 3.3 v or 5 v devices. this feature a llows the use of these devices as translators in mixed 3.3 v and 5 v environment. 2. features and benefits ? wide supply voltage range from 1.2 v to 3.6 v ? 5 v tolerant inputs for interfacing with 5 v logic ? cmos low-power consumption ? direct interface with ttl levels ? unlimited input rise and fall times ? inputs accept voltages up to 5.5 v ? complies with jedec standard jesd 8-c/jesd36 (2.7 v to 3.6 v) ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-b exceeds 200 v ? cdm jesd22-c101e exceeds 1000 v ? specified from ? 40 ? c to +85 ? c and ? 40 ? c to +125 ? c 3. applications ? wave and pulse shapers for highly noisy environments ? astable multivibrator ? monostable multivibrator. 74lvc132a quad 2-input nand schmitt trigger rev. 2 ? 29 august 2011 product data sheet
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 2 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 4. ordering information 5. functional diagram table 1. ordering information type number package temperature range name description version 74lvc132ad ? 40 ? cto+125 ? c so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 74lvc132apw ? 40 ? cto+125 ? c tssop14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 74lvc132abq ? 40 ? cto+125 ? c dhvqfn14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 ? 3 ? 0.85 mm sot762-1 fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram (one gate) mna212 1a 1y 1b 1 2 3 2a 2y 2b 4 5 6 3a 3y 3b 9 10 8 4a 4y 4b 12 13 11 mna246 3 1 2 & 6 4 5 & 8 9 10 & 11 12 13 & 001aac532 y b a
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 3 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 6. pinning information 6.1 pinning 6.2 pin description (1) the die substrate is at tached to this pad using conductive die attach material. it can not be used as a supply pin or input. fig 4. pin configuration so14 and tssop14 fig 5. pin configuration dhvqfn14 74lvc132a 1a v cc 1b 4b 1y 4a 2a 4y 2b 3b 2y 3a gnd 3y 001aaf590 1 2 3 4 5 6 7 8 10 9 12 11 14 13 001aaf591 74lvc132a transparent top view 2y 3a 2b 3b 2a 4y 1y 4a gnd(1) 1b 4b gnd 3y 1a v cc 6 9 5 10 4 11 3 12 2 13 7 8 1 14 terminal 1 index area table 2. pin description symbol pin description 1a 1 data input 1b 2 data input 1y 3 data output 2a 4 data input 2b 5 data input 2y 6 data output gnd 7 ground (0 v) 3y 8 data output 3a 9 data input 3b 10 data input 4y 11 data output 4a 12 data input 4b 13 data input v cc 14 supply voltage
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 4 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 7. functional description [1] h = high voltage level; l = low voltage level. 8. limiting values [1] the minimum input voltage ratings may be excee ded if the input current ratings are observed. [2] the output voltage ratings may be exceeded if the output current ratings are observed. [3] when v cc = 0 v (power-down mode), the output voltage can be 3.6 v in normal operation. [4] for so14 packages: p tot derates linearly with 8 mw/k above 70 ? c. for tssop14 packages: p tot derates linearly with 5.5 mw/k above 60 ? c. for dhvqfn14 packages: p tot derates linearly with 4.5 mw/k above 60 ? c. 9. recommended operating conditions table 3. function table [1] input output na nb ny llh lhh hl h hhl table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +6.5 v v i input voltage [1] ? 0.5 +6.5 v v o output voltage [2] [3] ? 0.5 v cc + 0.5 v i ik input clamping current v i < 0 v ? 50 - ma i ok output clamping current v o > v cc or v o < 0 v - ? 50 ma i o output current v o = 0 v to v cc - ? 50 ma i cc supply current - 100 ma i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +125 ?c [4] -5 0 0 m w table 5. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.65 - 3.6 v functional 1.2 - - v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature ? 40 - +125 ?c
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 5 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 10. static characteristics [1] all typical values are measured at v cc = 3.3 v (unless stated otherwise) and t amb =25 ? c. table 6. static characteristics at recommended operating conditions. volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ [1] max unit t amb = ? 40 ? c to +85 ?c v oh high-level output voltage v i =v t+ or v t ? i o = ? 100 ? a; v cc = 1.65 v to 3.6 v v cc ? 0.2 - - v i o = ? 4ma; v cc = 1.65 v v cc ? 0.45 - - v i o = ? 8ma; v cc = 2.3 v v cc ? 0.5 - - v i o = ? 12 ma; v cc = 2.7 v v cc ? 0.5 - - v i o = ? 18 ma; v cc = 3.0 v v cc ? 0.6 - - v i o = ? 24 ma; v cc = 3.0 v v cc ? 0.8 - - v v ol low-level output voltage v i =v t+ or v t ? i o =100 ? a; v cc = 1.65 v to 3.6 v - - 0.2 v i o =4ma; v cc = 1.65 v - - 0.45 v i o =8ma; v cc = 2.3 v - - 0.6 v i o = 12 ma; v cc = 2.7 v - - 0.4 v i o = 24 ma; v cc = 3.0 v - - 0.55 v i i input leakage current v cc = 3.6 v; v i = 5.5 v or gnd - ? 0.1 ? 5 ? a i cc supply current v cc = 3.6 v; v i = v cc or gnd; i o = 0 a - 0.1 10 ? a ? i cc additional supply current per input pin; v cc = 2.7 v to 3.6 v; v i =v cc ? 0.6 v; i o = 0 a -5500 ? a c i input capacitance v cc = 0 v to 3.6 v; v i = gnd to v cc -4 . 0-p f t amb = ? 40 ? c to +125 ?c v oh high-level output voltage v i =v t+ or v t ? i o = ? 100 ? a; v cc = 1.65 v to 3.6 v v cc ? 0.3 - - v i o = ? 4ma; v cc = 1.65 v v cc ? 0.6 - - v i o = ? 8ma; v cc = 2.3 v v cc ? 0.65 - - v i o = ? 12 ma; v cc = 2.7 v v cc ? 0.65 - - v i o = ? 18 ma; v cc = 3.0 v v cc ? 0.75 - - v i o = ? 24 ma; v cc = 3.0 v v cc ? 1- - v v ol low-level output voltage v i =v t+ or v t ? i o =100 ? a; v cc = 1.65 v to 3.6 v - - 0.3 v i o =4ma; v cc = 1.65 v - - 0.65 v i o =8ma; v cc = 2.3 v - - 0.8 v i o = 12 ma; v cc = 2.7 v - - 0.6 v i o = 24 ma; v cc = 3.0 v - - 0.8 v i i input leakage current v cc = 3.6 v; v i = 5.5 v or gnd - - ? 20 ? a i cc supply current v cc = 3.6 v; v i = v cc or gnd; i o = 0 a - - 40 ? a ? i cc additional supply current per input pin; v cc = 2.7 v to 3.6 v; v i =v cc ? 0.6 v; i o = 0 a --5ma
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 6 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 11. dynamic characteristics [1] typical values are measured at t amb =25 ? c and v cc = 1.2 v, 1.8 v, 2.5 v, 2.7 v, and 3.3 v respectively. [2] t pd is the same as t plh and t phl . [3] skew between any two outputs of the same package switching in the same direction. this parameter is guaranteed by design. [4] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of outputs. 12. waveforms table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v). for test circuit see figure 7 . symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max t pd propagation delay na, nb to ny; see figure 6 [2] v cc = 1.2 v - 18.0 - - - ns v cc = 1.65 v to 1.95 v 2.0 7.2 12.8 2.0 16.0 ns v cc = 2.3 v to 2.7 v 1.5 4.0 7.6 1.5 9.6 ns v cc = 2.7 v 1.5 3.8 7.6 1.5 9.6 ns v cc = 3.0 v to 3.6 v 1.5 3.4 6.4 1.5 8.0 ns t sk(o) output skew time [3] - - 1.0 - 1.5 ns c pd power dissipation capacitance per buffer; v i = gnd to v cc [4] v cc = 1.65 v to 1.95 v - 10.5 - - - pf v cc = 2.3 v to 2.7 v - 10.8 - - - pf v cc = 3.0 v to 3.6 v - 11.4 - - - pf v m = 1.5 v at v cc ? 2.7 v. v m =0.5 ? v cc at v cc <2.7v. v ol and v oh are typical output voltage levels that occur with the output load. fig 6. the input (na, nb) to output (ny) propagation delays mna213 na, nb input ny output t phl t plh v m v m v ol v oh gnd v i
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 7 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger test data is given in table 8 . definitions for test circuit: r l = load resistance c l = load capacitance including jig and probe capacitance r t = termination resistance should be equal to output impedance z o of the pulse generator. fig 7. load circuitry for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aaf615 v cc v i v o dut c l r t r l pulse generator table 8. test data supply voltage input load v i t r , t f c l r l 1.2 v v cc ? 2 ns 30 pf 1 k ? 1.65 v to 1.95 v v cc ? 2 ns 30 pf 1 k ? 2.3 v to 2.7 v v cc ? 2 ns 30 pf 500 ? 2.7 v 2.7 v ? 2.5ns 50pf 500 ? 3.0vto3.6v 2.7v ? 2.5ns 50pf 500 ?
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 8 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 13. transfer characteristics [1] typical transfer charac teristic is displayed in figure 9 . table 9. transfer characteristics voltages are referenced to gnd (ground = 0 v); see figure 8 . symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min max min max v t+ positive-going threshold voltage v cc = 1.2 v 0.2 1.0 0.2 1.0 v v cc = 1.65 v 0.4 1.3 0.4 1.3 v v cc = 1.95 v 0.6 1.5 0.6 1.5 v v cc = 2.3 v 0.8 1.7 0.8 1.7 v v cc = 2.5 v 0.9 1.7 0.9 1.7 v v cc = 2.7 v 1.1 2 1.1 2 v v cc = 3v 1.221.22v v cc = 3.6 v 1.2 2 1.2 2 v v t ? negative-going threshold voltage v cc = 1.2 v 0.12 0.75 0.12 0.75 v v cc = 1.65 v 0.15 0.85 0.15 0.85 v v cc = 1.95 v 0.25 0.95 0.25 0.95 v v cc = 2.3 v 0.4 1.1 0.4 1.1 v v cc = 2.5 v 0.4 1.2 0.4 1.2 v v cc = 2.7 v 0.8 1.4 0.8 1.4 v v cc = 3 v 0.8 1.5 0.8 1.5 v v cc = 3.6 v 0.8 1.5 0.8 1.5 v v h hysteresis voltage (v t+ ? v t ? ) v cc = 1.2 v 0.1 1.0 0.1 1.0 v v cc = 1.65 v 0.2 1.15 0.2 1.15 v v cc = 1.95 v 0.2 1.25 0.2 1.25 v v cc = 2.3 v 0.3 1.3 0.3 1.3 v v cc = 2.5 v 0.3 1.3 0.3 1.3 v v cc = 2.7 v 0.3 1.1 0.3 1.1 v v cc = 3 v 0.3 1.2 0.3 1.2 v v cc = 3.6 v [1] 0.3 1.2 0.3 1.2 v
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 9 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 14. waveforms trans fer characteristics v t ? at 20 % and v t+ at 70 % fig 8. definition of v t+ , v t ? and v h mna207 v o v i v h v t+ v t? mna208 v o v i v h v t+ v t? v cc = 3.3 v. fig 9. typical transfer characteristic 0 0.6 1.2 3 5 4 0 1 2 3 mna582 1.8 2.4 v i (v) i cc (ma)
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 10 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 15. package outline fig 10. package outline sot108-1 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 7 8 1 14 y 076e06 ms-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale so14: plastic small outline package; 14 leads; body width 3.9 mm sot108-1
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 11 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger fig 11. package outline sot402-1 (tssop14) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot402-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 17 14 8 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 a max. 1.1 pin 1 index
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 12 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger fig 12. package outline sot762-1 (dhvqfn14) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.1 2.9 d h 1.65 1.35 y 1 2.6 2.4 1.15 0.85 e 1 2 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot762-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot762-1 dhvqfn14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 x 3 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 26 13 9 8 7 1 14 x d e c b a 02-10-17 03-01-27 terminal 1 index area ac c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1)
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 13 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 16. abbreviations 17. revision history table 10. abbreviations acronym description cdm charged device model cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice supersedes 74lvc132a v.2 20110829 product data sheet - 74lvc132a v.1 modifications: ? conditions v ol and v oh updated (v il and v ih changed to v t- and v t+ ). 74lvc132a v.1 20061215 product data sheet - -
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 14 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger 18. legal information 18.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 18.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 18.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74lvc132a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 29 august 2011 15 of 16 nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 18.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 19. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74lvc132a quad 2-input nand schmitt trigger ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 29 august 2011 document identifier: 74lvc132a please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 20. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 4 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 recommended operating conditions. . . . . . . . 4 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 13 transfer characteristics . . . . . . . . . . . . . . . . . . 8 14 waveforms transfer characteristics. . . . . . . . . 9 15 package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 16 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 13 17 revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 18 legal information. . . . . . . . . . . . . . . . . . . . . . . 14 18.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 18.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 18.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 18.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 15 19 contact information. . . . . . . . . . . . . . . . . . . . . 15 20 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


▲Up To Search▲   

 
Price & Availability of 74LVC132AD112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X