Part Number Hot Search : 
7J352 68HC908A 12025 AMT8301 03952 LA2010 TS7221 LNW8B
Product Description
Full Text Search
 

To Download 74HC597PW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation file under integrated circuits, ic06 december 1990 integrated circuits 74hc/hct597 8-bit shift register with input flip-flops for a complete data sheet, please also download: the ic06 74hc/hct/hcu/hcmos logic family specifications the ic06 74hc/hct/hcu/hcmos logic package information the ic06 74hc/hct/hcu/hcmos logic package outlines
december 1990 2 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 features 8-bit parallel storage register inputs shift register has direct overriding load and clear output capability: standard i cc category: msi general description the 74hc/hct597 are high-speed si-gate cmos devices and are pin compatible with low power schottky ttl (lsttl). they are specified in compliance with jedec standard no. 7a. the 74hc/hct597 consist each of an 8-bit storage register feeding a parallel-in, serial-out 8-bit shift register. both the storage register and the shift register have positive edge-triggered clocks. the shift register also has direct load (from storage) and clear inputs. quick reference data gnd = 0 v; t amb =25 c; t r =t f = 6 ns notes 1. c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i + ? (c l v cc 2 f o ) where: f i = input frequency in mhz f o = output frequency in mhz ? (c l v cc 2 f o ) = sum of outputs c l = output load capacitance in pf v cc = supply voltage in v 2. for hc the condition is v i = gnd to v cc for hct the condition is v i = gnd to v cc - 1.5 v ordering information see 74hc/hct/hcu/hcmos logic package information . symbol parameter conditions typical unit hc hct t phl / t plh propagation delay c l = 15 pf; v cc =5v sh cp to q 17 20 ns st cp to q 25 29 ns pl to q 21 26 ns f max maximum clock frequency sh cp 96 83 mhz c i input capacitance 3.5 3.5 pf c pd power dissipation capacitance per package notes 1 and 2 29 32 pf
december 1990 3 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 pin description pin no. symbol name and function 8 gnd ground (0 v) 9 q serial data output 10 mr asynchronous reset input (active low) 11 sh cp shift clock input (low-to-high, edge-triggered) 12 st cp storage clock input (low-to-high, edge-triggered) 13 pl parallel load input (active low) 14 d s serial data input 15, 1, 2, 3, 4, 5, 6, 7 d 0 to d 7 parallel data inputs 16 v cc positive supply voltage fig.1 pin configuration. fig.2 logic symbol. fig.3 iec logic symbol.
december 1990 4 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 function table notes 1. h = high voltage level l = low voltage level x = dont care - = low-to-high cp transition st cp sh cp pl mr function - x x x data loaded to input latches - x l h data loaded from inputs to shift register no clock edge x l h data transferred from input ?ip-?ops to shift register x x l l invalid logic, state of shift register indeterminate when signals removed x x h l shift register cleared x - h h shift register clocked q n =q n - 1 , q 0 =d s fig.4 functional diagram.
december 1990 5 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 fig.5 logic diagram.
december 1990 6 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 fig.6 timing diagram.
december 1990 7 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 dc characteristics for 74hc for the dc characteristics see 74hc/hct/hcu/hcmos logic family specifications . output capability: standard i cc category: msi ac characteristics for 74hc gnd = 0 v; t r =t f = 6 ns; c l =50pf symbol parameter t amb ( c) unit test conditions 74hc v cc (v) waveforms +25 - 40 to +85 - 40 to +125 min. typ. max. min. max. min. max. t phl / t plh propagation delay sh cp to q 55 20 16 175 35 30 220 44 37 265 53 45 ns 2.0 4.5 6.0 fig.7 t phl propagation delay mr to q 58 21 17 175 35 30 220 44 37 265 53 45 ns 2.0 4.5 6.0 fig.8 t phl / t plh propagation delay st cp to q 80 29 23 250 50 43 315 63 54 375 75 64 ns 2.0 4.5 6.0 fig.7 t phl / t plh propagation delay pl to q 69 25 20 215 43 37 270 54 46 325 65 55 ns 2.0 4.5 6.0 fig.9 t thl / t tlh output transition time 19 7 6 75 15 13 95 19 16 110 22 19 ns 2.0 4.5 6.0 fig.9 t w st cp pulse width high or low 80 16 14 11 4 3 100 20 17 120 24 20 ns 2.0 4.5 6.0 fig.7 t w sh cp pulse width high or low 80 16 14 14 5 4 100 20 17 120 24 20 ns 2.0 4.5 6.0 fig.7 t w mr pulse width low 80 16 14 22 8 6 100 20 17 120 24 20 ns 2.0 4.5 6.0 fig.8 t w pl pulse width low 80 16 14 22 8 6 100 20 17 120 24 20 ns 2.0 4.5 6.0 fig.9 t rem removal time mr to sh cp 60 12 10 - 3 - 1 - 1 75 15 13 90 18 15 ns 2.0 4.5 6.0 fig.10 t su set-up time d n to st cp 60 12 10 8 3 2 75 15 13 90 18 15 ns 2.0 4.5 6.0 fig.11
december 1990 8 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 t su set-up time d s to sh cp 60 12 10 11 4 3 75 15 13 90 18 15 ns 2.0 4.5 6.0 fig.11 t su set-up time pl to sh cp 60 12 10 11 4 3 75 15 13 90 18 15 ns 2.0 4.5 6.0 fig.12 t h hold time d n to st cp 5 5 5 - 3 - 1 - 1 5 5 5 5 5 5 ns 2.0 4.5 6.0 fig.11 t h hold time pl, d s to sh cp 5 5 5 - 6 - 2 - 2 5 5 5 5 5 5 ns 2.0 4.5 6.0 fig.11 f max maximum pulse frequency sh cp 6.0 30 35 29 87 104 4.8 24 28 4.0 20 24 mhz 2.0 4.5 6.0 fig.7 symbol parameter t amb ( c) unit test conditions 74hc v cc (v) waveforms +25 - 40 to +85 - 40 to +125 min. typ. max. min. max. min. max.
december 1990 9 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 dc characteristics for 74hct for the dc characteristics see 74hc/hct/hcu/hcmos logic family specifications . output capability: standard i cc category: msi note to hct types the value of additional quiescent supply current ( d i cc ) for a unit load of 1 is given in the family specifications. to determine d i cc per input, multiply this value by the unit load coefficient shown in the table below. input unit load coefficient d s d n pl, mr st cp , sh cp 0.25 0.30 1.50 1.50
december 1990 10 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 ac waveforms for 74hct gnd = 0 v; t r =t f = 6 ns; c l =50pf symbol parameter t amb ( c) unit test conditions 74hct v cc (v) waveforms +25 - 40 to +85 - 40 to +125 min. typ. max. min. max. min. max. t phl / t plh propagation delay sh cp to q 23 40 50 60 ns 4.5 fig.7 t phl propagation delay mr to q 28 49 61 74 ns 4.5 fig.8 t phl / t plh propagation delay st cp to q 33 57 71 86 ns 4.5 fig.7 t phl / t plh propagation delay pl to q 30 52 65 78 ns 4.5 fig.9 t thl / t tlh output transition time 7 15 19 22 ns 4.5 fig.9 t w sh cp pulse width high or low 16 7 20 24 ns 4.5 fig.7 t w st cp pulse width high or low 16 6 20 24 ns 4.5 fig.7 t w mr pulse width low 25 14 31 38 ns 4.5 fig.8 t w pl pulse width low 20 10 25 30 ns 4.5 fig.9 t rem removal time mr to sh cp 12 - 2 15 18 ns 4.5 fig.10 t su set-up time d n to st cp 12 5 15 18 ns 4.5 fig.11 t su set-up time d s to sh cp 12 2 15 18 ns 4.5 fig.11 t su set-up time pl to sh cp 12 4 15 18 ns 4.5 fig.12 t h hold time d n to st cp 5 - 1 5 5 ns 4.5 fig.11 t h hold time pl, d s to sh cp 5 - 2 5 5 ns 4.5 fig.11 f max maximum pulse frequency sh cp 30 75 24 20 mhz 4.5 fig.7
december 1990 11 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 ac waveforms fig.7 waveforms showing the sh cp and st cp inputs to q output propagation delays, the sh cp and st cp pulse widths and maximum clock pulse frequency. (1) hc : v m = 50%; v i = gnd to v cc . hct : v m = 1.3 v; v i = gnd to 3 v. fig.8 waveforms showing the mr input to q output propagation delays and the mr pulse width. (1) hc : v m = 50%; v i = gnd to v cc . hct : v m = 1.3 v; v i = gnd to 3 v. fig.9 waveforms showing the pl input to q output propagation delays, pl pulse width and output transition times. (1) hc : v m = 50%; v i = gnd to v cc . hct : v m = 1.3 v; v i = gnd to 3 v. fig.10 waveforms showing the mr input to sh cp , st cp removal times. (1) hc : v m = 50%; v i = gnd to v cc . hct : v m = 1.3 v; v i = gnd to 3 v.
december 1990 12 philips semiconductors product speci?cation 8-bit shift register with input ?ip-?ops 74hc/hct597 fig.11 waveforms showing hold and set-up times for d s , d n inputs to sh cp , st cp inputs. (1) hc : v m = 50%; v i = gnd to v cc . hct : v m = 1.3 v; v i = gnd to 3 v. package outlines see 74hc/hct/hcu/hcmos logic package outlines . fig.12 waveforms showing set-up times for pl input to sh cp input. (1) hc : v m = 50%; v i = gnd to v cc . hct : v m = 1.3 v; v i = gnd to 3 v.


▲Up To Search▲   

 
Price & Availability of 74HC597PW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X