Part Number Hot Search : 
TP60N06 FR12K05 HA13151 DB204 1N964B MAX5013 080CT LC7215F
Product Description
Full Text Search
 

To Download 248920MHZEQXOPL-2100UIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk low jitter 8 pin dual-in line description eqxopl-2000 programmable oscillators provide custom frequency and specification oscillators with a very quick delivery time. jitter, general performance and specification is comparable to discrete frequency oscillators. very quick delivery industry-standard 8 pin dil package ultra-low jitter at 1 million samples supply voltage 2.7v, 3.3v or 5.0volts enable/disable or power down options features outline & dimensions frequency range: 1.000mhz ~ 133.0mhz frequency stability: from 25ppm to 100ppm operating temperature range: 0 ~ +70c part code 'c' -20 ~ +70c part code 'd' -40 ~ +85c part code 'i' storage temperature range: -55 ~ +125c ageing: 5ppm per year max. packaging: bulk packed or tubed output levels: cmos or ttl maximum output loads: below 40mhz: 30pf above 40mhz: 15pf (see note opposite) duty cycle: below 40mhz: 45/55% min. above 40mhz: 40/60% min. rise/fall times: 4ns max. supply current: 25ma (unloaded) standby current: 10a typical, 50a max. start-up time: 10ms max. power down and disable delay time synchronous: t/2ns typical, t +10ns typical asynchronous: 10ns typical, 15ns maximum (t - frequency period) output enable time: 100ns maximum period jitter s 1mhz ~ 133mhz: 8ps typical, 99ps max. period jitter peak to peak <33.0mhz: 65ps ypical, 99ps max. 33mhz ~ 133mhz: 65ps typical, 80ps max. electrical specification eqxopl-2000 programmable oscillators freq: 1.0mhz to 133.0mhz operating load conditions 24.890mhz eqxopl-2100 u c t a u = cmos/ttl output operating temp. range c = 0 ~ +70c d = -20 ~ +70c i = -40 ~+85c stability over temp. 100 = 100ppm 050 = 50ppm 025 = 25ppm series designation eqxopl-2*** frequency model selection guide output option t = enable/disable or p = power down supply voltage blank = 5.0 volts 5% a = +3.3 volts 5% b = +2.7 volts 5% maximum capacitive load ttl 5.0 volt supply 1.0mhz to 40mhz: 50pf 40.0mhz ~ 133mhz: 25pf maximum capacitive load cmos 5.0 volt supply 1.0mhz to 66mhz: 50pf 66.1mhz to 133mhz: 25pf 3.3 volt/2.7 volt supply 1.0mhz to 40mhz: 30pf 40.0mhz to 100mhz: 15pf synchronous/asynchronous by default, euroquartz produce enable/disable and power down function oscillators as asynchronous. if synchronous operation is required (see above specification for details,) append 'sync' to part number. eqxopl-2100uc 100 0 ~ +70c eqxopl-2050uc 50 0 ~ +70c eqxopl-2025uc 25 0 ~ +70c eqxopl-2100ud 100 -20 ~ +70c eqxopl-2050ud 50 -20 ~ +70c eqxopl-2025ud 25 -20 ~ +70c eqxopl-2100ui 100 -40 ~ +85c eqxopl-2050ui 50 -40 ~ +85c eqxopl-2025ui 25 -40 ~ +85c model number stability operating temperature range part numbers part number example: 24.890mhz eqxopl-2100ucta ( see part numbers table )


▲Up To Search▲   

 
Price & Availability of 248920MHZEQXOPL-2100UIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X