Part Number Hot Search : 
HCPL2411 L74VHC1G AT76C712 78M06 EM83055H DTA114GE SD161 1N4698
Product Description
Full Text Search
 

To Download 232272922151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data shee t chip resistors with au-terminations rc01/02h/21/22h 5%; 1% sizes 1206 and 0603 product specification ? jul 07, 2003 v.5
phycomp product specification chip resistors with au-terminations sizes 1206 and 0603 rc01/02h/21/22h 1%; 5% 2003 jul 07 rev.5 2 www.yageo.com features ? reduced size of final equipment ? low assembly costs ? higher component and equipment reliability ? new ni/au terminations provide special application for hybrid board gluing and can replace agpd terminations. quick reference data value description rc01 rc02h rc21 rc22h size code 1206 0603 resistance range 1 ? to 10 m ? resistance tolerance and e-series 5%; e24 series 1%; e24/e96 series 5%; e24 series 1%; e96 series temperature coefficient: 1 ? r 10 ? 250 250 250 250 250 250 250 250 10 ? < r 10 m ? ? 200 ? 100 ? 200 ? 100 maximum dissipation at t amb = 70 c 0.25 w 0.063 w maximum permissible voltage 200 v (dc or rms) 50 v (dc or rms) climatic category (iec 60068) 55/155/56 basic specification iec 60115-8 applications ? power supply in small equipment ? digital multi-meter ? telecommunication ? computer ? automotive industry. description the resistors are constructed on a high grade ceramic body (aluminium oxide). internal metal electrodes are added at each end and connected by a resistive paste which is applied to the top surface of the substrate. the composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to within tolerance, by laser cutting of this resistive layer. to ensure the product insulation and performance, the protective overcoat layer is printed upon the resistor layer. finally, the two external end terminations are added. for ease of soldering the outerlayer of these end terminations is of ni-au alloy. ccc348_a fig.1 outline.
phycomp product specification chip resistors with au-terminations sizes 1206 and 0603 rc01/02h/21/22h 1%; 5% 2003 jul 07 rev.5 3 www.yageo.com ordering information table 1 ordering code indicating resistor type and packing ordering code 2322 ? ?.. paper tape on reel type resistance value tolerance (%) 5000 units 10000 units rc01 1 ? to 10 m ? 5 711 11... 711 12... rc02h 1 ? to 10 m ? 1 729 1.... 729 2.... rc21 1 ? to 10 m ? 5 702 11... 702 12... rc22h 1 ? to 10 m ? 1 704 1? 704 2.... ordering code (12nc) ? the resistors have a 12-digit ordering code starting with 2322. ? the subsequent 5 digits indicate the resistor type and packing; see table 1. ? the remaining 3 or 4 digits indicate the resistance value: ? the first 2 or 3 digits indicate the resistance value. ? the last digit indicates the resistance decade in accordance with table 2. table 2 last digit of 12nc resistance decade last digit 1 to 9.76 ? 8 10 to 97.6 ? 9 100 to 976 ? 1 1 to 976 k ? 2 10 to 97.6 k ? 3 100 to 976 k ? 4 1 to 9.76 m ? 5 10 m ? 6 o rdering example the ordering code of an rc01 resistor, au-termination, value 1000 ? , 5%, supplied on paper tape of 5000 units per reel is: 2322 711 11102.
phycomp product specification chip resistors with au-terminations sizes 1206 and 0603 rc01/02h/21/22h 1%; 5% 2003 jul 07 rev.5 4 www.yageo.com functional description product characterization standard values of nominal resistance are taken from the e24 series or e96 series for resistors with a tolerance of 5% or 1%. the values of the e24/96 series are in accordance with ?iec publication 60063?. limiting values type limiting voltage (1) (v) limiting power (w) rc01 200 0.25 rc02h 200 0.25 rc21 50 0.063 rc22h 50 0.063 note 1. this is the maximum voltage that may be continuously applied to the resistor element, see ?iec publication 60115-8? . d erating the power that the resistor can dissipate depends on the operating temperature; see fig.2. 70 100 50 0 0 50 100 155 ccb412 ? 55 t amb ( c) p max (%p rated ) fig.2 maximum dissipation (p max ) in percentage of rated power as a function of the ambient temperature (t amb ).
phycomp product specification chip resistors with au-terminations sizes 1206 and 0603 rc01/02h/21/22h 1%; 5% 2003 jul 07 rev.5 5 www.yageo.com t b t t t inner electrode ni-au layer protective coat scr015 w l protective coat resistor layer aluminium substrate nickel layer 220 mechanical data mass per 100 units type mass (g) rc01 1.0 rc02h 1.0 rc21 0.25 rc22h 0.25 marking all resistors within the e24 series are marked with a 3-digit code and a 4-digit code for resistors of the e96 series, on the protective coat to designate the nominal resistance value. 3-d igit m arking for values of 10 ? or greater the first 2 digits are significant, the third indicates the number of zeros to follow. example marking resistance 220 22 ? 823 82 k ? 0 jumper 4-d igit m arking for values of 1 k ? or greater the first 3 digits apply to the resistance value and the fourth indicates the number of zeros to follow. example marking resistance 2200 220 ? 4021 4.02 k ? 1503 150 k ? p ackage marking the packing is also marked and includes resistance value, tolerance, catalogue number, quantity, production period, batch number and source code. o utlines table 3 chip resistor types and relevant physical dimens ions; see fig.3 type l (mm) w (mm) t (mm) t t (mm) t b (mm) rc01 3.10 0.10 1.60 0.10 0.55 0.10 0.45 0.20 0.40 0.20 rc02h 3.10 0.10 1.60 0.10 0.55 0.10 0.45 0.20 0.40 0.20 rc21 1.60 0.10 0.80 0.10 0.45 0.10 0.25 0.15 0.25 0.20 rc22h 1.60 0.10 0.80 0.10 0.45 0.10 0.25 0.15 0.25 0.20 fig.3 component outline and physical dimensions. for dimensions see table 3.
phycomp product specification chip resistors with au-terminations sizes 1206 and 0603 rc01/02h/21/22h 1%; 5% 2003 jul 07 rev.5 6 www.yageo.com tests and requirements essentially all tests are carried out in accordance with the schedule of ?iec publication 60115-8? , category lct/uct/56 (rated temperature range: l ower c ategory t emperature, u pper c ategory t emperature; damp heat, long term, 56 days). the testing also covers the requirements specified by eia and eiaj. the tests are carried out in accordance with iec publication 60068, ?recommended basic climatic and mechanical robustness testing procedure for electronic components? and under standard atmospheric conditions according to ?iec 60068-1?, s ubclause 5.3. unless otherwise specified the following values apply: temperature: 15 c to 35 c relative humidity: 25% to 75% air pressure: 86 kpa to 106 kpa (860 mbar to 1060 mbar). in table 4 the tests and requirements are listed with reference to the relevant clauses of ?iec publications 60115-8 and 60068? ; a short description of the test procedure is also given. in some instances deviations from the iec recommendations were necessary for our method of specifying. all soldering tests are performed with mildly activated flux. table 4 test procedures and requirements iec 60115-8 clause iec 60068-2 test method test procedure requirements tests in accordance with the schedule of iec publication 60115-8 4.4.1 visual examination no holes; clean surface; no visible damage rc01, rc21 : applied voltage ( + 0/ ? 10%) r < 10 ? : 0.1 v 10 ? r < 100 ? : 0.3 v 100 ? r < 1 k ? : 1 v 1 k ? r < 10 k ? : 3 v 10 k ? r < 100 k ? : 10 v 100 k ? r < 1 m ? : 25 v 4.5 resistance r 1 m ? : 50 v r ? r nom : max. 5% rc02h, rc22h : applied voltage ( + 0/ ? 10%) r < 10 ? : 0.1 v 10 ? r < 100 ? : 0.3 v 100 ? r < 1 k ? : 1 v 1 k ? r < 10 k ? : 3 v 10 k ? r < 100 k ? : 10 v 4.5 resistance 100 k ? r < 1 m ? : 25 v r ? r nom : max. 1% 4.18 20 (tb) resistance to soldering heat unmounted chips; 10 1 s; 260 5 c no visible damage ? r/r max.: (0.5% + 0.05 ? )
phycomp product specification chip resistors with au-terminations sizes 1206 and 0603 rc01/02h/21/22h 1%; 5% 2003 jul 07 rev.5 7 www.yageo.com iec 60115-8 clause iec 60068-2 test method test procedure requirements 4.29 45 (xa) component solvent resistance isopropyl alcohol or h 2 o followed by brushing in accordance with ?mil 202 f? no visible damage 4.17 20 (ta) solder ability unmounted chips completely immersed for 2 0.5 s in a solder bath at 235 2 c good tinning ( 95% covered); no visible damage 4.7 voltage proof on insulation maximum voltage (rms) during 1 minute, metal block method no breakdown or flashover 4.13 short time overload room temperature; p = 6.25 p n ; 5 s (v 2 v max ) ? r/r max.: (1% + 0.05 ? ) 4.33 bending resistors mounted on a 90 mm glass epoxy resin pcb (fr4); bending: no visible damage rc01 : 2 mm ? r/r max.: (1% + 0.05 ? ) rc02h : 2 mm ? r/r max.: (0.5% + 0.05 ? ) rc21 : 3 mm ? r/r max.: (1% + 0.05 ? ) rc22h : 3 mm ? r/r max.: (0.5% + 0.05 ? ) 4.19 14 (na) rapid change of temperature 30 minutes at lct and 30 minutes at uct; 5 cycles no visible damage ? r/r max.: (0.5% + 0.05 ? ) 4.24.2 3 (ca) damp heat (steady state) 56 days; 40 2 c; 93 + 2/ ? 3% rh; loaded with 0.01 p n : rc01, rc21 : r 1 m ? ? r/r max.: (1.5% + 0.1 ? ) rc01, rc21 : r > 1 m ? ? r/r max.: (3.0% + 0.1 ? ) rc02h, rc022h : r 1 m ? ? r/r max.: (1.0% + 0.05 ? ) rc02h, rc022h: r > 1 m ? ? r/r max.: (1.5% + 0.05 ? ) 1000 + 48/ ? 0 hours; 70 2 c; loaded with p n or v max ; 1.5 hours on, 0.5 hours off: rc01, rc21 : r 1 m ? ? r/r max.: (1.5% + 0.1 ? ) rc01, rc21 : r > 1 m ? ? r/r max.: (3.0% + 0.1 ? ) rc02h, rc022h : r 1 m ? ? r/r max.: (1.0% + 0.05 ? ) 4.25.1 endurance rc02h, rc022h: r > 1 m ? ? r/r max.: (1.5% + 0.05 ? ) 1000 + 48/ ? 0 hours; no load: rc01, rc21 : r 1 m ? ? r/r max.: (1.5% + 0.1 ? ) rc01, rc21 : r > 1 m ? ? r/r max.: (3.0% + 0.1 ? ) rc02h, rc022h : r 1 m ? ? r/r max.: (1.0% + 0.05 ? ) 4.23.2 27 (ba) endurance at upper category temperature rc02h, rc022h: r > 1 m ? ? r/r max.: (1.5% + 0.05 ? )
phycomp product specification chip resistors with au-terminations sizes 1206 and 0603 rc01/02h/21/22h 1%; 5% 2003 jul 07 rev.5 8 www.yageo.com iec 60115-8 clause iec 60068-2 test method test procedure requirements at 20/lct/20 c and 20/uct/20 c 1 ? r 10 ? ? 250 250 rc01, rc21 : 10 ? < r 10 m ? ? 200 4.8.4.2 temperature coefficient rc02h, rc22h : 10 ? < r 10 m ? ? 100 other tests in accordance with iec 60115 clauses and iec 60068 test method 4.6.1.1 insulation resistance voltage (dc) after 1 minute, metal block method: r ins min.: 10 3 m ? iec publication 60195 (measured with quantech-equipment) r 100 ? max. 0.316 v/v ( ? 10 db) 100 ? < r 1 k ? max. 1 v/v (0 db) 1 k ? < r 10 k ? max. 3 v/v (9.54 db) 10 k ? < r 100 k ? max. 6 v/v (15.56 db) 100 k ? < r 1 m ? max. 10 v/v (20 db) 4.12 noise 1 m ? < r 10 m ? max. 32 v/v (30.10 db) other applicable tests 1000 + 48/ ? 0 hours; 40 2 c; 93 + 2/ ? 3% rh; loaded with p n or v max ; 1.5 hours on and 0.5 hours off: rc01, rc21 : r 1 m ? ? r/r max.: (3% + 0.1 ? ) rc01, rc21 : r > 1 m ? ? r/r max.: (5% + 0.1 ? ) rc02h, rc22h : r 1 m ? ? r/r max.: (2% + 0.1 ? ) (jis) c 5202 7.9 resistance to damp heat (steady state) rc02h, rc22h : r > 1 m ? ? r/r max.: (3% + 0.1 ? ) 1000 + 48/ ? 0 hours; 85 2 c; 85 + 5% rh; loaded with 00.1 p n or v max ; rc01, rc21 : r 1 m ? ? r/r max.: (3% + 0.1 ? ) rc01, rc21 : r > 1 m ? ? r/r max.: (5% + 0.1 ? ) rc02h, rc22h : r 1 m ? ? r/r max.: (2% + 0.1 ? ) eia/is 703 4.5 load humidity rc02h, rc22h : r > 1 m ? ? r/r max.: (3% + 0.1 ? ) shock termination test ? 40 c/ + 150 c; 30 s on/30 s off; 500 cycles no visual damage
phycomp product specification chip resistors with au-terminations sizes 1206 and 0603 rc01/02h/21/22h 1%; 5% 2003 jul 07 rev.5 9 www.yageo.com rc revision history revision date change notification description rev.3 2001 apr 27 - - converted to phycomp brand rev.4 2001 oct 14 - - table 3: ?length? and ?width? changed; table 4: ?bending? changed rev.5 2003 jul 07 - - updated company logo - table 1: rc01, rc02h, rc22h ordering code revised - marking code revised


▲Up To Search▲   

 
Price & Availability of 232272922151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X