Part Number Hot Search : 
PT510C M81716FP 2174PV5P NS2N3 BA4908 24265 TFS110Y N4R7M
Product Description
Full Text Search
 

To Download 20FZ-SM1-GAN-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.4 0.03 0.25 0.04 0.5 0.05 1.25 0.05 0.6 0.05 2.2 0.05 0.4 (n-1) 0.05 0.4 (n-1) + 1.25 0.05 1 this is very small non-zif type 0.4mm pitch connector with 1.0mm height and 3.0mm of the depth. fz connector 0.4mm pitch/connectors for fpc emboss tape ?double-sided contact structure specifications ?current rating: 0.5a ac, dc ?voltage rating: 50v ac, dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) contact resistance: initial value/40m max. after environmental testing/30m max. (variation from initial value) ?insulation resistance: 500m min. ?withstanding voltage: 200v ac/minute ?applicable fpc: conductor pitch/0.4mm conductor width/0.25mm mating part thickness/0.30.03mm * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. 1 3 2.65 pc board layout and assembly layout note: n --- number of circuits
2 fz connector 1 d b c a 3 0.4 0.4 0.07 0.4 0.07 0.4(n-1) 0.03 0.4(n+1) 0.05 0.4 0.03 0.25 0.04 0.3 0.03 (4) reinforcing layer 2.1min 5 circuits model no. dimensions (mm) 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 q?y / reel contact: copper alloy, nickel-undercoated, gold-plated housing: heat resisting resin, ul94v-0 solder tab: copper alloy, copper-undercoated, tin-plated (reflow treatment) material and finish 05fz-sm1-gan-tb 6 06fz-sm1-gan-tb 8 08fz-sm1-gan-tb 10 10fz-sm1-gan-tb 11 11fz-sm1-gan-tb 12 12fz-sm1-gan-tb 13 13fz-sm1-gan-tb 14 14fz-sm1-gan-tb 16 16fz-sm1-gan-tb 20 20FZ-SM1-GAN-TB 2.4 b 2.8 3.6 4.4 4.8 5.2 5.6 6.0 6.8 8.4 10.0 1.6 a 2.0 2.8 3.6 4.0 4.4 4.8 5.2 6.0 7.6 9.2 24 3.45 c 3.85 4.65 5.45 5.85 6.25 6.65 7.05 7.85 9.45 11.05 2.85 d 3.25 4.05 4.85 5.25 5.65 6.05 6.45 7.25 8.85 10.45 24fz-sm1-gan-tb rohs compliance this product [11 circuits or less] displays (lf)(sn)(a) on a label. this product [12 circuits or more] displays (lf)(sn)(b) on a label. note: n --- number of circuits connector lead section dimensions of fpc


▲Up To Search▲   

 
Price & Availability of 20FZ-SM1-GAN-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X