Part Number Hot Search : 
D2264 15KP43 BF200 NTE18 DS3104 E13001 F1206 15KP43
Product Description
Full Text Search
 

To Download 204-805-01ZL12-26PSCDA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-10 e-mail: sales@glenair.com filter a b c d e f g h j k l m filtered mighty mouse series 805 filtered connectors table i: connector matl/fin sym material finish description m aluminum electroless nickel nf aluminum cadmium o.d. over electroless nickel zl stainless steel electro-deposited nickel zn aluminum zinc-nickel over electroless nickel table ii: capacitance code code pi - section (pf) c - section (pf) a 38,000 - 56,000 19,000 - 28,000 b 32,000 - 45,000 16,000 - 22,500 c 18,000 - 33,000 9,000 - 16,500 d 8,000 - 12,000 4,000 - 6,000 e 3,300 - 5,000 1,650 - 2,500 f 800 - 1,300 400 - 650 g 400 - 600 200 - 300 contact gender p - pin s - socket capacitance code (see table ii) insert arrangement (see table iii) filter connector product code shell style 01 - square flange receptacle with solder cup contacts and band platform 02 - square flange receptacle with printed circuit board contacts 07 - jam nut receptacle with solder cup contacts and band platform 08 - jam nut receptacle with printed circuit board contacts series 805 triple-start filter type p - pi c - c consult factory for additional filter types, tvs diodes, and other custom filter connector con? gurations. alternate key position a, b, c, d (a = normal) series 805 filtered connectors feature triple-start acme coupling threads. available in jam nut and square flange versions, these environmentally sealed connectors o? er aerospace ? lter performance in a miniaturized package. these connectors mate to standard series 805 plugs. table iii insert arangements arr. no. contact size contact qty. 8-4 23 4 8-7 23 7 9-10 23 10 10-13 23 13 11-19 23 19 12-26 23 26 15-37 23 37 18-55 23 55 18-85 23 85 240 - 805 - 02 m 8-7 p s p a a connector matl/fin (see table i) contact termination s - solder cup (shell style 01 and 07 only) p - pc tail (shell style 02 and 08 only) rev. 05-apr-2007
? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-11 e-mail: sales@glenair.com filter a b c d e f g h j k l m filtered mighty mouse master keyway b flat c flat typ ? a f thread .100 max panel thickness ? e .060 (1.52) 1.360 (34.54 ) max max .430 (10.92) d thread f thread 1.360 (34.54 ) max .280 (7.11) .100 max panel thickness red full mate indicator band .060 (1.52) max d thread ? g .125 (3.18) min. ? e .025 (0.64) solder cup with band platform 240-805-07 printed circuit board contacts 240-805-08 panel cutouts shell size a? b in. .002 mm. 0.05 in. mm. 8 .545 13.84 .575/.571 14.61/14.50 9 .671 17.04 .700/.696 17.78/17.68 10 .671 17.04 .700/.696 17.78/17.68 11 .731 18.57 .762/.758 19.35/19.25 12 .794 20.17 .825/.821 20.96/20.85 15 .980 24.89 1.012/1.008 25.70/25.60 18 1.157 29.39 1.200/1.196 30.48/30.38 19 1.231 31.27 1.262/1.258 32.05/31.95 a flat ? b 240-805-07 and -08 filter jam nut receptacle dimensions shell size ? a b c d threads ? e f threads ? g tail dia. in. mm. in. mm. in. mm. in. mm. 8 .760 19.30 .535 13.59 .730 18.54 .5000-.1p-.3l-ts-2a .413 10.49 .5625-28 unef-2a #23 .018/.022 (0.46/0.56) 9 .880 22.35 .661 16.79 .850 21.59 .5625-.1p-.3l-ts-2a .500 12.70 .6875-28 un-2a 10 .880 22.35 .661 16.79 .850 21.59 .6250-.1p-.3l-ts-2a .530 13.46 .6875-28 un-2a 11 .955 24.26 .721 18.31 .925 23.50 .6875-.1p-.3l-ts-2a .558 14.17 .7500-28 un-2a 12 1.060 26.92 .784 19.91 1.035 26.29 .7500-.1p-.3l-ts-2a .655 16.51 .8125-28 un-2a 15 1.203 30.56 .970 24.64 1.173 29.79 .9375-.1p-.3l-ts-2a .708 17.98 1.000-28 un-2a 18 1.389 35.28 1.147 29.13 1.359 34.52 1.1250-.1p-.3l-ts-2a .871 22.12 1.187-28 un-2a 19 1.450 36.83 1.221 31.01 1.420 36.07 1.1870-.1p-.3l-ts-2a .972 24.67 1.250-28 un-2a rev. 05-apr-2007
? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-12 e-mail: sales@glenair.com filter a b c d e f g h j k l m filtered mighty mouse dimensions shell size ab?c ?d e threads ? f ? g tail dia. in. .003 mm. .08 in. mm. in. mm. in. mm. in. mm. 8 .850 21.59 .660 16.76 1.150 29.21 .094 2.39 .5000-.1p-.3l-ts-2a .413 10.49 #23 .018/.022 (0.46/0.56) 9 .913 23.19 .723 18.36 1.230 31.24 .094 2.39 .5625-.1p-.3l-ts-2a .500 12.70 10 .975 24.77 .785 19.94 1.330 33.78 .094 2.39 .6250-.1p-.3l-ts-2a .530 13.46 11 1.039 26.39 .848 21.54 1.410 35.81 .094 2.39 .6875-.1p-.3l-ts-2a .558 14.17 12 1.099 27.91 .909 23.09 1.500 38.10 .094 2.39 .7500-.1p-.3l-ts-2a .655 16.51 15 1.288 32.74 1.058 26.87 1.750 44.45 .128 3.25 .9375-.1p-.3l-ts-2a .708 17.98 18 1.475 37.47 1.255 31.88 2.000 50.80 .128 3.25 1.1250-.1p-.3l-ts-2a .871 22.12 19 1.537 71.06 1.327 33.71 2.094 53.19 .128 3.25 1.1870-.1p-.3l-ts-2a .972 24.67 series 805 key positions key position key rotation ab normal (a) 150 210 b 75 210 c 95 230 d 140 275 a b ?.005 m 4x ? d master keyway ? c a sq typ b bsc typ .430 (10.92) .060 (1.52) 1.030 (26.16) max max red full mate indicator band e thread ? f .280 (7.11) e thread .060 (1.52) .025 (0.64) .125 (3.18) min. 1.200 (30.48) max max ? f ? g 240-805-01 and -02 filter square flange receptacle solder cup with band platform 240-805-01 printed circuit board contacts 240-805-02 rev. 05-apr-2007


▲Up To Search▲   

 
Price & Availability of 204-805-01ZL12-26PSCDA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X