Part Number Hot Search : 
BTA208 LA4168M RT5028 8950AC LC4115 ML6431 24LC22A L624F
Product Description
Full Text Search
 

To Download 07P-RIZ-K2GG-S3RLLFSN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  388 riz connector disconnectable crimp style wire-to-wire connectors ?space saving ?panel locking device ?high durability ?hybrid type specifications ?current rating: signal circuit 1.0a ac, dc (awg #26) power supply circuit 15a ac, dc (awg #14) ?voltage rating: signal circuit 50v ac, dc power supply circuit 250v ac, dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: signal circuit initial value/40m max. after environmental testing/60m max. power supply circuit initial value/10m max. after environmental testing/20m max. ?insulation resistance: 500m min. ?withstanding voltage: signal circuit 500v ac power supply circuit 1,500v ac ?applicable wire: power supply circuit conductor awg #24 to #14 insulation o.d. 1.4 to 3.6mm signal circuit applicable receptacle cz, czh * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 1 certified lr20812 in unit connection, this riz connector is a hybrid type single row drawer connector with combined signal and power supply circuits, absorbs misalignment between units, and excels durability. signal circuit type hybrid type       y    y signal circuit type hybrid type       y    y assembly layout
389 riz connector plug signal circuit type panel thickness: 1.2mm, 1.6mm, 2.0mm when mounting from mating side when mounting from socket side when mounting from mating side when mounting from socket side hybrid type panel thickness: 1.2mm, 1.6mm, 2.0mm receptacle signal circuit type panel thickness: 2.0mm hybrid type panel thickness: 2.0mm )+45 ?  ?  ?  ?  ? & panel  (  '        &  ) )+45 panel %  '        panel %   '        panel    '    y   y     &  ) +45 panel   y     y &  (  panel      model no. mm 2 awg # srwm-01gg-s0.6 srwm-21gg-s0.6 srwm-61gg-s0.6 ? ? ? ? ? ? material and finish copper alloy, nickel-undercoated, mating part; gold-plated crimping part; tin-plated (reflow treatment) applicable wire insulation o.d. (mm) q'ty / reel ? ? ?          model no. mm 2 awg # srwf-01gg-m0.6 srwf-21gg-m0.6 srwf-61gg-m0.6 ? ? ? ? ? ? material and finish applicable wire insulation o.d. (mm) q'ty / reel ? ? ?       copper alloy, nickel-undercoated, mating part; gold-plated crimping part; tin-plated (reflow treatment) rohs compliance this product displays (lf)(sn) on a label. rohs compliance this product displays (lf)(sn) on a label. srwm-01gg-s0.6 srwm-21gg-s0.6 srwm-61gg-s0.6 .,4-  .,4-  .,4-  contact crimping machine crimp applicator with dies "1,/ .,431'.  .,431'.  .,431'.  crimp applicator dies "1-.,431'.  "1-.,431'.  "1-.,431'.  applicator  srwf-01gg-m0.6 srwf-21gg-m0.6 srwf-61gg-m0.6 .,4-  .,4-  .,4-  contact crimping machine crimp applicator with dies "1,/ .,431'.  .,431'.  .,431'.  crimp applicator dies "1-.,431'.  "1-.,431'.  "1-.,431'.  applicator  note: 1. punch holes in the panel according to the figures and table shown above. burrs must be removed. 2. the strength of the panel must be considered when punching two or more holes. 3. the connector must be inserted from the same side as the hole is punched. panel layout plug contact for power supply circuit receptacle contact for power supply circuit
390 390 riz connector q'ty / box model no. 04r-riz-k4gg-fl 06r-riz-k4gg-fl 08r-riz-k4gg-fl 10r-riz-k4gg-fl 14r-riz-k4gg-fl       circuits dimensions (mm)     f           e       d       c      b       a      material and finish contact: copper alloy, nickel-undercoated, selective gold-plated, tin-plated (reflow-treatment) housing: pbt, ul94v-0, black power supply signal q'ty / box model no. 07r-riz-k4gg-sq3fl 08r-riz-k4gg-sq3fl 13r-riz-k4gg-sq3fl     dimensions (mm)   f       e     d     c    b     a    material and finish contact: copper alloy, nickel-undercoated, selective gold-plated, tin-plated (reflow-treatment) housing: pbt, ul94v-0, black circuits power supply signal signal circuit type hybrid type   4 4 4   )+45 # "  $   & %      $ & % " #    )+45       rohs compliance this product displays (lf)(sn) on a label. rohs compliance this product displays (lf)(sn) on a label. signal circuit type hybrid type +45 # "           ) %    4 4 4 4 $  )+45 ?"   % $      "  # q'ty / box model no. 07p-riz-k2gg-s3rl 08p-riz-k2gg-s3rl 13p-riz-k2gg-s3rl circuits dimensions (mm)       t =1.6,2.0    t =1.2    e f     g         d     c    b     a    material and finish contact: copper alloy, nickel-undercoated, selective gold-plated, tin-plated (reflow treatment) housing: pbt, ul94v-0, black power supply signal      q'ty / box model no. 04p-riz-k2gg-rl 06p-riz-k2gg-rl 08p-riz-k2gg-rl 10p-riz-k2gg-rl 14p-riz-k2gg-rl       dimensions (mm)    h       g      f                   d       c       b       a      material and finish contact: copper alloy, nickel-undercoated, selective gold-plated, tin-plated (reflow-treatment) housing: pbt, ul94v-0, black u u  circuits e signal power supply rohs compliance this product displays (lf)(sn) on a label. rohs compliance this product displays (lf)(sn) on a label. plug receptacle
391 391 riz connector  "  # $      circuits model no. dimensions (mm) b        c                      material q'ty / box pbt, ul94v-0, natural (white)                czhr-04v-s czhr-06v-s czhr-07v-s czhr-08v-s czhr-10v-s czhr-13v-s czhr-14v-s a        rohs compliance )+45     " # circuit no.1 circuits model no. dimensions (mm) ab gray yellow q'ty / box        04cz-6h 06cz-6h 07cz-6h 08cz-6h 10cz-6h 13cz-6h 14cz-6h 04cz-6y 06cz-6y 07cz-6y 08cz-6y 10cz-6y 13cz-6y 14cz-6y                             material and finish contact: copper alloy, tin-plated (reflow treatment) housing: glass-filled pa 66, ul94v-0      model no. mm 2 awg # sczh-002t-p0.5 ? ? material and finish copper alloy, tin-plated (reflow treatment) applicable wire insulation o.d. (mm) q'ty / reel ?   rohs compliance rohs compliance sczh-002t-p0.5 .,4-  contact crimping machine crimp applicator with dies "1,/ .,4$;)  crimp applicator dies "1-.,4$;)  applicator cz connector socket czh connector contact czh connector housing


▲Up To Search▲   

 
Price & Availability of 07P-RIZ-K2GG-S3RLLFSN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X