Part Number Hot Search : 
CM160 BAV21W 74HCT13 L9765 TN7272 2SC4311 10294 4054B
Product Description
Full Text Search
 

To Download 06P-RIZ-K2GG-RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 riz connector disconnectable crimp style wire-to-wire connectors ?space saving ?panel locking device ?high durability ?hybrid type specifications ?current rating: signal circuit 1.0a ac, dc (awg #26) power supply circuit 15a ac, dc (awg #14) ?voltage rating: signal circuit 50v ac, dc power supply circuit 250v ac, dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: signal circuit initial value/40m ? max. after environmental testing/60m ? max. power supply circuit initial value/10m ? max. after environmental testing/20m ? max. ?insulation resistance: 500m ? min. ?withstanding voltage: signal circuit 500v ac power supply circuit 1,500v ac ?applicable wire: power supply circuit conductor awg #24 to #14 insulation o.d. 1.4 to 3.6mm signal circuit applicable receptacle cz, czh * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 1 certified lr20812 in unit connection, this riz connector is a hybrid type single row drawer connector with combined signal and power supply circuits, absorbs misalignment between units, and excels durability. signal circuit type hybrid type       y    y signal circuit type hybrid type       y    y assembly layout
2 riz connector plug signal circuit type panel thickness: 1.2mm, 1.6mm, 2.0mm when mounting from mating side when mounting from socket side when mounting from mating side when mounting from socket side hybrid type panel thickness: 1.2mm, 1.6mm, 2.0mm receptacle signal circuit type panel thickness: 2.0mm hybrid type panel thickness: 2.0mm )+45 ?  ?  ?  ?  ? & panel ? ( ? ' ?  ?  ?  ? & ? ) )+45 panel % ? ' ?  ?  ?  ? panel %   '        panel    '    y   y     &  )+45 panel   y  ?   y & ? ( ? panel      model no. mm 2 awg # srwm-01gg-s0.6 srwm-21gg-s0.6 srwm-61gg-s0.6 ? ? ? ? ? ? material and finish copper alloy, nickel-undercoated, mating part; gold-plated crimping part; tin-plated (reflow treatment) applicable wire insulation o.d. (mm) q'ty / reel ? ? ?          model no. mm 2 awg # srwf-01gg-m0.6 srwf-21gg-m0.6 srwf-61gg-m0.6 ? ? ? ? ? ? material and finish applicable wire insulation o.d. (mm) q'ty / reel ? ? ?       copper alloy, nickel-undercoated, mating part; gold-plated crimping part; tin-plated (reflow treatment) rohs compliance this product displays (lf)(sn) on a label. rohs compliance this product displays (lf)(sn) on a label. srwm-01gg-s0.6 srwm-21gg-s0.6 srwm-61gg-s0.6 .,4-  .,4-  .,4-  contact crimping machine crimp applicator with dies "1,/ .,431'.  .,431'.  .,431'.  crimp applicator dies "1-.,431'.  "1-.,431'.  "1-.,431'.  applicator  srwf-01gg-m0.6 srwf-21gg-m0.6 srwf-61gg-m0.6 .,4-  .,4-  .,4-  contact crimping machine crimp applicator with dies "1,/ .,431'.  .,431'.  .,431'.  crimp applicator dies "1-.,431'.  "1-.,431'.  "1-.,431'.  applicator  note: 1. punch holes in the panel according to the figures shown above. burrs must be removed. 2. the strength of the panel must be considered when punching two or more holes. 3. the connector must be inserted from the same side as the hole is punched. panel layout plug contact for power supply circuit receptacle contact for power supply circuit
3 3 riz connector q'ty / box model no. 04r-riz-k4gg-fl 06r-riz-k4gg-fl 08r-riz-k4gg-fl 10r-riz-k4gg-fl 14r-riz-k4gg-fl       circuits dimensions (mm)     f           e       d       c      b       a      material and finish contact: copper alloy, nickel-undercoated, selective gold-plated, tin-plated (reflow-treatment) housing: pbt, ul94v-0, black power supply signal q'ty / box model no. 07r-riz-k4gg-sq3fl 08r-riz-k4gg-sq3fl 13r-riz-k4gg-sq3fl     dimensions (mm)   f       e     d     c    b     a    material and finish contact: copper alloy, nickel-undercoated, selective gold-plated, tin-plated (reflow-treatment) housing: pbt, ul94v-0, black circuits power supply signal signal circuit type hybrid type (connector with integrated signal and power)   4 4 4   )+45 # "  $   & %      $ & % " #    )+45       rohs compliance this product displays (lf)(sn) on a label. rohs compliance this product displays (lf)(sn) on a label. signal circuit type hybrid type (connector with integrated signal and power) +45 # "           ) %    4 4 4 4 $  )+45 ?"   % $      "  # q'ty / box model no. 07p-riz-k2gg-s3rl 08p-riz-k2gg-s3rl 13p-riz-k2gg-s3rl circuits dimensions (mm)       t =1.6,2.0    t =1.2    e f     g         d     c    b     a    material and finish contact: copper alloy, nickel-undercoated, selective gold-plated, tin-plated (reflow treatment) housing: pbt, ul94v-0, black power supply signal      q'ty / box model no. 04p-riz-k2gg-rl 06P-RIZ-K2GG-RL 08p-riz-k2gg-rl 10p-riz-k2gg-rl 14p-riz-k2gg-rl       dimensions (mm)    h       g      f                   d       c       b       a      material and finish contact: copper alloy, nickel-undercoated, selective gold-plated, tin-plated (reflow-treatment) housing: pbt, ul94v-0, black u u  circuits e signal power supply rohs compliance this product displays (lf)(sn) on a label. rohs compliance this product displays (lf)(sn) on a label. plug receptacle
4 4 riz connector  "  # $      circuits model no. dimensions (mm) b        c                      material q'ty / box pbt, ul94v-0, natural (white)                czhr-04v-s czhr-06v-s czhr-07v-s czhr-08v-s czhr-10v-s czhr-13v-s czhr-14v-s a        rohs compliance )+45     " # circuit no.1 circuits model no. dimensions (mm) ab gray yellow q'ty / box        04cz-6h 06cz-6h 07cz-6h 08cz-6h 10cz-6h 13cz-6h 14cz-6h 04cz-6y 06cz-6y 07cz-6y 08cz-6y 10cz-6y 13cz-6y 14cz-6y                             material and finish contact: copper alloy, tin-plated (reflow treatment) housing: glass-filled pa 66, ul94v-0      model no. mm 2 awg # sczh-002t-p0.5 ? ? material and finish copper alloy, tin-plated (reflow treatment) applicable wire insulation o.d. (mm) q'ty / reel ?   rohs compliance rohs compliance sczh-002t-p0.5 .,4-  contact crimping machine crimp applicator with dies "1,/ .,4$;)   crimp applicator dies "1-.,4$;)  applicator cz connector socket czh connector contact czh connector housing


▲Up To Search▲   

 
Price & Availability of 06P-RIZ-K2GG-RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X