Part Number Hot Search : 
SPN2304 DT7130 PJ5815CP CSND591 4000A 1N537 SC120 MB91F
Product Description
Full Text Search
 

To Download YTW-09-09-L-Q-300-050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,00mm) .0787" pitch choice of 4, 5 or 6 row ytw?12?10?s?6?300?215 ytw?26?02?t?5?250?050 ytw?20?03?g?q?400?085 ? f www.samtec.com mates with: ytq, yts, yte note: this series is non-standard, non-returnable. ?q = four row ?5 = five row ?6 = six row ??xxx? = stacker height in inches (0,13mm) .005" increments example: ?250 = (6,35mm) .250" tail spec plat ing option stacker height ytw row option no. pins per row lead style 02 thru 50 specify lead style from chart below. ??xxx? = tail length in inches (0,13mm) .005" increments example: -150 = (3,81mm) .150" ??xxx? = polarized position lead style (8,20) .323 (9,60) .377 (13,60) .535 (14,10) .555 (15,10) .594 (17,10) .673 (19,10) .751 (11,60) .456 (15,60) .614 (10,08) .397 oal ?01 ?02 ?03 ?04 ?05 ?06 ?07 ?09 ?10 ?11 2mm hi-density stacker for complete speci cations see www.samtec.com?ytw i nsulator material: black liquid crystal polymer terminal material: phosphor bronze current rating: 3a @ 80? ambient operating temp range: -55? to +105? with tin; -55? to +125? with gold plating : sn or au over 50? (1,27?) ni rohs compliant: ye s processing: max processing temp: 230? for 60 seconds lead?free solderable: wave only. ytw series (2,00) .0787 (0,51) .020 sq oal (1,27) .050 min 06 300 01 295 post tail (0,00) .000 min stacker height see chart no. of positions x (2,00) .0787 (2,00) .0787 typ (2,00) .0787 no. of rows x (2,00) .0787 row option (3,05) .120 min (4,06) .160 min stacker height ?q ?5 & ?6 specifications shrouded four row vertical & right angle see tmms series. also available right angle four row see tmm series. 2mm shunt see 2sn series. low pro? le see ytt & tmm series. also available paste in hole (pih) processing. contact samtec asp group. overall smt pin (oal) board space socket profile post stacker height overall t/h pin (oal) tail board stacking ?g = 20" (0,51m) gold contact area, gold ? ash on tail ?s = 30" (0,76m) gold contact area, tin on tail (style ?01 & ?02 not available) ?l = 10" (0,25m) gold contact area, tin on tail ?t = tin f-209 supplement tm


▲Up To Search▲   

 
Price & Availability of YTW-09-09-L-Q-300-050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X