Part Number Hot Search : 
092316 B160A MMBT5550 1N4615 M74HC SGM8952 SSG4565 RT1N231M
Product Description
Full Text Search
 

To Download YLNP-02V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 yln connector 4.5mm pitch/disconnectable crimp style wire-to-wire connectors specifications ?current rating: 10a max. ac, dc (7a when retainers are mounted) ?voltage rating: 300v max. ac, dc ?temperature range: - 25?c to + 90?c (including temperature rise in applying electrical current) ?contact resistance: initial value/7m ? max. after environmental testing/10m ? max. ?insulation resistance: 1,000m ? min. ?withstanding voltage: 1,500v ac/minute ?applicable wire: awg #26 to #16 0.13 to 1.25mm 2 * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. note: the current rating differs depending on the number of circuits and the wire size used in each connector. the table below lists the current rating as a function of the number of circuits and the wire size. :-/ the yln connector adds variations in shape to the existing color variations of the yl connector in order to improve identification of connectors. moreover, this connector has a mechanism to prevent incomplete mating by utilizing the inertial force generated when the plug and receptacle are mated and therefore, ensures complete mating. ?design to prevent incidental mating with the yl connector ?inertial force mechanism ?interchangeability ?finger friendly design circuits wire sizeawg #16 #18 #20 #22 #24 #26 2 3 4 6 10 9 9 8 7 6 6 5 5 4 4 3 4 4 4 3 3 3 3 2 2 2 2 2 current unit : a 35.1 38.7(including retainer) 10.8 35.1 38.7(including retainer) 17.05 (including retainer) (2, 3 circuits) (4, 6 circuits) assembly layout note: secondary retainers cannot be used with awg #16 wires. standards 0 recognized e60389 1 certified lr20812
2 yln connector 19.5 4.4 2.0 0.5 2.0 1.1 14.2 1.8 2.8 4.4 2.0 1.1 material and finish model no. mm 2 awg # insulation o.d. (mm) applicable wire q'ty / reel pin contact socket contact sym-01t-p0.5a sym-41t-p0.5a syf-01t-p0.5a syf-41t-p0.5a 0.13 ? 0.5 0.5 ? 1.25 0.3 0.3 ? 0.5 0.5 26 ? 20 20 ? 16 22 22 ? 20+20 1.3 ? 2.5 2.0 ? 3.4 1.5+1.5? 2.0+2.0 phosphor bronze, tin-plated (reflow treatment) 4,000 sym-01t-p0.5a 5,000 yy y  pin contact socket contact rohs compliance note: 1. contact jst for special products. 2. retainers cannot be used with electric wire whose insulation o.d. exceeds 2.7mm and awg #16. material: housing...pa 66, ul94v-0, natural (white) retainer...glass-filled pa 66, ul94v-0, natural (ivory) rohs compliance note: current rating in parentheses is for use with awg #16 wire. (retainers are not mountable.) q'ty / bag q'ty / bag q'ty / bag q'ty / bag q'ty / bag q'ty / bag 4 300v ylnr-04vf ylnr-06vf 200 250 ylnp-04v ylnp-06v yls-03v (used with both housings with 3 and 6 circuits) yls-02v (used with both housings with 2 and 4 circuits) 200 250 1,000 1,000 lyjst 1 15.3 11.0 20.9 2 43 l jst 1 6.5 13.8 16.1 26.6 no.1 hole mark 18.3 26.6 15.5 20.9 2.9 8.3 2.9 12.8 6a 9a 6 300v 5a 8a 2 3 54 6 1 no.1 hole mark no.1 hole mark no.1 hole mark l jst 6.5 16.1 2 43 ljst 1 15.3 2 54 3 6 retainer q'ty / bag q'ty / bag voltage rating q'ty / bag q'ty / bag q'ty / bag q'ty / bag 2 300v ylnr-02vf ylnr-03vf 250 250 YLNP-02V ylnp-03v yls-03v (used with both housings with 3 and 6 circuits) yls-02v (used with both housings with 2 and 4 circuits) 500 500 1,000 1,000 jst l 12 10.2 2.9 8.3 2.9 12.8 circuits receptacle housing(for pin contact) plug housing(for socket contact) current rating 7a 10a 3 300v 6a 9a 2 l jst 1 6.5 13.8 10.8 26.6 no.1 hole mark 2 3 l jst 1 6.5 18.3 10.8 26.6 no.1 hole mark jst l 1 2 3 10.2 11.0 20.9 15.5 20.9 no.1 hole mark no.1 hole mark note: *strip-crimp applicator .,4- * .,44$:- .,4- * .,44$:- sym-01t-p0.5a syf-01t-p0.5a sym-41t-p0.5a syf-41t-p0.5a contact crimping machine crimp applicator with dies "1,/ .,4:'. 4$4:'. .,4:'. 4$4:'. crimp applicator dies "1-.,4:'. "1-4$4:'. "1-.,4:'. "1-4$4:'. applicator  contact housing


▲Up To Search▲   

 
Price & Availability of YLNP-02V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X