Part Number Hot Search : 
CDBM120 22522062 1012S A1444 APD322 DDZ9700 C100LVE 72002
Product Description
Full Text Search
 

To Download XPL2010-821MLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. power inductors C xpl2010 series document 646-1 document 646-1 revised 07/02/10 inductance 2 dcr nom 3 dcr max 3 srf typ 4 i sat (a) 5 i rms (a) 6 part number 1 20% (h) (ohms) (ohms) (mhz ) 10% drop 20% drop 30% drop 20c rise 40c rise xpl2010-201ml_ 0.20 0.024 0.027 408 2.80 3.45 3.75 2.2 2.8 xpl2010-331ml_ 0.33 0.031 0.035 309 1.90 2.75 3.05 1.9 2.6 xpl2010-501ml_ 0.50 0.040 0.045 218 1.80 2.35 2.64 1.7 2.3 xpl2010-681ml_ 0.68 0.057 0.063 152 1.55 1.95 2.19 1.5 2.1 xpl2010-821ml_ 0.82 0.068 0.075 132 1.25 1.65 1.90 1.3 1.7 xpl2010-102ml_ 1.0 0.081 0.089 117 1.20 1.60 1.80 1.1 1.6 xpl2010-152ml_ 1.5 0.105 0.116 80 0.950 1.30 1.50 1.0 1.4 xpl2010-222ml_ 2.2 0.156 0.173 75 0.940 1.20 1.35 0.96 1.3 xpl2010-332ml_ 3.3 0.207 0.228 55 0.700 0.925 1.05 0.79 1.1 xpl2010-472ml_ 4.7 0.336 0.370 40 0.580 0.750 0.845 0.74 1.0 xpl2010-682ml_ 6.8 0.421 0.463 33 0.450 0.620 0.725 0.64 0.87 xpl2010-822ml_ 8.2 0.457 0.503 30 0.440 0.600 0.670 0.55 0.75 xpl2010-103ml_ 10 0.555 0.611 28 0.390 0.525 0.610 0.49 0.66 xpl2010-104ml_ 100 8.48 9.27 11 0.180 0.214 0.232 0.13 0.17 xpl2010-224ml_ 220 19.2 21.1 7.1 0.122 0.143 0.161 0.086 0.116 designer?s kit c428 contains 5 each of all values core material composite core and winding loss see www.coilcraft.com/coreloss weight 20 mg terminations rohs compliant tin-silver-copper over tin over nickel over silver. other terminations available at additional cost. ambient temperature ?40c to +90c with i rms current, +90c to +130c with derated current storage temperature component: ?40c to +130c. t&r packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 2000/7 reel; 7500/13 reel plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing, 1.19 mm pocket depth pcb washing only pure water or alcohol recommended ? utra-miniature, magnetically shielded power inductors ? very low dcr and excellent current handling. ? soft saturation makes them ideal for vrm/vrd applications. 1. when ordering, please specify packaging code: xpl2010-103ml c packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d =13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at which the inductance drops the specified amount from its value without current. 6. current that causes the specified temperature rise fron 25c ambient. 7. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering.
? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. smt power inductors C xpl2010 series document 646-2 document 646-2 revised 07/02/10 typical l vs current typical l vs frequency dimensions are in inches mm 0.079 0.008 2,0 0,2 0.075 0.008 1,9 0,2 0.039 1,00 max 0.057 1,45 0.087 2,2 0.041 1,04 0.014 0,35 min recommended land pattern typical irms derating 0.1 1 100 10 frequency (mhz) inductance (h) 0.1 1 10 1000 100 0.33 h 1.0 h 3.3 h 10 h 100 h 220 h 0.1 1 10 1000 100 0.01 0.1 10 1 current (a) inductance (h) 0.33 h 1.0 h 3.3 h 10 h 100 h 220 h -40 -20 0 20 40 60 80 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c percent of rated rms i


▲Up To Search▲   

 
Price & Availability of XPL2010-821MLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X