Part Number Hot Search : 
LTC3805 2SK2077 MC14079 00ELT C560C MC1490D UPD65530 SBR30
Product Description
Full Text Search
 

To Download X9421YP18I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? fn8196.2 caution: these devices are sensitive to electrosta tic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774 | intersil (and design) is a registered trademark of intersil americas inc. xdcp is a trademark of intersil americas inc. copy right intersil americas inc. 2005. all rights reserved all other trademarks mentioned are the property of their respective owners. x9421 low noise/low power/spi bus single digitally c ontrolled (xdcp?) potentiometer features ? single voltage potentiometer ? 64 resistor taps ? spi serial interface for write, read, and transfer operations of the potentiometer ? wiper resistance, 150 typical at 5v ? 4 non-volatile data registers ? non-volatile storage of multiple wiper positions ? power-on recall. loads saved wiper position on power-up. ? standby current < 5a max ?v cc : 2.7v to 5.5v operation ? 2.5k , 10k end to end resistance ? 100 yr. data retention ? endurance: 100, 000 data changes per bit per register ? 14 ld tssop, 16 ld soic ? low power cmos ? pb-free plus anneal available (rohs compliant) description the x9421 integrates a single digitally controlled potentiometer (xdcp) on a monolithic cmos integrated circuit. the digital controlled potentiometer is implemented using 63 resistive elements in a series array. between each element are tap points connected to the wiper terminal through switches. the position of the wiper on the array is controlled by the user through the spi bus interface. the potentiomete r has associated with it a volatile wiper counter register (wcr) and a four non- volatile data registers that can be directly written to and read by the user. the contents of the wcr controls the position of the wiper on the resistor array though the switches. poweru p recalls the contents of the default data register (dr0) to the wcr. the xdcp can be used as a three-terminal potentiometer or as a two terminal variable resistor in a wide variety of applications including control, parameter adjustments, and signal processing. block diagram 64-taps 10k inc / dec r h /v h r l /v l r w /v w pot v cc v ss spi bus address data status write read wiper transfer power-on recall wiper counter register (wcr) data registers 4 bytes control interface bus interface & control data sheet december 6, 2005 n o t r e c o m m e n d e d f o r n e w d e s i g n s p o s s i b l e s u b s t i t u t e p r o d u c t i s l 2 2 4 1 6 , i s l 2 2 4 1 9
2 fn8196.2 december 6, 2005 ordering information part number part marking v cc limits (v) potentiometer organization (k ) temp range (c) package x9421ys16* x9421ys 5 10% 2.5 0 to 70 16 ld soic (300 mil) x9421ys16z* (note) x9421ys z 0 to 70 16 ld soic (300 mil) (pb-free) x9421ys16i* x9421ys i -40 to 85 16 ld soic (300 mil) x9421ys16iz* (note) x9421ys zi -40 to 85 16 ld soic (300 mil) (pb-free) x9421yv14* x9421yv 0 to 70 14 ld tssop (4.4mm) x9421yv14z* (note) x9421yv z 0 to 70 14 ld tssop (4.4mm) (pb-free) x9421yv14i* x9421yv i -40 to 85 14 ld tssop (4.4mm) x9421yv14iz* (note) x9421yv zi -40 to 85 14 ld tssop (4.4mm) (pb-free) x9421ws16* x9421ws 10 0 to 70 16 ld soic (300 mil) x9421ws16z* (note) x9421ws z 0 to 70 16 ld soic (300 mil) (pb-free) x9421ws16i* x9421ws i -40 to 85 16 ld soic (300 mil) x9421ws16iz* (note) x9421ws zi -40 to 85 16 ld soic (300 mil) (pb-free) x9421wv14* x9421wv 0 to 70 14 ld tssop (4.4mm) x9421wv14z* (note) x9421wv z 0 to 70 14 ld tssop (4.4mm) (pb-free) x9421wv14i* x9421wv i -40 to 85 14 ld tssop (4.4mm) x9421wv14iz* (note) x9421wv zi -40 to 85 14 ld tssop (4.4mm) (pb-free) x9421ys16-2.7* x9421ys f 2.7 to 5.5 2.5 0 to 70 16 ld soic (300 mil) x9421ys16z-2.7* (note) x9421ys zf 0 to 70 16 ld soic (300 mil) (pb-free) x9421ys16i-2.7* x9421ys g -40 to 85 16 ld soic (300 mil) x9421ys16iz-2.7* (note) x9421ys zg -40 to 85 16 ld soic (300 mil) (pb-free) x9421yv14-2.7* x9421yv f 0 to 70 14 ld tssop (4.4mm) x9421yv14z-2.7* (pb-free) x9421yv zf 0 to 70 14 ld tssop (4.4mm) (pb-free) x9421yv14i-2.7* x9421yv g -40 to 85 14 ld tssop (4.4mm) x9421yv14iz-2.7* (pb-free) x9421yv zg -40 to 85 14 ld tssop (4.4mm) (pb-free) x9421ws16-2.7* x9421ws f 10 0 to 70 16 ld soic (300 mil) x9421ws16z-2.7* (note) x9421ws zf 0 to 70 16 ld soic (300 mil) (pb-free) x9421ws16i-2.7* x9421ws g -40 to 85 16 ld soic (300 mil) x9421ws16iz-2.7* (note) x9421ws zg -40 to 85 16 ld soic (300 mil) (pb-free) x9421wv14-2.7* x9421wv f 0 to 70 14 ld tssop (4.4mm) x9421wv14z-2.7* (pb-free) x9421wv zf 0 to 70 14 ld tssop (4.4mm) (pb-free) x9421wv14i-2.7* x9421wv g -40 to 85 14 ld tssop (4.4mm) x9421wv14iz-2.7* (pb-free) x9421wv zg -40 to 85 14 ld tssop (4.4mm) (pb-free) *add "t1" suffix for tape and reel. note: intersil pb-free plus anneal products employ special pb-free material sets; mo lding compounds/die attach materials and 100 % matte tin plate termination finish, which are rohs compliant and compatible with both snpb and pb-free soldering operations. intersil pb-free p roducts are msl classified at pb-free peak reflow temper atures that meet or exceed the pb-free requirements of ipc/jedec j std-020. x9421
3 fn8196.2 december 6, 2005 detailed functional diagram circuit level applications ? vary the gain of a voltage amplifier ? provide programmable dc reference voltages for comparators and detectors ? control the volume in audio circuits ? trim out the offset voltage error in a voltage amplifier circuit ? set the output voltage of a voltage regulator ? trim the resistance in wheatstone bridge circuits ? control the gain, characteristic frequency and q-factor in filter circuits ? set the scale factor and zero point in sensor signal conditioning circuits ? vary the frequency and duty cycle of timer ics ? vary the dc biasing of a pin diode attenuator in rf circuits ? provide a control variable (i, v, or r) in feedback circuits system level applications ? adjust the contrast in lcd displays ? control the power level of led transmitters in communication systems ? set and regulate the dc biasing point in an rf power amplifier in wireless systems ? control the gain in audio and home entertainment systems ? provide the variable dc bias for tuners in rf wireless systems ? set the operating points in temperature control systems ? control the operating point for sensors in industrial systems ? trim offset and gain errors in artificial intelligent systems wiper counter register (wcr) r h /v h r l /v l data r w /v w interf a ce and control circuitr y v cc v ss cs sck a0 so si hold wp control 64--taps 10k power-on recall dr0 dr1 dr2 dr3 x9421
4 fn8196.2 december 6, 2005 pin configuration pin assignments tssop pin soic pin symbol brief description 1 2 so serial data output 2 3 nc no connect 3 nc no connect 44cs chip select 55sckserial clock 6 6 si serial data input 78v ss system ground 89wp hardware write protect 9 10 a0 device address 10 11 hold device select. pause the serial bus. 11 12 r w / v w wiper terminal of the potentiometer. 12 13 r h / v h high terminal of the potentiometer. 13 14 r l / v l low terminal of the potentiometer. 14 16 v cc system supply voltage 1 nc no connect 7 nc no connect 15 nc no connect v cc r l /v l vss 1 2 3 4 5 6 7 8 14 13 12 11 10 9 nc r w /v w sck cs tssop r h /v h x9421 s0 nc si hold wp a0 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 soic x9421 v cc r l /v l r w /v w r h /v h hold wp a0 nc vss sck cs nc si so nc nc x9421
5 fn8196.2 december 6, 2005 pin descriptions host interface pins serial output (so) so is a push/pull serial data output pin. during a read cycle, data is shifted out on this pin. data is clocked out by the falling edge of the serial clock. serial input si is the serial data input pin. all opcodes, byte addresses and data to be written to the potentiometer and pot register are input on this pin. data is latched by the rising edge of the serial clock. serial clock (sck) the sck input is used to clock data into and out of the x9421. chip select (cs ) when cs is high, the x9421 is deselected and the so pin is at high impedance, and (unless an internal write cycle is underway) the device will be in the standby state. cs low enables the x9421, placing it in the active power mode. it should be noted that after a power-up, a high to low transition on cs is required prior to the start of any operation. hold (hold ) hold is used in conjunction with the cs pin to select the device. once the part is selected and a serial sequence is underway, hold may be used to pause the serial communication with the controller without resetting the serial sequence. to pause, hold must be brought low while sc k is low. to resume communication, hold is brought high, again while sck is low. if the pause feature is not used, hold should be held high at all times. device address (a 0 ) the address input is used to set the least significant bit of the 8-bit slave address. a match in the slave address serial data stream must be made with the address input in order to initiate communication with the x9421. a maximum of 2 devices may occupy the spi serial bus. potentiometer pins v h /r h , v l /r l the v h /r h and v l /r l inputs are equivalent to the terminal connections on either end of a mechanical potentiometer. v w /r w the wiper output is equivalent to the wiper output of a mechanical potentiometer. hardware write protect input (wp ) the wp pin when low prevents nonvolatile writes to the data registers. writ ing to the wiper counter register is not restricted. system/digital supply (v cc ) v cc is the supply voltag e for the system/digital section. v ss is the system ground. principles of operation the x9421 is a highly integrated microcircuit incorporating a resistor arra y and associated registers and counter and the serial interface logic providing direct communication between the host and the xdcp potentiometer. serial interface the x9421 supports the spi interface hardware conventions. the device is accessed via the si input with data clocked in on the rising sck. cs must be low and the hold and wp pins must be high during the entire operation. the so and si pins can be connected together, since they have three state outpu ts. this can help to reduce system pin count. array description the x9421 is comprised of one resistor array containing 63 discrete resistive segments that are connected in series. the physical ends of each array are equivalent to the fixe d terminals of a mechanical potentiometer (v h /r h and v l /r l inputs). x9421
6 fn8196.2 december 6, 2005 at both ends of the array and between each resistor segment is a cmos switch connected to the wiper (v w /r w ) output. within the individual array only one switch may be turned on at a time. these switches are controlled by a wiper counter register (wcr). the six bits of the wcr are decoded to select, and enable, one of sixty-four switches. the block diagram of the potentiometer is shown in figure 1. wiper counter register (wcr) the x9421 contains a wiper counter register. the wcr can be envisioned as a 6-bit parallel and serial load counter with its outputs decoded to select one of sixty-four switches along its resistor array. the contents of the wcr can be altered in four ways: it may be written directly by the host via the write wiper counter register in struction (serial load); it may be written indirectly by transfer ring the contents of one of four associated data registers via the xfr data register instruction (paralle l load); it can be modified one step at a time by the increment/ decrement instruction. finally, it is loaded with the contents of its data register zero (dr0) upon power-up. the wiper counter register is a volatile register; that is, its contents are lost when the x9421 is powered- down. although the register is automatically loaded with the value in dr0 upon power-up, this may be different from the value present at power-down. data registers the potentiometer has four 6-bit nonvolatile data registers. these can be read or written directly by the host. data can also be transferred between any of the four data registers and the wcr. it should be noted all operations changing data in one of the data registers is a nonvolatile operation and will take a maximum of 10ms. if the application does not require storage of multiple settings for the potentiomete r, the data registers can be used as regular memory locations for system parameters or user preference data. register descriptions table 1. data registers, (6-bit), nonvolatile there are four 6-bit data registers associated with the potentiometer. ? {d5~d0}: these bits are for general purpose non- volatile data storage or for storage of up to four dif- ferent wiper values. table 2. wiper counter register, (6-bit), volatile ? {wp5~wp0}: these bits specify the wiper position of the potentiometer. 0 0 d5 d4 d3 d2 d1 d0 (msb) (lsb) 0 0 wp5 wp4 wp3 wp2 wp1 wp0 (msb) (lsb) x9421
7 fn8196.2 december 6, 2005 figure 1. detailed potentiometer block diagram write in process the contents of the data registers are saved to nonvolatile memory when the cs pin goes from low to high after a complete wr ite sequence is received by the device. the progress of th is internal write operation can be monitored by a write in process bit (wip). the wip bit is read with a read status command. instructions address/identification (id) byte the first byte sent to the x9421 from the host, following a cs going high to low, is called the address or identification byte. the most significant four bits of the slave address are a device type identifier, for the x9421 this is fixed as 0101[b] (refer to figure 2). the least significant bit in the id byte selects one of two devices on the bus. the physical device address is defined by the state of the a 0 input pin. the x9421 compares the serial data stream with the address input state; a succ essful compare of the address bit is required for the x9421 to successfully continue the command sequence. the a 0 input can be actively driven by a cmos input signal or tied to v cc or v ss . the remaining three bits in the id byte must be set to 110. figure 2. address/identification byte format instruction byte the next byte sent to the x9421 contains the instruction and register pointer information. the four most significant bits are the instruction. the next two bits point to one of four data registers. the format is shown below in figure 3. figure 3. instruction byte format serial data path from interface circuitry register 0 register 1 register 2 register 3 serial bus input parallel bus input counter register inc/dec logic up/dn clk modified sck up/dn v h v l v w 8 6 c o u n t e r d e c o d e if wcr = 00[h] then v w = v l if wcr = 3f[h] then v w = v h wiper (wcr) 1 00 11 0a0 device type identifier device address 1 i1 i2 i3 i0 r1 r0 0 0 register select instructions x9421
8 fn8196.2 december 6, 2005 the four high order bits of the instruction byte specify the operation. the next two bits (r 1 and r 0 ) select one of the four registers that is to be acted upon when a register oriented instruct ion is issued. the last two bits are defined as 0. two of the eight instructions are two bytes in length and end with the transmission of the instruction byte. these instructions are: ? xfr data register to wiper counter register ? this instruction transfers the contents of one speci- fied data register to the wiper counter register. ? xfr wiper counter regi ster to data register ?this instruction transfers the contents of the wiper counter register to the specified associated data register. the basic sequence of the two byte instructions is illustrated in figure 4. t hese two-byte instructions exchange data between the wcr and one of the data registers. a transfer from a data register to a wcr is essentially a write to a static ram, with the static ram controlling the wiper position. the response of the wiper to this action will be delayed by t wrl . a transfer from the wcr (current wi per position), to a data register is a write to nonvolatile memory and takes a minimum of t wr to complete. the transfer can occur between the potentiometer and one of its associated registers. five instructions require a three-byte sequence to complete. these instructions transfer data between the host and the x9421; ei ther between the host and one of the data registers or directly between the host and the wcr. these instructions are: ? read wiper counter register ?read the current wiper position of the pot, ? write wiper counter register ?change current wiper position of the pot, ? read data register ?read the contents of the selected data register; ? write data register ?write a new value to the selected data register. ? read status ?this command returns the contents of the wip bit which indica tes if the internal write cycle is in progress. the sequence of these opera tions is shown in figure 5 and figure 6. the final command is increment/decrement. it is different from the other commands, because it?s length is indeterminate. once t he command is issued, the master can clock the wiper up and/or down in one resistor segment steps; thereby, providing a fine tuning capability to the host . for each sck clock pulse (t high ) while si is high, the selected wiper will move one resistor segment towards the v h /r h terminal. similarly, for each sck clock pulse while si is low, the selected wiper will move one resistor segment towards the v l /r l terminal. a detailed illustration of the sequence and timing for this operation are shown in figure 7 and figure 8. figure 4. two-byte instruction sequence 0101110a0 i3 i2 i1 i0 r1 r0 0 0 sck si cs x9421
9 fn8196.2 december 6, 2005 figure 5. three-byte instruction sequence (write) figure 6. three-byte instruction sequence (read) figure 7. increment/decrement instruction sequence figure 8. increment/decrement timing limits 0 101 0a0 i3 i2 i1 i0 r1 r0 0 0 scl si 0 0 d5 d4 d3 d2 d1 d0 cs 11 0 101 0a0 i3 i2 i1 i0 r1 r0 0 0 scl si cs 11 s0 0 0 d5 d4 d3 d2 d1 d0 don?t care 0101110a0 i3 i2 i1 i0 0 0 0 sck si i n c 1 i n c 2 i n c n d e c 1 d e c n 0 cs sck si v w inc/dec cmd issued t wrid voltage out x9421
10 fn8196.2 december 6, 2005 table 3. instruction set instruction instruction set operation i 3 i 2 i 1 i 0 r 1 r 0 read wiper counter register 1 0 0 1 0 0 0 0 read the contents of the wiper counter register write wiper counter register 1 0 1 0 0 0 0 0 write new value to the wiper counter register read data register 1 0 1 1 1/0 1/0 0 0 read the contents of the data register pointed to by r 1 - r 0 write data register 1 1 0 0 1/0 1/0 0 0 write new value to the data register pointed to by r 1 - r 0 xfr data register to wiper counter register 11011/01/00 0 transfer the contents of the data register pointed to by r 1 - r 0 to the wiper counter register xfr wiper counter register to data register 11101/01/00 0 transfer the contents of the wiper counter register to the data register pointed to by r 1 - r 0 increment/decrement wiper counter register 00100 0 0 0 enable increment/decrement of the wiper c ounter register read status (wip bit) 0 1 0 1 0 0 0 1 read the status of the internal write cycle, by checking the wip bit. x9421
11 fn8196.2 december 6, 2005 instruction format notes: (1) ?a0?: stands for the device addresses sent by the master. (2) wpx refers to wiper position data in the wiper counter register ?i?: stands for the increment operation, si held high during active sck phase (high). (3) ?d?: stands for the decrement operation, si held low during active sck phase (high). read wiper counter register (wcr) write wiper counter register (wcr) read data register (dr) read the contents of the register pointed to by r1 - r0. write data register (dr) write a new value to the register pointed to by r1 - r0. transfer data register (dr) to wiper counter register (wcr) transfer the contents of the register pointed to by r1 - r0 to the wcr. cs falling edge device type identifier device addresses instruction opcode wiper position (sent by x9421 on so) cs rising edge 0101110 a 0 1001000000 w p 5 w p 4 w p 3 w p 2 w p 1 w p 0 cs falling edge device type identifier device addresses instruction opcode data byte (sent by host on si) cs rising edge 0101110 a 0 1010000000 w p 5 w p 4 w p 3 w p 2 w p 1 w p 0 cs falling edge device type identifier device addresses instruction opcode register addresses data byte (sent by x9421 on so) cs rising edge 0101110 a 0 1011 r 1 r 0 0000 w p 5 w p 4 w p 3 w p 2 w p 1 w p 0 cs falling edge device type identifier device addresses instruction opcode register addresses data byte (sent by host on si) cs rising edge high-voltage write cycle 0101110 a 0 1100 r 1 r 0 0000 w p 5 w p 4 w p 3 w p 2 w p 1 w p 0 cs falling edge device type identifier device addresses instruction opcode register addresses cs rising edge 0101110 a 0 1101 r 1 r 0 00 x9421
12 fn8196.2 december 6, 2005 transfer wiper counter register (wcr) to data register (dr) increment/decrement wiper counter register (wcr) read status cs falling edge device type identifier device addresses instruction opcode register addresses cs rising edge high-voltage write cycle 0101110 a 0 1110 r 1 r 0 00 cs falling edge device type identifier device addresses instruction opcode increment/decrement (sent by master on sda) cs rising edge 0101110 a 0 00100000i/di/d. . . .i/di/d cs falling edge device type identifier device addresses instruction opcode data byte (sent by x9421 on so) cs rising edge 0101110 a 0 010100010000000 w i p x9421
13 fn8196.2 december 6, 2005 absolute maximum ratings temperature under bias. . . . . . . . . . . . . -65 c to +135 c storage temperature . . . . . . . . . . . . . . . -65 c to +150 c voltage on sck any address input with respect to v ss . . . . . . . . . . . . . . . . . .-1v to +7v v = | (v h - v l ) | . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5v lead temperature (soldering, 10 seconds) . . . . . . 300 c i w (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . .6ma any v h /r h , v l /r l , v w /r w . . . . . . . . . . . v ss to v cc comment stresses above those liste d under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only; functional operation of the device (at these or any ot her conditions above those listed in the operational sect ions of this specification) is not implied. exposure to absolute maximum rating conditions for extended per iods may affect device reliability. analog characteristics (over recommended operating condi tions unless otherwise stated.) notes: (1) absolute linearity is utilized to determine actual wi per voltage versus expected voltage as determined by wiper positi on when used as a potentiometer. (2) relative linearity is utilized to deter mine the actual change in voltage between two successive tap positions when used as a potentiometer. it is a measure of the error in step size. (3) mi = rtot/63 or (v h - v l )/63, single pot (4) typical = individual array resolution. symbol parameter limits test conditions min. typ. max. units end to end resistance tolerance 20 % power rating 50 mw 25c, each pot i w wiper current 3 ma r w wiper resistance 150 250 wiper current = 1ma, v cc = 5v 400 1000 wiper current = 1ma, v cc = 3v v term voltage on any v h /r h , v l /r l , v w /r w v ss v cc v v ss = 0v noise -120 dbv ref: 1khz resolution (4) 1.6 % see note 5 absolute linearity (1) 1 mi (3) v w(n)(actual) - v w(n)(expected) relative linearity (2) 0.2 mi (3) v w(n + 1) - [v w(n) + mi ] temperature coefficient of r total 300 ppm/c see note 5 ratiometric temperature coefficient 20 ppm/c see note 5 c h /c l /c w potentiometer capacitances 10/10/25 pf see circuit #3 i al rh, ri, rw leakage current 0.1 10 a vin = vss to vcc. device is in stand-by mode. recommended operating conditions temp min. max. commercial 0 c+70 c industrial -40 c+85 c device supply voltage (v cc ) limits x9421 5v 10% x9421-2.7 2.7v to 5.5v x9421
14 fn8196.2 december 6, 2005 d.c. operating characteristics (over the recommended operating condit ions unless otherwise specified.) endurance and data retention capacitance power-up timing power-up requirements (power-up sequencing can affect correct recall of the wiper registers) the preferred power-on sequence is as follows: first v cc and then the pot entiometer pins, r h , r l , and r w . voltage should not be applied to the potentiometer pins before v cc is applied. the v cc ramp rate specification should be met, and any glitches or slope changes in the v cc line should be held to <100mv if possible. also, v cc should not reverse polarity by more than 0.5v. recall of wiper position will not be complete until v cc reaches its final value. notes: (5) this parameter is periodically sampled and not 100% tested. a.c. test conditions symbol parameter limits test conditions min. typ. max. units i cc1 v cc supply current (active) 400 a f sck = 2mhz, so = open, other inputs = v ss i cc2 v cc supply current (non-volatile write) 1maf sck = 2mhz, so = open, other inputs = v ss i sb v cc current (standby) 1 a sck = si = v ss , addr. = v ss i li input leakage current 10 av in = v ss to v cc i lo output leakage current 10 av out = v ss to v cc v ih input high voltage v cc x 0.7 v cc + 0.5 v v il input low voltage -0.5 v cc x 0.1 v v ol output low voltage 0.4 v i ol = 3ma parameter min. units minimum endurance 100,000 data changes per bit per register data retention 100 years symbol test max. units test conditions c out (5) output capacitance (so) 8 pf v out = 0v c in (5) input capacitance (a0, si, and sck) 6 pf v in = 0v symbol parameter max. max. units t r v cc (5) v cc power-up ramp 0.2 50 v/msec i nput pulse levels v cc x 0.1 to v cc x 0.9 input rise and fall times 10ns input and output timing level v cc x 0.5 x9421
15 fn8196.2 december 6, 2005 equivalent a.c. load circuit c ircuit #3 spice macro model ac timing 5v 1533 100pf sda output 2.7v 100pf 10pf r h r total c h 25pf c w c l 10pf r w r l symbol parameter min. max. units f sck ssi/spi clock frequency 2.0 mhz t cyc ssi/spi clock cycle time 500 ns t wh ssi/spi clock high time 200 ns t wl ssi/spi clock low time 200 ns t lead lead time 250 ns t lag lag time 250 ns t su si, sck, hold and cs input setup time 50 ns t h si, sck, hold and cs input hold time 50 ns t ri si, sck, hold and cs input rise time 2 s t fi si, sck, hold and cs input fall time 2 s t dis so output disable time 0 500 ns t v so output valid time 100 ns t ho so output hold time 0 ns t ro so output rise time 50 ns t fo so output fall time 50 ns t hold hold time 400 ns t hsu hold setup time 100 ns t hh hold hold time 100 ns t hz hold low to output in high z 100 ns t lz hold high to output in low z 100 ns t i noise suppression time constant at si, sck, hold and cs inputs 20 ns t cs cs deselect time 2 s t wpasu wp , a0 and a1 setup time 0 ns t wpah wp , a0 and a1 hold time 0 ns x9421
16 fn8196.2 december 6, 2005 high-voltage wr ite cycle timing xdcp timing symbol table symbol parameter typ. max. units t wr high-voltage write cycle time (store instructions) 5 10 ms symbol parameter min. max. units t wrpo wiper response time after the third (last) power supply is stable 10 s t wrl wiper response time after instruction issued (all load instructions) 10 s t wrid wiper response time from an active scl/sck edge (increment/decrement instruction) 450 ns waveform inputs outputs must be steady will be steady may change from low to high will change from low to high may change from high to low will change from high to low don?t care: changes allowed changing: state not known n/a center line is high impedance x9421
17 fn8196.2 december 6, 2005 timing diagrams input timing output timing hold timing ... cs sck si so msb lsb high impedance t lead t h t su t fi t cs t lag t cyc t wl ... t ri t wh ... cs sck so si addr msb lsb t dis t ho t v ... ... cs sck so si hold t hsu t hh t lz t hz t hold t ro t fo x9421
18 fn8196.2 december 6, 2005 xdcp timing (for all load instructions) xdcp timing (for increment/decrement instruction) write protect and device address pins timing ... cs sck si msb lsb v w t wrl ... so high impedance ... cs sck so si addr t wrid high impedance v w ... inc/dec inc/dec ... cs wp a0 a1 t wpasu t wpah (any instruction) x9421
19 fn8196.2 december 6, 2005 applications information electronic potentiometers provide thre e powerful application advan tages: (1) the variability and reliability of a solid- state potentiometer, (2) the flexibility of computer-based digital controls, and (3 ) the retentivity of nonvolatile memory used for the storage of multiple potentiometer settings or data. basic configurations of electronic potentiometers basic circuits v r v w v r i three terminal potentiometer; variable voltage divider two terminal variable resistor; variable current v h v l noninverting amplifier voltage regulator offset voltage adjustment comparator with hysterisis + ? v s v o r 2 r 1 v o = (1+r 2 /r 1 )v s r 1 r 2 i adj v o (reg) = 1.25v (1+r 2 /r 1 )+i adj r 2 v o (reg) v in 317 + ? v s v o r 2 r 1 v ul = {r 1 /cr 1 +r 2 } v o (max) v ll = {r 1 /cr 1 +r 2 } v o (min) 100k 10k 10k 10k -12v +12v tl072 + ? v s v o r 2 r 1 } } +5v -5v lm308a cascading techniques buffered reference voltage ? + +5v r 1 +v -5v v w v w v out = v w op-07 v w v w +v +v +v x (a) (b) x9421
20 fn8196.2 december 6, 2005 packaging information 16-lead plastic soic (300 mil body) package type s note: all dimensions in inches (in parentheses in millimeters) 0.014 (0.35) 0.020 (0.51) pin 1 pin 1 index 0.050 (1.27) 0.403 (10.2 ) 0.413 ( 10.5) (4x) 7 0.420" 0.050" typical 0.030" typical 16 places footprint 0.010 (0.25) 0.020 (0.50) 0.0075 (0.19) 0.010 (0.25) 0 - 8 x 45 0.050" typical 0.290 (7.37) 0.299 (7.60) 0.393 (10.00) 0.420 (10.65) 0.003 (0.10) 0.012 (0.30) 0.092 (2.35) 0.105 (2.65) 0.015 (0.40) 0.050 (1.27) x9421
21 all intersil u.s. products are manufactured, asse mbled and tested utilizing iso9000 quality systems. intersil corporation?s quality certifications ca n be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corpor ation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com fn8196.2 december 6, 2005 packaging information note: all dimensions in inches (in parentheses in millimeters) 14-lead plastic, tsso p, package type v see detail ?a? .031 (.80) .041 (1.05) .169 (4.3) .177 (4.5) .252 (6.4) bsc .025 (.65) bsc .193 (4.9) .200 (5.1) .002 (.05) .006 (.15) .047 (1.20) .0075 (.19) .0118 (.30) 0 - 8 .010 (.25) .019 (.50) .029 (.75) gage plane seating plane detail a (20x) x9421
x9421 printer friendly version single digitally controlled (xdcp?) potentiometer datasheets, related docs & simulations description key features parametric data application diagrams related devices ordering information part no. design-in status temp. package msl price us $ x9421ws16 active comm 16 ld soic 1 2.15 x9421ws16-2.7 active comm 16 ld soic 1 2.36 x9421ws16-2.7t1 active comm 16 ld soic t+r 1 2.36 x9421ws16i active ind 16 ld soic 1 2.69 x9421ws16i-2.7 active ind 16 ld soic 1 2.96 x9421ws16i-2.7t1 active ind 16 ld soic t+r 1 2.96 x9421ws16it1 active ind 16 ld soic t+r 1 2.69 x9421ws16iz active ind 16 ld soic 3 2.69 x9421ws16iz-2.7 active ind 16 ld soic 3 2.96 x9421ws16iz-2.7t1 active ind 16 ld soic t+r 3 2.96 x9421ws16izt1 active ind 16 ld soic t+r 3 2.69 x9421ws16t1 active comm 16 ld soic t+r 1 2.15 x9421ws16z active comm 16 ld soic 3 2.15 x9421ws16z-2.7 active comm 16 ld soic 3 2.36 x9421ws16z-2.7t1 active comm 16 ld soic t+r 3 2.36 x9421ws16zt1 active comm 16 ld soic t+r 3 2.15 x9421wv14 active comm 14 ld tssop 1 2.54 x9421wv14-2.7 active comm 14 ld tssop 1 2.79 x9421wv14-2.7t1 active comm 14 ld tssop t+r 1 2.79 x9421wv14i active ind 14 ld tssop 1 3.17 x9421wv14i-2.7 active ind 14 ld tssop 1 3.48 x9421wv14i-2.7t1 active ind 14 ld tssop t+r 1 3.48 x9421wv14it1 active ind 14 ld tssop t+r 1 3.17 x9421wv14iz active ind 14 ld tssop 1 3.17 x9421wv14iz-2.7 active ind 14 ld tssop 1 3.48 x9421wv14iz-2.7t1 active ind 14 ld tssop t+r 1 3.48 x9421wv14izt1 active ind 14 ld tssop t+r 1 3.17 x9421wv14t1 active comm 14 ld tssop t+r 1 2.54 x9421wv14z active comm 14 ld tssop 1 2.54 x9421wv14z-2.7 active comm 14 ld tssop 1 2.79 x9421wv14z-2.7t1 active comm 14 ld tssop t+r 1 2.79 x9421wv14zt1 active comm 14 ld tssop t+r 1 2.54
X9421YP18I active ind 18 ld pdip n/a 3.51 x9421ys16 active comm 16 ld soic 1 2.15 x9421ys16-2.7 active comm 16 ld soic 1 2.36 x9421ys16-2.7t1 active comm 16 ld soic t+r 1 2.36 x9421ys16i active ind 16 ld soic 1 2.69 x9421ys16i-2.7 active ind 16 ld soic 1 2.96 x9421ys16i-2.7t1 active ind 16 ld soic t+r 1 2.96 x9421ys16it1 active ind 16 ld soic t+r 1 2.69 x9421ys16iz active ind 16 ld soic 3 2.69 x9421ys16iz-2.7 active ind 16 ld soic 3 2.96 x9421ys16iz-2.7t1 active ind 16 ld soic t+r 3 2.96 x9421ys16izt1 active ind 16 ld soic t+r 3 2.69 x9421ys16t1 active comm 16 ld soic t+r 1 2.15 x9421ys16z active comm 16 ld soic 3 2.15 x9421ys16z-2.7 active comm 16 ld soic 3 2.36 x9421ys16z-2.7t1 active comm 16 ld soic t+r 3 2.36 x9421ys16zt1 active comm 16 ld soic t+r 3 2.15 x9421yv14 active comm 14 ld tssop 1 2.54 x9421yv14-2.7 active comm 14 ld tssop 1 2.79 x9421yv14-2.7t1 active comm 14 ld tssop t+r 1 2.79 x9421yv14i active ind 14 ld tssop 1 3.17 x9421yv14i-2.7 active ind 14 ld tssop 1 3.48 x9421yv14i-2.7t1 active ind 14 ld tssop t+r 1 3.48 x9421yv14it1 active ind 14 ld tssop t+r 1 3.17 x9421yv14iz active ind 14 ld tssop 1 3.17 x9421yv14iz-2.7 active ind 14 ld tssop 1 3.48 x9421yv14iz-2.7t1 active ind 14 ld tssop t+r 1 3.48 x9421yv14izt1 active ind 14 ld tssop t+r 1 3.17 x9421yv14t1 active comm 14 ld tssop t+r 1 2.54 x9421yv14z active comm 14 ld tssop 1 2.54 x9421yv14z-2.7 active comm 14 ld tssop 1 2.78 x9421yv14z-2.7t1 active comm 14 ld tssop t+r 1 2.78 x9421yv14zt1 active comm 14 ld tssop t+r 1 2.54 the price listed is the manufacturer's suggested retail price for quantities between 100 and 999 units. however, prices in today's market are fluid and may change without notice. msl = moisture sensitivity level - per ipc/jedec j-std-020 smd = standard microcircuit drawing description the x9421 integrates a single digitally controlled potentiometer (xdcp) on a monolithic cmos integrated circuit. the digital controlled potentiometer is implemented using 63 resistive elements in a series array. between each element are tap points connected to the wiper terminal through switches. the position of the wiper on the array is controlled by the user through the spi bus interface. the potentiometer has associated with it a volatile wiper counter register (wcr) and a four nonvolatile data registers that can be directly written to and read by the user. the contents of the wcr controls the position of the wiper on the resistor array though the switches. powerup recalls
the contents of the default data register (dr0) to the wcr. the xdcp can be used as a three-terminal potentiometer or as a two terminal variable resistor in a wide variety of applications including control, parameter adjustments, and signal processing. key f eatures single voltage potentiometer 64 resistor taps spi serial interface for write, read, and transfer operations of the potentiometer wiper resistance, 150 typical at 5v 4 non-volatile data registers non-volatile storage of multiple wiper positions power-on recall. loads saved wiper position on power-up. standby current <5a max v cc : 2.7v to 5.5v operation 2.5k , 10k end to end resistance 100 yr. data retention endurance: 100, 000 data changes per bit per register 14 ld tssop, 16 ld soic low power cmos pb-free plus anneal available (rohs compliant) related documentation application note(s): a compendium of application circuits for intersil?s digitally-controlled (xdcp) potentiometers a primer on digitally-controlled potentiometers application of intersil digitally controlled potentiometers (xdcp?) as hybrid analog/digital feedback system control elements dc/dc module trim with digital potentiometers designing power supplies using intersil?s xdcp mixed signal products power supply and dc to dc converter control using intersil digitally controlled potentiontiometers (xdcps) putting analog on the bus shaft encoder drives multiple intersil digitally controlled potentiontiometers (xdcps) tone, balance, and volume control using a quad xdcp datasheet(s): single digitally controlled (xdcp?) potentiometer technical brief(s): converting a fixed pwm to an adjustable pwm evaluation board(s): intersil_xdcp_test_utility_manual_rev_3.2.3.pdf labview_xdcp_software.zip labview_xdcp_upgrade_3.2.3.zip readme_xicorlabview_v3.2.3.txt accesshw.zip technical homepage: digitally controlled potentiometers (dcps) and capacitors (dccs) precision analog homepage parametric data number of dcps single number of taps 64 memory type non-volatile bus interface type spi resistance options (k ) 2.5, 10 v cc range (v) 2.7 to 5.5 dcp differential terminal voltage (v) 0 to +5.5 terminal voltage range v l to v h (v) 0 to v cc resistance taper linear wiper current (ma) 3 wiper resistance ( ) 250 standby current i sb ( a) 1
application block diagrams lcd-tv panel satellite radio security cctv applications circuit level applications vary the gain of a voltage amplifier provide programmable dc reference voltages for comparators and detectors control the volume in audio circuits trim out the offset voltage error in a voltage amplifier circuit set the output voltage of a voltage regulator trim the resistance in wheatstone bridge circuits control the gain, characteristic frequency and q-factor in filter circuits set the scale factor and zero point in sensor signal conditioning circuits vary the frequency and duty cycle of timer ics vary the dc biasing of a pin diode attenuator in rf circuits provide a control variable (i, v, or r) in feedback circuits system level applications adjust the contrast in lcd displays control the power level of led transmitters in communication systems set and regulate the dc biasing point in an rf power amplifier in wireless systems control the gain in audio and home entertainment systems provide the variable dc bias for tuners in rf wireless systems set the operating points in temperature control systems control the operating point for sensors in industrial systems trim offset and gain errors in artificial intelligent systems related devices parametric table x9420 single digitally controlled (xdcp?) potentiometer x9428 single digitally controlled potentiometer (xdcp?) x9429 single digitally controlled potentiometer (xdcp?) about us | careers | contact us | investors | legal | privacy | site map | subscribe | intranet ?2007. all rights reserved.


▲Up To Search▲   

 
Price & Availability of X9421YP18I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X