Part Number Hot Search : 
MCM40256 NTE30002 C16LF BD00FC NCE40H20 PDR3G MMA1270D PWR5921
Product Description
Full Text Search
 

To Download WYE-472ML06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rfi s u p p r e s s o r s world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 4.2 (10.11.07) 218 | protection products catalog uninsulated leads 30 mm min. p center to center l h w see lead notes wye series part numbering system metallized polyester film capacitors example: wye - 102 m l04 (51) (1) (2) (3) (4) (5) (1) metallized polyester film capacitors(y2) wye = wye series (2) capacitance example: 103 = 0.010f wye series available in 0.001-0.0068f (3) tolerance m = 20% (4) lead lengths nil = 30mm min, solid uninsultated wire ? = 0.8mm diameter l04 = 4 1mm, solid uninsultated wire ? = 0.8mm diameter l05 = 5 1mm, solid uninsultated wire ? = 0.8mm diameter l06 = 6 1mm, solid uninsultated wire ? = 0.8mm diameter (5) custom lead length suffx example: (45) = 45mm lead length* * if longer lead length other than standard 30mm min is required that lead length is noted after the part number (i.e.: for 45mm lead length (45).)
rfi s u p p r e s s o r s world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 4.2 (10.11.07) protection products catalog | 219 wye series (continued) wye dimensions part number l max mm h max mm w max mm p 0.5 mm quantity per box long lead 30-35mm short lead 4, 5, 6mm wye-102m 13.0 10.5 4.5 10.0 1000 2200 wye-152m 13.0 10.5 4.5 10.0 1000 2200 wye-222m 13.0 10.5 5.5 10.0 1000 1800 wye-252m 13.0 10.5 5.5 10.0 1000 1800 wye-332m 13.0 12.5 5.5 10.0 800 1500 wye-392m 13.0 12.5 5.5 10.0 800 1500 wye-472m 13.0 13.5 5.5 10.0 800 1400 wye-682m 18.0 14.0 5.5 15.0 500 1000 wye specifcations part number capacitance tolerance dv/dt dissipation factor (df) insulation resistance (ir) test voltage for 2 seconds rated voltage 50/60hz typical resonant frequencies f % v/s % at 1khz m vdc vac fo - mhz wye-102m 0.0010 20 1000 < 0.8 > 30000 3000 250 53 wye-152m 0.0015 20 1000 < 0.8 > 30000 3000 250 42 wye-222m 0.0022 20 1000 < 0.8 > 30000 3000 250 35 wye-252m 0.0025 20 1000 < 0.8 > 30000 3000 250 33 wye-332m 0.0033 20 1000 < 0.8 > 30000 3000 250 29 wye-392m 0.0039 20 1000 < 0.8 > 30000 3000 250 25 wye-472m 0.0047 20 1000 < 0.8 > 30000 3000 250 21 wye-682m 0.0068 20 600 < 0.8 > 30000 2700 250 19 1. all measurements are based on 5mm lead lengths at nominal c values. 2. actual resonant frequencies will depend also on the total length of the circuit connections to the capacitor terminals and capacitors actual c value. 3. our factory tests each production lot for 100% to the test voltages listed above. after the test voltage has been applied, 100% of all production is tested for df, ir and capacitance to insure all suppressors comply with electrical specifcations.


▲Up To Search▲   

 
Price & Availability of WYE-472ML06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X