Part Number Hot Search : 
UFS105P ESD05000 SGM4782 CIRCUIT ADP0604 7N560K SCL4002B TB0391A
Product Description
Full Text Search
 

To Download WP7113WYPVGCH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaf2060 rev no: v.1 date: apr/11/2005 page: 1 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp: 1102001678 package dimension s attention observe precautions for handling electrostatic discharge sensitive device s description the green source color devices are made with ingan on sic light emitting diode. static electricity and surge damage the leds. it is recommended to use a wrist band or anti - electrostatic glove when handling the leds. all devices, equipment and machinery must be electrically grounded. wp7113wyp/vgc/h green features  outstanding material efficiency.  reliable and rugged.  ic compatible/low current capability.  housing material: ppa.  package : 65 pcs/tube.  high temperature resistant housing.  rohs compliant. t- 1 3/4 (5mm) housing for led lamp notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. specifications are subject to change without notice.
spec no: dsaf2060 rev no: v.1 date: apr/11/2005 page: 2 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp: 1102001678 selection guid e note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 ? 1/2 wp7113wyp/vgc/h green (ingan) water clear 7500 18000 20 electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c symbol parameter device typ. max. test conditions units peak peak wavelength green 520 nm i f =20ma d dominant wavelength green 525 nm i f =20ma ? 1/2 spectral line half - width green 35 nm i f =20ma c capacitance green 45 pf v f =0v;f=1mhz v f forward voltage green 3.7 4.1 v i f =20ma i r reverse current green 10 ua v r = 5v parameter green units power dissipation 120 mw dc forward current 30 ma peak forward current [1] 150 ma reverse voltage 5 v operating/storage temperature - 40c to +85c note: 1. 1/10 duty cycle, 0.1ms pulse width.
spec no: dsaf2060 rev no: v.1 date: apr/11/2005 page: 3 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp: 1102001678 green wp7113wyp/vgc/h
spec no: dsaf2060 rev no: v.1 date: apr/11/2005 page: 4 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp: 1102001678 wp7113wyp/vgc/h ic tube dimensions remarks: if special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters.


▲Up To Search▲   

 
Price & Availability of WP7113WYPVGCH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X