Part Number Hot Search : 
1N1184A E472M 200F6TR 2SC2034 2032R 10330 EPM7064 JE700
Product Description
Full Text Search
 

To Download VFOV300-YEBTDH-10MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 435-5289 ? www.valpeyfisher.com ? revb1207 1 vfov300 series ocxo ? stratum 2 compliant hcmos / sinewave electrical specifications replaces valpey fisher part number(s): vftdr parameter symbol condition min typ max unit note frequency range f 8.0 10.0 100 mhz frequency stability ? f/f vs. operating temperature a: 0 c to +50 c 0.1 ppb see ?how to order? chart vs. supply voltage vs. aging / day vs. aging / year after 20 years temperature range t -30 +70 c order code e supply voltage vcc 4.75 11.4 5.0 12.0 5.25 12.6 v order code d order code b power consumption p steady state @ 25 c steady state @ -30 c start-up @ -30 c 1.25 2.0 3.5 1.5 2.2 4.0 w output hcmos v h / v l sine 3.9 +6 +8 0.4 +10 v dbm load 50 ohm (sinewave), 10kohm / 15pf (hcmos) order code s order code h duty cycle hcmos 45 55 % sub-harmonics < 30mhz > 30mhz none -40 dbc fundamental multiplied ssb phase noise 1hz 10hz 100hz 1khz 10khz -95 -125 -145 -155 -165 dbc/hz @ 10mhz features ? standard frequencies: 10 mhz, 12.8mhz ? 0.1 ppb frequency stability over temperature ? ultra low jitter and phase noise ? miniature packaging applications ? telecommunication systems ? rubidium standard replacement ? data communications ? stratum ii clocking systems electrical specifications rohs status
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 435-5289 ? www.valpeyfisher.com ? revb1207 2 vfov300 series ocxo ? stratum 2 compliant hcmos / sinewave parameter symbol condition min typ max unit note warm up time to 0.01ppm accuracy 3 5 min retrace after 30 minutes 1.0 ppb g-sensitivity worst direction 1.0 ppb/g control voltage vc 0 4.0 v pullability 0.35 0.5 ppm deviation slope monotonic, positive 0.1 ppm/v reference output vco @25c, fnom. 4.19 4.3 4.41 v code spec. v 0.15ppm t no tuning code temperature range 1x10 -9 5x10 -10 2x10 -10 1x10 -10 a 0c to 50c ? ? ? ? c -10c to 60c ? ? ? b 0c to 70c ? ? d -20c to 70c ? ? e -30c to 70c ? available frequency stabilities over operating temperature ranges how to order package dimensions (mm) vfov302 35 x 26 code specification 2 1x10 - 10 1 2x10 - 10 z 5x10 - 10 y 1x10 - 9 code specification a 0c to 50c b 0c to 70c c -10c to 60c d -20c to 70c e -30c to 70c code specification d 5v 5% b 12v 5% code per day per year c 1ppb 0.1ppm d 0.5ppb 50ppb g 0.2ppb 30ppb code specification h hcmos s sinewave - - model vfov302 stability temperature range supply voltage a pr a ging output 1 b d v c h frequency, mhz 10
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 435-5289 ? www.valpeyfisher.com ? revb1207 3 vfov300 series ocxo ? stratum 2 compliant hcmos / sinewave parameter symbol condition min typ max unit note supply break down voltage vcc 5v model 12v model -0.5 -0.5 +7.0 +15.0 v control voltage vc -1 9 v parameter specification mechanical shock per mil-std-202, 30g,half sine pulse, 11ms vibration per mil-std-202, 5g swept sine 10 to 500hz soldering conditions 260 c for 10s max storage temperatire -60 to +90c absolute maximum ratings environmental and mechanical pin # connection 1 vc 2 vref 3 vcc 4 output 5 gnd vfov302 package


▲Up To Search▲   

 
Price & Availability of VFOV300-YEBTDH-10MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X