Part Number Hot Search : 
EN2537A MSMA152 N4006 MT140 THL42A SF81S THL42A THL42A
Product Description
Full Text Search
 

To Download US112SL-4-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd us112s/n scr www.unisonic.com.tw 1 of 3 copyright ? 2011 unisonic technologies co., ltd qw-r301-013.ca scrs ? description the utc us112s/n is suitable to fit all modes of control found in applications such as overvoltage crowbar protection, motor control circuits in power tools and kitchen aids, in-rush current limiting circuits, capacitive discharge ignition, voltage regulation circuits ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 US112SL-4-TA3-T us112sg-4-ta3-t to-220 k a g tube us112sl-6-ta3-t us112sg-6-ta3-t to-220 k a g tube us112sl-8-ta3-t us112sg-8-ta3-t to-220 k a g tube us112nl-4-ta3-t us112ng-4-ta3-t to-220 k a g tube us112nl-6-ta3-t us112ng-6-ta3-t to-220 k a g tube us112nl-8-ta3-t us112ng-8-ta3-t to-220 k a g tube note: pin assignment: k: cathode g: gate a: anode
us112s/n scr unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r301-013.ca ? absolute maximum rating parameter symbol rating unit repetitive peak off-state voltages us112s/n-4 v drm v rrm 400 v us112s/n-6 600 us112s/n-8 800 rms on-state current (180conduction angle) (t c = 110 ) i t ( rms ) 12 a average on-state current (180conduction angle) (t c = 110 ) i t ( av ) 8 a non repetitive surge peak on-state current (t j = 25 ) t p =8.3ms i tsm 146 a t p =10ms 140 i2t value for fusing (t p = 10 ms ,t j = 25 ) i2t 98 a2s critical rate of rise of on-state current (i g = 2 x i gt , t r 100 ns, t j = 125 ) di/dt 50 a/s peak gate current (t p =20 s, f = 60 hz, t j =125 ) i gm 4 a peak reverse gate voltage us112n v rgm 5 v average gate power dissipation (t j = 125 ) p g ( av ) 1 w storage temperature t stg -40 ~ +150 junction temperature t j +125 note 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol ratings unit junction to ambient ja 60 k/w junction to case jc 1.3 k/w ? electrical characteristics (t j =25 unless otherwise specified) us112s(sensitive) parameter symbol test conditions min typ max unit gate trigger current i gt v d = 12v, r l =140 ? 200 a gate trigger voltage v gt v d = 12v, r l =140 ? 0.8 v gate non-trigger voltage v gd v d = v drm , r l = 3.3k ? , ? r gk = 1k ? , t j = 125 0.1 v reverse gate voltage v rg i rg = 10 a 8 v holding current i h i t = 50ma, r gk = 1k ? 5 ma latching current i l i g = 1ma , r gk = 1k ? 6 ma circuit rate of change of off-state voltage dv/dt v d = 67% v drm , r gk = 220 ? 5 v/s on-state voltage v tm i tm =24a, t p = 380 s 1.6 v threshold voltage v t0 t j = 125 0.85 v dynamic resistance r d t j = 125 30 m ? off-state leakage current i drm i rrm v drm = v rrm , r gk =220 ? 5 a v drm = v rrm, r gk =220 ? , t j = 125 2 ma
us112s/n scr unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r301-013.ca ? electrical characteristics(cont.) us112n(sensitive) parameter symbol test conditions min typ max unit gate trigger current i gt v d = 12 v, r l =33 ? 2 15 ma gate trigger voltage v gt v d = 12 v, r l =33 ? 1.3 v gate non-trigger voltage v gd v d =v drm , r l = 3.3k ? , ? ? t j =125 0.2 v holding current i h i t = 500ma gate open 30 ma latching current i l i g = 1.2 i gt 60 ma circuit rate of change of off-state voltage dv/dt v d =67%v drm gate open, t j =125 200 v/s on-state voltage v tm i tm =24 a, t p = 380 s 1.6 v threshold voltage v t0 t j = 125 0.85 v dynamic resistance r d t j = 125 30 m ? off-state leakage current i drm i rrm v drm = v rrm 5 a v drm = v rrm , t j = 125 2 ma utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of US112SL-4-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X