Part Number Hot Search : 
AD5556 MDS140L IDTQS34 440SH SM220B 2SK551 CFD1275 C100MC
Product Description
Full Text Search
 

To Download UB11123-YFF-4F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update information . specifications modular jack ub serie rj45 over dual usb r/a, t/h type 1.27mm [.0 50 ?] pitch mechanical mating force: 5.0pounds max . (rj45) 7.7pounds max.(usb) unmating force: 10pounds max.(rj45) 2.2pounds min.(usb) durability: 1000 cycles (rj45) 1500 cycles (usb) electrical current rating: 1 .5a max.(rj45) 1.0a(usb) dielectric withstanding voltage: 1000v(rj45) 750v(usb) physical housing: thermoplastic, ul 94v-0 r ated in black color contact: copper a lloy shell : s tainless steel , spcc operating temperature: -3 0 j to + 85 j drawing ordering information 2= 4.13 profile height: contact plating: 4=soft tray f=lead free 1= 4pos. 1= female 1= right angle b= usb a type conn. series: no. of conn. pos.: contact design type: termination type: usb series: product no.: u b 1 1 1 2 3 - y5*f - 4 f 3=30u'' au(usb contact) gold flash(rj contact) extension no. *=leds(see sheet)


▲Up To Search▲   

 
Price & Availability of UB11123-YFF-4F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X