Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download P-0502Y4020DGTS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions, contact: thinfilm@vishay.com document number: 60023 62 revision: 19-may-10 p-ns vishay thin film commercial thin film resistor, surface mount chip for applications requiring low noise, stability, low temperature coefficient of resistance, and low voltage coefficient, all vishays proven precision thin film wraparound resistors will meet your exact requirements. manufactured with the same ma terial and processes as qpl and manufactured in a qpl facility. construction features ? moisture resistant ( spm) special passivation method ? non-standard values available ? pre-tinned terminations over nickel barrier (gold available) ? very low noise and voltage coef ficient (< - 35 db, 0.1 ppm/v) ? non-inductive ? laser-trimmed tolerances to 0.02 % ? in-lot tracking less than 5 ppm/c ? epoxy bondable te rmination available ? compliant to rohs directive 2002/95/ec typical performance notes (1) 0705 and 0805 are the same (onl y use 0805 when ordering) (2) values > 1m best tcr 25 ppm/c actual size 0505 adhesion layer high purity alumina substrate nickel barrier solder coating passivated nichrome resistive film spm passivation enhancement absolute tcr 25 tol. 0.1 standard electrical specifications test specifications conditions material passivated nichrome - resistance range 10 to 6.19 m - tcr: absolute 10 ppm/c to 100 ppm/c - 55 c to + 125 c tolerance: absolute 0.02 % to 5 % + 25 c stability: absolute r 0.02 % 2000 h at 70 c stability: ratio -- voltage coefficient 0.1 ppm/v (typical) - working voltage 75 v to 200 v - operating temperature range - 55 c to + 125 c - storage temperature range - 55 c to + 150 c - noise < - 35 db (typical) - shelf life stability: absolute r 0.01 % 1 year at + 25 c component ratings case size (1) power rating (mw) working voltage (v) resistance range ( ) 0.1 % < 0.1 % 0402 50 75 25 to 100k 250 to 100k 0502 100 75 20 to 150k 250 to 150k 0505 150 75 20 to 301k 250 to 301k 0603 150 75 10 to 261k 250 to 261k 0705 250 100 10 to 475k 250 to 475k 0805 250 100 10 to 475k 250 to 475k 1005 250 100 10 to 649k 250 to 649k 1010 500 150 50 to 1m 250 to 1m 1206 400 200 10 to 1.5m (2) 250 to 1m 1505 400 150 10 to 1m 250 to 1m 2208 800 150 10 to 3.16m (2) 250 to 1m 2010 800 200 10 to 4.02m (2) 250 to 1m 2512 1000 200 10 to 6.19m (2) 250 to 1m * pb containing terminations are not rohs compliant, exemptions may apply
document number: 60023 for tec hnical questions, contact: thinfilm@vishay.com www.vishay.com revision: 19-may-10 63 p-ns commercial thin film resistor, surface mount chip vishay thin film note (1) 0705 and 0805 are the same (only use 0805 when ordering) dimensions in inches case size term l w t d e 0402 b 0.042 0.008 0.022 0.005 0.012 to 0.033 0.010 0.005 0.010 0.005 0502 b 0.055 0.006 0.025 0.005 0.012 to 0.033 0.010 0.005 0.015 0.005 0505 b 0.055 0.006 0.050 0.005 0.012 to 0.033 0.010 0.005 0.015 0.005 0603 b 0.064 0.006 0.032 0.005 0.020 max. 0.012 0.005 0.015 0.005 0705, 0805 (1) b 0.080 0.006 0.050 0.005 0.015 to 0.033 0.016 0.008 0.015 0.005 1005 b 0.105 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 1010 b 0.105 0.007 0.100 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 1206 b 0.126 0.008 0.063 0.005 0.015 to 0.033 0.020 + 0.005/- 0.010 0.020 + 0.005/- 0.010 1505 b 0.155 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 2010 b 0.209 0.009 0.098 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 2208 b 0.230 0.007 0.075 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 2512 b 0.259 0.009 0.124 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 d w l t e environmental tests environmental test 10 k r (%) 100 k r (%) thermal shock 0.02 0.02 short time overload 0.01 0.01 low temperature operation 0.01 0.01 resistance to solder heat 0.04 0.03 moisture resistance 0.02 0.01 high temperature exposure 0.03 0.06 load life (10 000 h, + 70 c) 0.05 0.05 tcr 25 ppm/c 25 ppm/c derating curve ambient temperature c 0 70 125 150 0 20 40 60 80 100 precent of rated power global part number information new global part numb ering: p-1206e1002bbts global model case size tcr characteristic resistance tolerance termination packaging p- 0402 0502 0505 0603 0805 1005 1010 1206 1505 2208 2010 2512 y = 10 ppm/c (2) d = 15 ppm/c e = 25 ppm/c h = 50 ppm/c k = 100 ppm/c note (2) > 250 the first 3 digits are significant figures and the last digit specifies the number of zeros to follow. r designates the decimal point. example: 10r0 = 10 1001 = 1 k 1002 = 10 k q = 0.02 % (3) a = 0.05 % (3) b = 0.1 % d = 0.5 % f = 1 % g = 2 % j = 5 % note (3) for values 250 b = wraparound sn/pb solder 63 % sn/37 % pb w/ nickel barrier g = wraparound au over ni (gold) termination epoxy bondable rohs compliant - e4 s = wraparound lead (pb)-free solder 96.5 % sn/3.0 % ag/ 0.5 % cu rohs compliant - e1 bs =bulk 100 min., 1 mult ws =waffle 100 min., 1 mult tape and reel t0 = 100 min., 100 mult t1 = 1000 min., 1000 mult (4) t3 = 300 min., 300 mult t5 = 500 min., 500 mult tf = full reel ts = 100 min., 1 mult note (4) preferred packaging code historical part number example: p0805h 6801bbt (for reference purposes only) p 0805 h 6801 b b t style case size tcr characteristic ohmic value tolerance termination packaging 06e1 02b 0 2 1 bt s p-
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of P-0502Y4020DGTS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X