Part Number Hot Search : 
CT1G0 T1210 T1210 HYS64T KBU8G Z15D681 26000 045SPBF
Product Description
Full Text Search
 

To Download NYPFREQ9HJEI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 hc-49/u series quartz crystal ds-121 rev j | 06/27/06 pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix all specifications are subject to change without notice. product description the hc-49/u series is an industry standard at-cut crystal that is housed in mil standard hc-49/u packaging. product features ? at-cut performance ? resistance weld seal ? low cost ? versatile ? pb-free and rohs/green compliant available typical applications ? set-top box/multimedia ? clock/vcxo multiplier ? network adapter cards ? modems ? microcontrollers and processors ? remote control devices frequency range: ? 1.8432 to 27.0000 mhz (fundamental) ? 27.0001 to 60.0000 mhz (3rd ot) characteristics at 25c 2c: ? frequency calibration tolerance (as specified) : 30ppm, 50ppm ? load capacitance (as specified) : 12 to 32pf or series resonance ? effective series resistance: ? 700 max (1.8432 to 3.199mhz) ? 150 max (3.2 to 3.499mhz) ? 120 max (3.5 to 3.999mhz) ? 100 max (4 to 4.999mhz) ? 50 max (5 to 6.000mhz) ? 40 max (6.001 to 7.999mhz) ? 35 max (8 to 9.999mhz) ? 30 max (10 to 12.999mhz) ? 25 max (13 to 17.999mhz) ? 20 max (18 to 27.000mhz, at fund) ? 40 max (27.001 to 60mhz, at (3rd overtone) ? drive level: 100w correlation, (2000w max) ? shunt capacitance: 7pf max. temperature range: ? operating: C20 to +70c ; -40 to +85c (as specified) ? storage: C55 to +125c temperature stability (as specified): ? 30ppm ( C20 to +70c ) ? 50 or 100ppm ( C40 to +85c) aging @ 25c, first year: ? 3ppm (typ), 5ppm (max) reflow temperature: ? 240c max (non-rohs package) ? 260c max, 10 sec max (rohs package) actual size
2 hc-49/u series quartz crystal pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix ds-121 rev j | 06/27/06 all specifications are subject to change without notice. ordering information packaging information: hc-49/u ??????? ?????? ?????? ???????????????????? ??? ???? ? ???? ??? ? ???? ??? ???? ??? ? ???? ??? ? ? ? ?? ? ???? ? ???? ???? ???? ??? ???? ???? ??? ???? ????? ???? ?? ? ? ?? ? ? ? ???????? ??????????? ???????? ????????? ?????? ?????? ?????????????????????????????????????????? ? ?? ?????? ??? ???? ?? ? ? ?? ? ? ???? ???? ?? ? ? ???? ? ???? ????????? ???? ???? ??? ? ??? ? ??? ? ??? ? type nmp= series resonant nyp = parallel resonant frequency (mhz) 0x.xxxx, xx.xxxx (a zero is used in front of frequencies under 10 mhz) resonance mode C (dash) = parallel resonance blank = series resonance options** (l) = top mounted 3rd lead, no vinyl sleeve (v) = vinyl sleeving** (i) = insulating pad (as) = ammo pack, straight leads (ac) = ammo pack, crimped leads (q) = manufactured in a ts16949 or qs9000 registered facility calibration / stability / temp range ggc = 30ppm / 30ppm / -20 to +70c ghe = 30ppm / 50ppm / -40 to +85c hje = 50ppm / 100ppm / -40 to +85c others available load capacitance xx = parallel resonance (specify load) blank = series resonance **optional vinyl shrink sleeve may be specified, as needed part number example: spec: freq 5.1234mhz, 30ppm calib, 30ppm stab, -20 to +70c, 16pf = nyp05.1234-16ggc = nyp05.1234-16ggcCe (for lead-free) nyp 25.0000 C 18 ggc C e (x) package marking information line 1: company name line 2: frequency (up to 9 digits, including decimal point) line 3: calib/stability/temp code - load capacitance (marked s for series resonance) line 4: date code: yywwx saronix xx.xxxxxx ggc - 12 yywwx C e (dash e) = lead (pb)-free rohs compliant version blank = non-rohs (not available for new designs)
3 hc-49/u series quartz crystal pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix ds-121 rev j | 06/27/06 all specifications are subject to change without notice. mechanical: ? shock: jesd22-b104 condition b ? solderability: jesd22 method 1 (predonditioning e) rohs package ? terminal strength: mil-std-883 method 2004 ? vibration: jesd22-b103 ? solvent resistance: jesd22-b107 ? resistance to soldering heat: jesd22-b106 (rohs package) environmental: ? gross test leak: jesd22-a109, condition c ? fine test leak: jesd22-a109, condition a 1 ? moisture resistance: jesd22-a113 ? insulation resistance: 500 m min (100 vdc)


▲Up To Search▲   

 
Price & Availability of NYPFREQ9HJEI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X