Part Number Hot Search : 
20H100 MM5Z15B 6649E 00005 OBP02037 02120 AU6986 19N10
Product Description
Full Text Search
 

To Download NRWY331M63V63X11TRSTF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  120 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nrwy series characteristics rated voltage range 6.3 ~ 100vdc 160 ~ 250vdc 350 ~ 450vdc capacitance range 0.1 ~ 22,000 f 0.47 ~ 330 f 0.47 ~ 100 f operating temperature range -55c ~ +105c -40c ~ +105c -25c ~ +105c capacitance tolerance 20% (m) maximum leakage current 0.01cv or 3 a whichever is greater after 2 min. 0.1cv +40 a after 1 min. 0.03cv +15 a after 5 min. 0.04cv +100 a after 1 min. 0.02cv +25 a after 5 min. max. tan at 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 160~250 350~450 s.v. (vdc) 8 13 20 32 44 63 79 125 - - c < 1,000 f 0.26 0.22 0.18 0.16 0.14 0.12 0.10 0.08 0.20 0.24 c = 2,200 f 0.28 0.24 0.20 0.18 0.16 0.14 0.12 - - - c = 3,300 f 0.30 0.26 0.22 0.20 0.18 0.16 - - - c = 4,700 f 0.32 0.28 0.24 0.22 0.20 - - - - - c = 6,800 f 0.36 0.32 0.28 0.26 - - - - - - c = 10,000 f 0.44 0.40 0.36 - - - - - - - c = 15,000 f 0.54 0.50 - - - - - - - - c = 22,000 f 0.68 - - - - - - - - - low temperature stability impedance ratio @ 120hz z-25c/z+20c 4 3 2 2 2 2 2 2 3 6 z-55c/z+20c 8 6 4 4 3 3 3 3 - - load life test @ 105c duration d < 8: 1,000 hours, d > 10: 2,000 hours, d > 12.5: 3,000 hours capacitance within 25% of initial measured value tan less than 200% of speci? ed value lc less than speci? ed value radial l ead, polarized, extended temperature features ? high capacitance (to 22,000 f) ? high voltage (to 450vdc) ? reduced size capacitance ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 0.10 r10 -----5 x 11- 0.15 r15 -----5 x 11- 0.22 r22 -----5 x 11- 0.33 r33 -----5 x 11- 0.47 r47 -----5 x 11- 1.01r0-----5 x 11- 2.22r2-----5 x 11- 3.33r3-----5 x 11- 4.74r7-----5 x 11- 10100-----5 x 115 x 11 22220----5 x 115 x 115 x 11 33 330 - - - 5 x 11 5 x 11 5 x 11 6.3 x 11 47 470 - - 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 100 101 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 220 221 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 330 331 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 10 x 20 470 471 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 1000 102 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 2200 222 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 3300 332 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 - 4700 472 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 - - 6800 682 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 - - - 10000 103 16 x 25 16 x 35.5 18 x 35.5 ---- 15000 153 16 x 35.5 18 x 35.5 ----- 22000 223 18 x 40 ------ precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com standard product and case size table d x l (mm) *see part number system for details rohs compliant includes all homogeneous materials
121 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nrwy series part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr ( ) +20c/120hz load life hours @+105c nrwy101m6.3v5 x 11f 100 6.3 0.26 96 4.31 1,000 nrwy221m6.3v5 x 11f 220 0.26 160 1.96 1,000 nrwy331m6.3v6.3 x 11f 330 0.26 210 1.31 1,000 nrwy471m6.3v6.3 x 11f 470 0.26 275 0.92 1,000 nrwy102m6.3v8 x 11.5f 1000 0.26 460 0.43 1,000 nrwy222m6.3v10 x 16f 2200 0.28 775 0.21 2,000 nrwy332m6.3v10 x 20f 3300 0.30 985 0.15 2,000 nrwy472m6.3v12.5 x 20f 4700 0.32 1150 0.11 3,000 nrwy682m6.3v12.5 x 25f 6800 0.36 1480 0.09 3,000 nrwy103m6.3v16 x 25f 10000 0.44 1700 0.07 3,000 nrwy153m6.3v16 x 35.5f 15000 0.54 2090 0.06 3,000 nrwy223m6.3v18 x 40f 22000 0.68 2360 0.05 3,000 nrwy101m10v5 x 11f 100 10 0.22 105 3.65 1,000 nrwy221m10v6.3 x 11f 220 0.22 175 1.66 1,000 nrwy331m10v6.3 x 11f 330 0.22 235 1.11 1,000 nrwy471m10v8 x 11.5f 470 0.22 295 0.78 1,000 nrwy102m10v10 x 12.5f 1000 0.22 540 0.36 2,000 nrwy222m10v10 x 20f 2200 0.24 860 0.18 2,000 nrwy332m10v12.5 x 20f 3300 0.26 1100 0.13 3,000 nrwy472m10v12.5 x 25f 4700 0.28 1350 0.10 3,000 nrwy682m10v16 x 25f 6800 0.32 1700 0.08 3,000 nrwy103m10v16 x 35.5f 10000 0.40 1950 0.07 3,000 nrwy153m10v18 x 35.5f 15000 0.50 2180 0.06 3,000 nrwy470m16v5 x 11f 47 16 0.18 80 6.35 1,000 nrwy101m16v5 x 11f 100 0.18 130 2.99 1,000 nrwy221m16v6.3 x 11f 220 0.18 220 1.36 1,000 nrwy331m16v8 x 11.5f 330 0.18 270 0.90 1,000 nrwy471m16v8 x 11.5f 470 0.18 375 0.64 1,000 nrwy102m16v10 x 16f 1000 0.18 640 0.30 2,000 nrwy222m16v12.5 x 20f 2200 0.20 1050 0.15 3,000 nrwy332m16v12.5 x 25f 3300 0.22 1300 0.11 3,000 nrwy472m16v16 x 25f 4700 0.24 1650 0.08 3,000 nrwy682m16v16 x 31.5f 6800 0.28 1900 0.07 3,000 nrwy103m16v18 x 35.5f 10000 0.36 2000 0.06 3,000 case dia. (d ) 5 6.3 8 10 12.5 16 18 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 lead spacing and diameter (mm) capacitance ( f) code working voltage (vdc) 100 160 200 250 350 400 450 0.47 r47 5 x 11 - - 6.3 x 11 6.3 x 11 - - 1.0 1r0 5 x 11 - - 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 2.2 2r2 5 x 11 - - 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 3.3 3r3 5 x 11 - 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 4.7 4r7 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 10 100 5 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 20 22 220 6.3 x 11 10 x 16 10 x 20 12.5 x 20 12.5 x 25 12.5 x 25 16 x 25 33 330 8 x 11.5 10 x 20 12.5 x 20 12.5 x 20 16 x 25 16 x 25 16 x 31.5 47 470 10 x12.5 12.5 x 20 12.5 x 20 12.5 x 25 16 x 31.5 16 x 31.5 16 x 35.5 100 101 10 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 40 18 x 40 - 220 221 12.5 x 25 16 x 35.5 18 x 35.5 ---- 330 331 12.5 x 25 18 x 35.5 ----- 47047116 x 25------ 1000 102 18 x 40 ------ standard values, specifications and case sizes (mm) standard product and case size table d x l (mm) = d < 16mm = 1.5mm, l > 16mm = 2.0mm d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci? cation for details on taped format packaging.
122 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nrwy series part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr ( ) +20c/120hz load life hours @+105c nrwy330m25v5 x 11f 33 25 0.16 69 8.04 1,000 nrwy470m25v5 x 11f 47 0.16 84 5.65 1,000 nrwy101m25v6.3 x 11f 100 0.16 140 2.65 1,000 nrwy221m25v8 x 11.5f 220 0.16 240 1.21 1,000 nrwy331m25v10 x 12.5f 330 0.16 335 0.80 2,000 nrwy471m25v10 x 12.5f 470 0.16 440 0.56 2,000 nrwy102m25v10 x 20f 1000 0.16 740 0.27 2,000 nrwy222m25v12.5 x 25f 2200 0.18 1230 0.14 3,000 nrwy332m25v16 x 25f 3300 0.20 1500 0.10 3,000 nrwy472m25v16 x 31.5f 4700 0.22 1800 0.08 3,000 nrwy682m25v18 x 35.5f 6800 0.26 2050 0.06 3,000 nrwy220m35v5 x 11f 22 35 0.14 64 10.56 1,000 nrwy330m35v5 x 11f 33 0.14 77 7.04 1,000 nrwy470m35v5 x 11f 47 0.14 100 4.94 1,000 nrwy101m35v6.3 x 11f 100 0.14 170 2.32 1,000 nrwy221m35v10 x 12.5f 220 0.14 300 1.06 2,000 nrwy331m35v10 x 12.5f 330 0.14 400 0.70 2,000 nrwy471m35v10 x 16f 470 0.14 525 0.49 2,000 nrwy102m35v12.5 x 20f 1000 0.14 865 0.23 3,000 nrwy222m35v16 x 25f 2200 0.16 1370 0.12 3,000 nrwy332m35v16 x 35.5f 3300 0.18 1680 0.09 3,000 nrwy472m35v18 x 35.5f 4700 0.20 1920 0.07 3,000 nrwyr10m50v5 x 11f 0.10 50 0.12 1.0 1990.4 1,000 nrwyr15m50v5 x 11f 0.15 0.12 1.5 904.7 1,000 nrwyr22m50v5 x 11f 0.22 0.12 2.5 603.1 1,000 nrwyr33m50v5 x 11f 0.33 0.12 4 423.5 1,000 nrwyr47m50v5 x 11f 0.47 0.12 7 199.0 1,000 nrwy1r0m50v5 x 11f 1.0 0.12 13 90.47 1,000 nrwy2r2m50v5 x 11f 2.2 0.12 20 60.32 1,000 nrwy3r3m50v5 x 11f 3.3 0.12 25 42.35 1,000 nrwy4r7m50v5 x 11f 4.7 0.12 32 19.90 1,000 nrwy100m50v5 x 11f 10 0.12 47 9.05 1,000 nrwy220m50v5 x 11f 22 0.12 70 6.03 1,000 nrwy330m50v5 x 11f 33 0.12 94 4.23 1,000 nrwy470m50v6.3 x 11f 47 0.12 115 1.99 1,000 nrwy101m50v8 x 11.5f 100 0.12 200 0.90 1,000 nrwy221m50v10 x 12.5f 220 0.12 360 0.60 2,000 nrwy331m50v10 x 16f 330 0.12 470 0.42 2,000 nrwy471m50v10 x 20f 470 0.12 600 0.20 2,000 nrwy102m50v12.5 x 25f 1000 0.12 1060 0.11 3,000 nrwy222m50v16 x 35.5f 2200 0.14 1600 0.08 3,000 nrwy332m50v18 x 35.5f 3300 0.16 1780 0.03 3,000 nrwy100m63v5 x 11f 10 63 0.10 48 16.59 1,000 nrwy220m63v5 x 11f 22 0.10 80 7.54 1,000 nrwy330m63v6.3 x 11f 33 0.10 100 5.03 1,000 nrwy470m63v6.3 x 11f 47 0.10 140 3.53 1,000 nrwy101m63v10 x 12.5f 100 0.10 230 1.66 2,000 nrwy221m63v10 x 16f 220 0.10 390 0.75 2,000 nrwy331m63v10 x 20f 330 0.10 540 0.50 2,000 nrwy471m63v12.5 x 20f 470 0.10 700 0.35 3,000 nrwy102m63v16 x 25f 1000 0.10 1200 0.17 3,000 nrwy222m63v18 x 35.5f 2200 0.12 1650 0.09 3,000 nrwyr47m100v5 x 11f 0.47 100 0.08 8 282.33 1,000 nrwy1r0m100v5 x 11f 1.0 0.08 15 132.70 1,000 nrwy2r2m100v5 x 11f 2.2 0.08 21 60.32 1,000 nrwy3r3m100v5 x 11f 3.3 0.08 30 40.21 1,000 nrwy4r7m100v5 x 11f 4.7 0.08 35 28.23 1,000 nrwy100m100v5 x 11f 10 0.08 60 13.27 1,000 nrwy220m100v6.3 x 11f 22 0.08 98 6.03 1,000 nrwy330m100v8 x 11.5f 33 0.08 140 4.02 1,000 standard values, specifications and case sizes (mm)
123 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr ( ) +20c/120hz load life hours @+105c nrwy470m100v10 x12.5f 47 100 0.08 185 2.82 2,000 nrwy1010m100v10 x 20f 100 0.08 290 1.33 2,000 nrwy221m100v12.5 x 25f 220 0.08 560 0.60 3,000 nrwy331m100v12.5 x 25f 330 0.08 690 0.40 3,000 nrwy471m100v16 x 25f 470 0.08 880 0.28 3,000 nrwy102m100v18 x 40f 1000 0.08 985 0.13 3,000 nrwy4r7m160v6.3 x 11f 4.7 160 0.20 43 70.58 1,000 nrwy100m160v8 x 11.5f 10 0.20 77 33.17 1,000 nrwy220m160v10 x 16f 22 0.20 125 15.08 2,000 nrwy330m160v10 x 20f 33 0.20 170 10.05 2,000 nrwy470m160v12.5 x 20f 47 0.20 210 7.06 3,000 nrwy101m160v12.5 x 25f 100 0.20 320 3.32 3,000 nrwy221m160v16 x 35.5f 220 0.20 580 1.51 3,000 nrwy331m160v18 x 35.5f 330 0.20 700 1.01 3,000 nrwy3r3m200v6.3 x 11f 3.3 200 0.20 36 100.53 1,000 nrwy4r7m200v8 x 11.5f 4.7 0.20 50 70.58 1,000 nrwy100m200v10 x 12.5f 10 0.20 80 33.17 2,000 nrwy220m200v10 x 20f 22 0.20 135 15.08 2,000 nrwy330m200v12.5 x 20f 33 0.20 200 10.05 3,000 nrwy470m200v12.5 x 20f 47 0.20 220 7.06 3,000 nrwy101m200v16 x 25f 100 0.20 340 3.32 3,000 nrwy221m200v18 x 35.5f 220 0.20 580 1.51 3,000 nrwyr47m250v6.3 x 11f 0.47 250 0.20 8 705.83 1,000 nrwy1r0m250v6.3 x 11f 1.0 0.20 16 331.74 1,000 nrwy2r2m250v6.3 x 11f 2.2 0.20 30 150.79 1,000 nrwy3r3m250v8 x 11.5f 3.3 0.20 43 100.53 1,000 nrwy4r7m250v8 x 11.5f 4.7 0.20 53 70.58 1,000 nrwy100m250v10 x 16f 10 0.20 90 33.17 2,000 nrwy220m250v12.5 x 20f 22 0.20 150 15.08 3,000 nrwy330m250v12.5 x 20f 33 0.20 200 10.05 3,000 nrwy470m250v12.5 x 25f 47 0.20 240 7.06 3,000 nrwy101m250v16 x 31.5f 100 0.20 400 3.32 3,000 nrwyr47m350v6.3 x 11f 0.47 350 0.24 8 847.00 1,000 nrwy1r0m350v6.3 x 11f 1.0 0.24 16 398.09 1,000 nrwy2r2m350v8 x 11.5f 2.2 0.24 31 180.95 1,000 nrwy3r3m350v10 x 12.5f 3.3 0.24 45 120.63 2,000 nrwy4r7m350v10 x 12.5f 4.7 0.24 55 84.70 2,000 nrwy100m350v10 x 20f 10 0.24 95 39.81 2,000 nrwy220m350v12.5 x 25f 22 0.24 175 18.09 3,000 nrwy330m350v16 x 25f 33 0.24 220 12.06 3,000 nrwy470m350v16 x 31.5f 47 0.24 260 8.47 3,000 nrwy101m40v18 x 40f 100 0.24 415 3.98 3,000 nrwy1r0m400v6.3 x 11f 1.0 400 0.24 16 398.09 1,000 nrwy2r2m400v10 x 12.5f 2.2 0.24 31 180.95 2,000 nrwy3r3m400v10 x 12.5f 3.3 0.24 41 120.63 2,000 nrwy4r7m400v10 x 16f 4.7 0.24 55 84.70 2,000 nrwy100m400v12.5 x 20f 10 0.24 85 39.81 3,000 nrwy220m400v12.5 x 25f 22 0.24 170 18.09 3,000 nrwy330m400v16 x 25f 33 0.24 220 12.06 3,000 nrwy470m400v16 x 31.5f 47 0.24 275 8.47 3,000 nrwy101m400v18 x 40f 100 0.24 415 3.98 3,000 nrwy1r0m450v8 x 11.5f 1.0 450 0.24 15 398.09 1,000 nrwy2r2m450v10 x 12.5f 2.2 0.24 25 180.95 2,000 nrwy3r3m450v10 x 16f 3.3 0.24 33 120.63 2,000 nrwy4r7m450v10 x 20f 4.7 0.24 42 84.70 2,000 nrwy100m450v12.5 x 20f 10 0.24 67 39.81 3,000 nrwy220m450v16 x 25f 22 0.24 115 18.09 3,000 nrwy330m450v16 x 31.5f 33 0.24 155 12.06 3,000 nrwy470m450v16 x 35.5f 47 0.24 185 8.47 3,000 miniature aluminum electrolytic capacitors nrwy series standard values, specifications and case sizes (mm)
124 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com cap. value ( f) frequency (hz) 50(60) 120 500 1k 10k> 0.1 ~ 1.0 0.50 1.0 1.20 1.30 1.50 2.2 ~ 4.7 0.65 1.00 1.20 1.30 1.50 10 ~ 47 0.80 1.00 1.20 1.30 1.50 100 ~ 1000 0.80 1.00 1.10 1.15 1.20 2200 ~ 22000 0.80 1.00 1.05 1.10 1.15 ripple current frequency correction factor miniature aluminum electrolytic capacitors nrwy series part number system nrwy 221 m 25v 8x11 tb f . rohs compliant tb = tape & box* case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi? cant, third character is multiplier series *see taping speci? cations for details
181 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?rn?or ?bn? standard radial taping (5mm lead spacing, formed leads) tr, tb case dia. (d ) 10 12.5 case size all all dim. d ?.05 0.6 0.6 h ?.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p ?.0 25.4* p 0 12.7 ?.2 p 1 3.85 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d ) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 3.85 ?.5 (at end of tape) p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tr, tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
182 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping trst, tbst special radial taping (2.5mm lead spacing, formed leads) trf1, tbf1 case dia. (d ) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p ?.0 12.7 ?.2 p 0 12.7 ?.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d ) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d ?.05 0.45 0.45 0.5 h ?.75 17.5 17.5 18.5 h 0 ?.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 5.1 ?.5 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 t 0.7 ?.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
183 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf, tbst size of box and component quantity *special taping consult factory for availability reel packages (tape & reel) tr, trf1, trst size of reel and component quantity *special taping consult factory for availability seperator paper reel dimensions (mm) ? 360 max. ? 30 a b unit : o cardboard ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61 case dia (d ) or case size q'ty per box (pcs) dim. a dim. b 4 1,800 42 52 5 1,500 42 52 6.3 1,000 42 52 8 800 42 52 10x12.5* 600 42 52 10x16* 600 48 56 10x20* 600 52 60 12.x20* 250 52 60 12.5x25* 250 56 64


▲Up To Search▲   

 
Price & Availability of NRWY331M63V63X11TRSTF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X