Part Number Hot Search : 
ATMEGA32 3KASMC2X 0365R 00FLH ADV7321 VF20120S L8C204 ZPY36
Product Description
Full Text Search
 

To Download NPIS73T1R8YMTRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  92 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? series a b c d e f npis63t 6.0 0.3 6.0 0.3 2.9 0.3 2.0 0.2 1.5 0.2 3.0 0.2 npis64t 6.0 0.3 6.0 0.3 3.9 0.3 npis65t 6.0 0.3 6.0 0.3 4.9 0.3 npis73t 7.0 0.3 7.0 0.3 3.0 0.3 4.0 0.2 npis75t 7.0 0.3 7.0 0.3 4.6 0.3 npis103t 10.0 0.3 10.0 0.3 3.0 0.3 2.4 0.2 2.0 0.2 6.0 0.2 npis104t 10.0 0.3 10.0 0.3 4.6 0.3 case size npis63t npis64t npis65t npis73t npis75t npis103t npis104t inductance range 1.0 ~ 1,000 h 1.0 ~ 1,000 h 1.8 ~ 1,000 h inductance tolerance 20% (m)* 20% (m)* ambient operating temperature range -40c ~ +105c maximum component temperature (ambient + self-heating) +145c inductance change at isat -30% typ. temperature rise at irms +40c max. resistance to solder heat 260c for 10 seconds (inductance change 10% max.) series l g h npis63t 6.6 2.8 2.2 npis64t npis65t npis73t 7.5 3.7 2.2 npis75t npis103t 10.7 5.7 2.8 npis104t l g h npis__t series npis power inductors features ? shielded power inductor ? current ratings up to 5.0 amps ? surface mountable construction ? low profile (3.2mm ~ 4.9mm maximum height) ? taped and reeled for automatic insertion ? for use in dc/dc converters part number system npis 64 t 220 m tr f termination finish: f = rohs compliant pb-free (100%sn) packaging: tr = tape & reel inductance tolerance code: m=20% inductance code ( h): 1st two digits are signi? cant, 3rd digit is multiplier for values from 10 h and up. construction code (see drawing for details) size code (see table for details) series case dimensions (mm) characteristics land pattern dimensions (mm) reflow soldering profile soldering 260c max. 5 seconds max. cool down 60 ~ 120 sec. 25 50 100 150 200 250 300 pre-heat 150c ~ 180c time above 230c 30 seconds max. 30 60 90 120 150 180 210 240 270 300 time - seconds temperature c *see part number system for details rohs compliant includes all homogeneous materials *other tolerance available special order - contact nic for details
93 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? part number standard values - 63 case size (6.0 x 6.0 x 2.9mm) inductance value (h) dc resistance ( ) dc current isat/irms (amps) test frequency npis63t1r0mtrf 1.0 20% 0.019 2.40 100khz npis63t1r5mtrf 1.5 20% 0.025 2.20 npis63t2r2mtrf 2.2 20% 0.032 1.90 npis63t3r3mtrf 3.3 20% 0.050 1.50 npis63t4r7mtrf 4.7 20% 0.060 1.30 npis63t6r8mtrf 6.8 20% 0.070 1.20 npis63t100mtrf 10 20% 0.120 1.00 npis63t120mtrf 12 20% 0.130 0.90 npis63t150mtrf 15 20% 0.150 0.80 npis63t180mtrf 18 20% 0.160 0.75 npis63t220mtrf 22 20% 0.230 0.65 npis63t270mtrf 27 20% 0.250 0.60 npis63t330mtrf 33 20% 0.340 0.55 npis63t390mtrf 39 20% 0.380 0.52 npis63t470mtrf 47 20% 0.420 0.50 npis63t560mtrf 56 20% 0.570 0.48 npis63t680mtrf 68 20% 0.620 0.45 npis63t820mtrf 82 20% 0.900 0.40 npis63t101mtrf 100 20% 0.990 0.35 npis63t121mtrf 120 20% 1.150 0.30 npis63t151mtrf 150 20% 1.750 0.28 npis63t181mtrf 180 20% 1.950 0.26 npis63t221mtrf 220 20% 2.200 0.22 npis63t271mtrf 270 20% 2.500 0.20 npis63t331mtrf 330 20% 3.200 0.18 npis63t391mtrf 390 20% 3.500 0.17 npis63t471mtrf 470 20% 4.950 0.16 npis63t561mtrf 560 20% 5.350 0.15 npis63t681mtrf 680 20% 6.300 0.14 npis63t821mtrf 820 20% 8.200 0.13 npis63t102mtrf 1000 20% 9.200 0.12 npis__t series npis power inductors maximum +40c temperature rise at irms. maximum -10% inductance change at isat.
94 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? part number standard values - 64 case size (6.0 x 6.0 x 3.9mm) inductance value (h) dc resistance ( ) dc current isat/irms (amps) test frequency npis64t1r0mtrf 1.0 20% 0.022 2.50 100khz npis64t1r5mtrf 1.5 20% 0.025 2.20 npis64t2r2mtrf 2.2 20% 0.030 1.90 npis64t3r3mtrf 3.3 20% 0.035 1.70 npis64t4r7mtrf 4.7 20% 0.050 1.30 npis64t6r8mtrf 6.8 20% 0.055 1.10 npis64t100mtrf 10 20% 0.065 1.00 npis64t120mtrf 12 20% 0.090 0.90 npis64t150mtrf 15 20% 0.100 0.80 npis64t180mtrf 18 20% 0.110 0.70 npis64t220mtrf 22 20% 0.150 0.65 npis64t270mtrf 27 20% 0.170 0.60 npis64t330mtrf 33 20% 0.220 0.55 npis64t390mtrf 39 20% 0.240 0.50 npis64t470mtrf 47 20% 0.300 0.47 npis64t560mtrf 56 20% 0.340 0.42 npis64t680mtrf 68 20% 0.390 0.40 npis64t820mtrf 82 20% 0.500 0.35 npis64t101mtrf 100 20% 0.570 0.32 npis64t121mtrf 120 20% 0.630 0.30 npis64t151mtrf 150 20% 0.900 0.27 npis64t181mtrf 180 20% 0.990 0.25 npis64t221mtrf 220 20% 1.150 0.22 npis64t271mtrf 270 20% 1.550 0.20 npis64t331mtrf 330 20% 1.760 0.18 npis64t391mtrf 390 20% 2.600 0.17 npis64t471mtrf 470 20% 3.000 0.16 npis64t561mtrf 560 20% 3.300 0.15 npis64t681mtrf 680 20% 3.700 0.13 npis64t821mtrf 820 20% 4.900 0.12 npis64t102mtrf 1000 20% 5.700 0.11 npis__t series npis power inductors maximum +40c temperature rise at irms. maximum -10% inductance change at isat.
95 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? npis__t series npis power inductors part number standard values - 65 case size (6.0 x 6.0 x 4.9mm) inductance value (h) dc resistance ( ) dc current isat/irms (amps) test frequency npis65t1r0mtrf 1.0 20% 0.023 2.70 100khz npis65t1r5mtrf 1.5 20% 0.026 2.30 npis65t2r2mtrf 2.2 20% 0.028 1.90 npis65t3r3mtrf 3.3 20% 0.035 1.80 npis65t4r7mtrf 4.7 20% 0.040 1.40 npis65t6r8mtrf 6.8 20% 0.045 1.20 npis65t100mtrf 10 20% 0.060 1.00 npis65t120mtrf 12 20% 0.065 0.90 npis65t150mtrf 15 20% 0.070 0.80 npis65t180mtrf 18 20% 0.095 0.70 npis65t220mtrf 22 20% 0.110 0.65 npis65t270mtrf 27 20% 0.120 0.60 npis65t330mtrf 33 20% 0.165 0.55 npis65t390mtrf 39 20% 0.180 0.48 npis65t470mtrf 47 20% 0.200 0.45 npis65t560mtrf 56 20% 0.255 0.40 npis65t680mtrf 68 20% 0.285 0.37 npis65t820mtrf 82 20% 0.390 0.35 npis65t101mtrf 100 20% 0.420 0.30 npis65t121mtrf 120 20% 0.470 0.28 npis65t151mtrf 150 20% 0.630 0.25 npis65t181mtrf 180 20% 0.720 0.22 npis65t221mtrf 220 20% 0.820 0.20 npis65t271mtrf 270 20% 1.100 0.18 npis65t331mtrf 330 20% 1.200 0.17 npis65t391mtrf 390 20% 1.700 0.16 npis65t471mtrf 470 20% 1.900 0.14 npis65t561mtrf 560 20% 2.150 0.13 npis65t681mtrf 680 20% 3.300 0.12 npis65t821mtrf 820 20% 3.650 0.11 npis65t102mtrf 1000 20% 4.150 0.10 maximum +40c temperature rise at irms. maximum -10% inductance change at isat.
96 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? part number standard values - 73 case size (7.0 x 7.0 x 3.0mm) inductance value (h) dc resistance ( ) dc current isat/irms (amps) test frequency npis73t1r0mtrf 1.0 20% 0.019 3.25 100khz npis73t1r5mtrf 1.5 20% 0.023 3.0 NPIS73T1R8YMTRF 1.5 30% 0.025 2.8 npis73t2r2mtrf 2.2 20% 0.033 2.55 npis73t3r3mtrf 3.3 20% 0.035 2.40 npis73t4r7mtrf 4.7 20% 0.046 2.10 npis73t6r8mtrf 6.8 20% 0.060 1.90 npis73t100mtrf 10 20% 0.090 1.50 npis73t120mtrf 12 20% 0.120 1.45 npis73t150mtrf 15 20% 0.130 1.20 npis73t180mtrf 18 20% 0.150 1.15 npis73t220mtrf 22 20% 0.190 1.05 npis73t270mtrf 27 20% 0.200 1.00 npis73t330mtrf 33 20% 0.280 0.90 npis73t390mtrf 39 20% 0.300 0.80 npis73t470mtrf 47 20% 0.340 0.75 npis73t560mtrf 56 20% 0.440 0.68 npis73t680mtrf 68 20% 0.500 0.65 npis73t820mtrf 82 20% 0.680 0.60 npis73t101mtrf 100 20% 0.760 0.50 npis73t121mtrf 120 20% 0.840 0.48 npis73t151mtrf 150 20% 0.940 0.45 npis73t181mtrf 180 20% 1.300 0.38 npis73t221mtrf 220 20% 1.500 0.35 npis73t271mtrf 270 20% 2.400 0.30 npis73t331mtrf 330 20% 2.600 0.28 npis73t391mtrf 390 20% 3.000 0.25 npis73t471mtrf 470 20% 3.300 0.23 npis73t561mtrf 560 20% 5.700 0.20 npis73t681mtrf 680 20% 6.100 0.18 npis73t821mtrf 820 20% 6.700 0.17 npis73t102mtrf 1000 20% 7.400 0.16 npis__t series npis power inductors maximum +40c temperature rise at irms. maximum -10% inductance change at isat.
97 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? npis__t series npis power inductors part number standard values - 75 case size (7.0 x 7.0 x 4.9mm) inductance value (h) dc resistance ( ) dc current isat/irms (amps) test frequency npis75t1r0mtrf 1.0 20% 0.020 3.00 100khz npis75t1r5mtrf 1.5 20% 0.023 2.90 npis75t2r2mtrf 2.2 20% 0.026 2.70 npis75t3r3mtrf 3.3 20% 0.030 2.50 npis75t4r7mtrf 4.7 20% 0.036 2.00 npis75t6r8mtrf 6.8 20% 0.045 1.90 npis75t100mtrf 10 20% 0.060 1.70 npis75t120mtrf 12 20% 0.065 1.55 npis75t150mtrf 15 20% 0.070 1.45 npis75t180mtrf 18 20% 0.080 1.20 npis75t220mtrf 22 20% 0.090 1.15 npis75t270mtrf 27 20% 0.120 1.00 npis75t330mtrf 33 20% 0.135 0.90 npis75t390mtrf 39 20% 0.150 0.85 npis75t470mtrf 47 20% 0.170 0.80 npis75t560mtrf 56 20% 0.230 0.70 npis75t680mtrf 68 20% 0.270 0.65 npis75t820mtrf 82 20% 0.300 0.57 npis75t101mtrf 100 20% 0.360 0.50 npis75t121mtrf 120 20% 0.400 0.47 npis75t151mtrf 150 20% 0.530 0.40 npis75t181mtrf 180 20% 0.600 0.38 npis75t221mtrf 220 20% 0.800 0.35 npis75t271mtrf 270 20% 0.900 0.32 npis75t331mtrf 330 20% 1.000 0.30 npis75t391mtrf 390 20% 1.400 0.27 npis75t471mtrf 470 20% 1.600 0.25 npis75t561mtrf 560 20% 1.750 0.22 npis75t681mtrf 680 20% 2.500 0.20 npis75t821mtrf 820 20% 2.800 0.19 npis75t102mtrf 1000 20% 3.200 0.18 maximum +40c temperature rise at irms. maximum -10% inductance change at isat.
98 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? part number standard values - 103 case size (10.0 x 10.0 x 3.0mm) inductance value (h) dc resistance ( ) dc current isat/irms (amps) test frequency npis103t1r5mtrf 1.5 20% 0.022 4.00 100khz npis103t2r2mtrf 2.2 20% 0.025 3.50 npis103t3r3mtrf 3.3 20% 0.040 3.00 npis103t4r7mtrf 4.7 20% 0.045 2.50 npis103t6r8mtrf 6.8 20% 0.060 2.20 npis103t100mtrf 10 20% 0.070 2.00 npis103t120mtrf 12 20% 0.095 1.90 npis103t150mtrf 15 20% 0.120 1.70 npis103t180mtrf 18 20% 0.130 1.55 npis103t220mtrf 22 20% 0.180 1.45 npis103t270mtrf 27 20% 0.200 1.30 npis103t330mtrf 33 20% 0.210 1.10 npis103t390mtrf 39 20% 0.270 1.00 npis103t470mtrf 47 20% 0.300 0.85 npis103t560mtrf 56 20% 0.400 0.80 npis103t680mtrf 68 20% 0.440 0.75 npis103t820mtrf 82 20% 0.490 0.65 npis103t101mtrf 100 20% 0.670 0.60 npis103t121mtrf 120 20% 0.740 0.55 npis103t151mtrf 150 20% 0.790 0.50 npis103t181mtrf 180 20% 1.200 0.45 npis103t221mtrf 220 20% 1.350 0.40 npis103t271mtrf 270 20% 1.800 0.38 npis103t331mtrf 330 20% 2.000 0.32 npis103t391mtrf 390 20% 2.100 0.30 npis103t471mtrf 470 20% 3.500 0.28 npis103t561mtrf 560 20% 3.900 0.25 npis103t681mtrf 680 20% 4.100 0.22 npis103t821mtrf 820 20% 4.550 0.20 npis103t102mtrf 1000 20% 5.100 0.18 npis__t series npis power inductors maximum +40c temperature rise at irms. maximum -10% inductance change at isat.
99 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? npis__t series npis power inductors part number standard values - 104 case size (10.0 x 10.0 x 4.6mm) inductance value (h) dc resistance ( ) dc current isat/irms (amps) test frequency npis104t1r5mtrf 1.5 20% 0.021 5.00 100khz npis104t2r2mtrf 2.2 20% 0.024 4.50 npis104t3r3mtrf 3.3 20% 0.026 4.00 npis104t4r7mtrf 4.7 20% 0.030 3.00 npis104t6r8mtrf 6.8 20% 0.035 2.50 npis104t100mtrf 10 20% 0.042 2.20 npis104t120mtrf 12 20% 0.050 2.00 npis104t150mtrf 15 20% 0.055 1.80 npis104t180mtrf 18 20% 0.060 1.70 npis104t220mtrf 22 20% 0.080 1.50 npis104t270mtrf 27 20% 0.085 1.20 npis104t330mtrf 33 20% 0.110 1.15 npis104t390mtrf 39 20% 0.120 1.10 npis104t470mtrf 47 20% 0.150 1.00 npis104t560mtrf 56 20% 0.160 0.90 npis104t680mtrf 68 20% 0.190 0.85 npis104t820mtrf 82 20% 0.210 0.80 npis104t101mtrf 100 20% 0.300 0.70 npis104t121mtrf 120 20% 0.330 0.65 npis104t151mtrf 150 20% 0.360 0.55 npis104t181mtrf 180 20% 0.510 0.50 npis104t221mtrf 220 20% 0.560 0.45 npis104t271mtrf 270 20% 0.700 0.40 npis104t331mtrf 330 20% 0.760 0.37 npis104t391mtrf 390 20% 1.050 0.32 npis104t471mtrf 470 20% 1.100 0.30 npis104t561mtrf 560 20% 1.250 0.28 npis104t681mtrf 680 20% 1.700 0.24 npis104t821mtrf 820 20% 1.900 0.23 npis104t102mtrf 1000 20% 2.150 0.22 maximum +40c temperature rise at irms. maximum -10% inductance change at isat.
100 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? case size taping dimensions (mm) ao bo ko co w po qty/reel npis63t 6.4 6.4 3.3 7.5 16.0 12.0 1,000 npis64t 6.4 6.4 4.3 7.5 16.0 12.0 npis65t 6.4 6.4 5.0 7.5 16.0 12.0 npis73t 7.6 7.6 3.4 7.5 16.0 12.0 npis75t 7.6 7.6 5.0 7.5 16.0 12.0 npis103t 10.4 10.4 3.5 11.5 24.0 16.0 npis104t 10.4 10.4 5.0 11.5 24.0 16.0 600 w co ao po ko bo 1.5mm 0.1 4.0mm 0.1 1.75mm 0.1 0.35mm 0.05 tape width reel dimensions (mm) a(mm) b(mm) c(mm) d(mm) 16mm 16.0 0.5 75 2.0 13 0.5 330 24mm 24.5 0.5 npis__t series npis power inductors b c d a


▲Up To Search▲   

 
Price & Availability of NPIS73T1R8YMTRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X