Part Number Hot Search : 
BZT52C18 STEVA NSR2N7 E003666 E003666 2SB1124 VTB5041 CMPT4403
Product Description
Full Text Search
 

To Download NACZ221M25V8X105TR13YF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  49 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors nacz series features ? ? very low impedance & high ripple current at 100khz ? suitable for dc-dc converter, dc-ac inverter, etc. ? new expanded cv range, up to 6800 f ? new high temperature reflow "m1" version ? designed for automatic mounting and reflow soldering characteristics low esr component liquid electrolyte for performance data see www.lowesr.com rated voltage rating 6.3 ~ 50vdc rated capacitance range 4.7 ~ 6800 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv 0r 3 a, whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8.0 13 20 32 44 63 4 ~ 6.3mm dia. 0.24 0.20 0.16 0.14 0.12 0.10 8 ~ 1 6mm dia. c < 1000 f 0.28 0.24 0.20 0.16 0.14 0.14 c = 1500 f 0.29 0.25 0.21 - 0.14 - c = 2200 f 0.30 0.26 - 0.18 - - c = 3300 f 0.32 - 0.24 - - - c = 4700 f 0.34 0.30 ---- c = 6800 f 0.38 ----- low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 z-40c/z+20c 322222 z-55c/z+20c 544333 load life test @ 105c 4 ~ 6mm dia. 1,000 hours 8 ~ 12.5mm dia. 2,000 hours capacitance change within 25% of initial measured value tan less than 200% of the speci? ed maximum value leakage current less than the speci? ed maximum value low impedance at high frequency industry standard style for switchers and converters standard product and case size table d x l (mm) cap ( f) code working voltage (vdc) 6.3 10 16 25 35 50 4.7 4r7 - - - - 4x6.3 4x6.3 10 100 - - - 4x6.3* 5x6.3* 6.3x6.3* 15 150 - - 4x6.3 6x6.3 5x6.3* - 22 220 - 4x6.3 5x6.3* 5x6.3 5x6.3* 6.3x6.3* 27 270 4x6.3* - ---- 33 330 - 5x6.3 - 6.3x6.3 6.3x6.3* 6.3x8* 47 470 5x6.3 - 6.3x6.3 6.3x6.3 6.3x6.3* 6.3x8* 56 560 5x6.3* - - 6.3x6.3 - - 68 680 - 6.3x6.3 6.3x6.3* 6.3x6.3 6.3x8* 8x10.5* 100 101 6.3x6.3* - 6.3x6.3* 6.3x8* 8x10.5 8x10.5* 120 121 - 6.3x6.3 ---- 150 151 6.3x6.3 6.3x6.3 6.3x8* 8x10.5* 8x10.5* 10x10.5* 10x8 220 221 6.3x6.3 6.3x8 6.3x8* 8x10.5* 8x10.5 10x10.5 10x8 330 331 6.3x8* 8x10.5 8x10.5* 8x10.5 10x10.5 12.5x14 10x8 390 391 - - - - - 12.5x14 470 471 8x10.5 8x10.5 8x10.5 10x10.5* 12.5x14 16x17 10x8 680 681 8x10.5 - 10x10.5 - 12.5x14 - 10x8* 1000 102 8x10.5* 10x10.5 - 12.5x14 - 16x17 1500 152 10x10.5* - 12.5x14 - 16x17 - 2200 222 - 12.5x14 - 16x17 - - 3300 332 12.5x14 - 16x17 - - - 4700 472 - 16x17 ---- 6800 682 16x17 - ---- denotes new value rohs compliant includes all homogeneous materials
50 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors nacz series nic part number* cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c, 100khz max. impedance ( ) +20c, 100khz load life hours @ +105c nacz270m6.3v4x6.3tr13f 27 6.3 0.24 80 1.80 1,000 nacz470m6.3v5x6.3tr13f 47 0.24 150 0.76 1,000 nacz560m6.3v5x6.3tr13f 56 0.24 150 0.76 1,000 nacz101m6.3v6.3x6.3tr13f 100 0.24 230 0.44 1,000 nacz151m6.3v6.3x6.3tr13f 150 0.24 230 0.44 1,000 nacz221m6.3v6.3x6.3tr13f 220 0.24 230 0.44 1,000 nacz331m6.3v6.3x8tr13f 330 0.24 280 0.34 1,000 nacz471m6.3v8x10.5tr13f 470 0.28 450 0.17 2,000 nacz681m6.3v8x10.5tr13f 680 0.28 450 0.17 2,000 nacz681m6.3v10x8tr13f nacz102m6.3v8x10.5tr13f 1000 0.28 450 0.17 2,000 nacz152m6.3v10x10.5tr13f 1500 0.29 670 0.09 2,000 nacz332m6.3v12.5x14tr13f 3300 0.32 900 0.066 2,000 nacz682m6.3v16x17tr13f 6800 0.38 1250 0.052 2,000 nacz220m10v4x6.3tr13f 22 10 0.20 80 1.80 1,000 nacz330m10v5x6.3tr13f 33 0.20 150 0.76 1,000 nacz680m10v6.3x6.3tr13f 68 0.20 230 0.44 1,000 nacz121m10v6.3x6.3tr13f 120 0.20 230 0.44 1,000 nacz151m10v6.3x6.3tr13f 150 0.20 230 0.44 1,000 nacz221m10v6.3x8tr13f 220 0.20 280 0.34 1,000 nacz331m10v8x10.5tr13f 330 0.24 450 0.17 2,000 nacz471m10v8x10.5tr13f 470 0.24 450 0.17 2,000 nacz471m10v10x8tr13f nacz102m10v10x10.5tr13f 1000 0.24 670 0.09 2,000 nacz222m10v12.5x14tr13f 2200 0.26 900 0.066 2,000 nacz472m10v16x17tr13f 4700 0.30 1250 0.052 2,000 nacz150m16v4x6.3tr13f 15 16 0.16 80 1.80 1,000 nacz220m16v5x6.3tr13f 22 0.16 150 0.76 1,000 nacz470m16v6.3x6.3tr13f 47 0.16 230 0.44 1,000 nacz680m16v6.3x6.3tr13f 68 0.16 230 0.44 1,000 nacz101m16v6.3x6.3tr13f 100 0.16 230 0.44 1,000 nacz151m16v6.3x8tr13f 150 0.16 280 0.34 1,000 nacz221m16v6.3x8tr13f 220 0.16 280 0.34 1,000 nacz331m16v8x10.5tr13f 330 0.20 450 0.17 2,000 nacz331m16v10x8tr13f nacz471m16v8x10.5tr13f 470 0.20 450 0.17 2,000 nacz681m16v10x10.5tr13f 680 0.20 670 0.09 2,000 nacz152m16v12.5x14tr13f 1500 0.21 900 0.066 2,000 nacz332m16v16x17tr13f 3300 0.24 1250 0.052 2,000 nacz100m25v4x6.3tr13f 10 25 0.14 80 1.80 1,000 nacz150m25v6x6.3tr13f 15 0.14 150 0.76 1,000 nacz220m25v5x6.3tr13f 22 0.14 150 0.76 1,000 nacz330m25v6.3x6.3tr13f 33 0.14 230 0.44 1,000 nacz470m25v6.3x6.3tr13f 47 0.14 230 0.44 1,000 nacz560m25v6.3x6.3tr13f 56 0.14 230 0.44 1,000 nacz680m25v6.3x6.3tr13f 68 0.14 230 0.44 1,000 nacz101m25v6.3x8tr13f 100 0.14 280 0.34 1,000 nacz151m25v8x10.5tr13f 150 0.16 450 0.17 2,000 nacz221m25v8x10.5tr13f 220 0.16 450 0.17 2,000 nacz221m25v10x8tr13f nacz331m25v8x10.5tr13f 330 0.16 450 0.17 2,000 nacz471m25v10x10.5tr13f 470 0.16 670 0.09 2,000 nacz102m25v12.5x14tr13f 1000 0.16 900 0.066 2,000 nacz222m25v16x17tr13f 2200 0.18 1250 0.052 2,000 nacz4r7m35v4x6.3tr13f 4.7 35 0.12 80 1.80 1,000 nacz100m35v5x6.3tr13f 10 0.12 150 0.76 1,000 nacz150m35v5x6.3tr13f 15 0.12 150 0.76 1,000 nacz220m35v5x6.3tr13f 22 0.12 150 0.76 1,000 nacz330m35v6.3x6.3tr13f 33 0.12 230 0.44 1,000 nacz470m35v6.3x6.3tr13f 47 0.12 230 0.44 1,000 standard values, case sizes and specifications *for automotive equipment and high temperature re? ow version see part number system
51 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nic part number* cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c, 100khz max. impedance ( ) +20c, 100khz load life hours @ +105c nacz680m35v6.3x8tr13f 68 35 0.12 280 0.34 1,000 nacz101m35v8x10.5tr13f 100 0.14 450 0.17 2,000 nacz151m35v8x10.5tr13f 150 0.14 450 0.17 2,000 nacz151m35v10x8tr13f nacz221m35v8x10.5tr13f 220 0.14 450 0.17 2,000 nacz331m35v10x10.5tr13f 330 0.14 670 0.09 2,000 nacz471m35v12.5x14tr13f 470 0.14 900 0.066 2,000 nacz681m35v12.5x14tr13f 680 0.14 900 0.066 2,000 nacz152m35v16x17tr13f 1500 0.14 1250 0.052 2,000 nacz4r7m50v4x6.3tr13f 4.7 50 0.10 60 2.90 1,000 nacz100m50v6.3x6.3tr13f 10 0.10 165 0.88 1,000 nacz220m50v6.3x6.3tr13f 22 0.10 165 0.88 1,000 nacz330m50v6.3x8tr13f 33 0.10 195 0.75 1,000 nacz470m50v6.3x8tr13f 47 0.10 195 0.75 1,000 nacz680m50v8x10.5tr13f 68 0.14 300 0.40 2,000 nacz101m50v8x10.5tr13f 100 0.14 300 0.40 2,000 nacz151m50v10x10.5tr13f 150 0.14 450 0.22 2,000 nacz221m50v10x10.5tr13f 220 0.14 450 0.22 2,000 nacz331m50v12.5x14tr13f 330 0.14 620 0.14 2,000 nacz391m50v12.5x14tr13f 390 0.14 620 0.14 2,000 nacz471m50v16x17tr13f 470 0.14 790 0.078 2,000 nacz102m50v16x17tr13f 1000 0.14 790 0.078 2,000 dimensions (mm) case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 4x6.3 4.0 6.3 4.3 4.3 1.8 0.5~0.8 1.0 5x6.3 5.0 6.3 5.3 5.3 2.2 0.5~0.8 1.4 6.3x6.3 6.3 6.3 6.6 6.6 2.5 0.5~0.8 2.2 6.3x8 6.3 8.0 6.6 6.6 2.5 0.5~0.8 2.2 8x10.5 8.0 10.5 8.3 8.3 2.9 0.7~1.0 3.2 10x8 10.0 8.0 10.3 10.3 3.2 1.1~1.4 4.6 10x10.5 10.0 10.5 10.3 10.3 3.2 1.1~1.4 4.6 12.5x14 12.5 14.0 12.8 12.8 4.5 1.1~1.4 4.6 16x17 16.0 17.0 16.3 16.3 5.0 1.8~2.1 7.0 0.3mm max. d l + - i i w p a b precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com *for automotive equipment and high temperature re? ow version see part number system surface mount aluminum electrolytic capacitors nacz series standard values, case sizes and specifications nacz 101 m 16v 6.3x6.3 tr 13 m1 y f rohs compliant terminations 97% sn (m in.) 3% bi (max.) denotes high temp. re? ow version 330mm (13?) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in mf, ? rst 2 digits are signi? cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi? ed production site
52 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com case size preheat: 150c ~ 180c max. soldering temperature max. exposure time at max. soldering temperature max. exposure time above +200c multiple re? ow exposure 4x6.3 120 seconds max. +250c 5 seconds 70 seconds 2 times max. 5x6.3 120 seconds max. +250c 5 seconds 70 seconds 2 times max. 6.3x6.3 120 seconds max. +250c 5 seconds 70 seconds 2 times max. 6.3x8 120 seconds max. +250c 5 seconds 70 seconds 2 times max. 8x10.5 120 seconds max. +245c 5 seoonds 60 seconds 2 times max. 10x8 120 seconds max. +240c 5 seoonds 50 seconds 2 times max. 10x10.5 120 seconds max. +240c 5 seoonds 50 seconds 2 times max. 12.5x14 120 seconds max. +240c 5 seoonds 50 seconds 2 times max. 16x17 120 seconds max. +230c 5 seoonds 30 seconds 2 times max. surface mount aluminum electrolytic capacitors nacz series peak reflow soldering temperatures and durations (standard version) case size preheat: 150c ~ 180c max. soldering temperature max. exposure time at max. soldering temperature max. exposure time above +200c max. exposure time above +230c multiple re? ow exposure 4x6.3 120 seconds max. +255c 5 seconds 60 seconds 30 seconds 2 times max. 5x6.3 120 seconds max. +255c 5 seconds 60 seconds 30 seconds 2 times max. 6.3x6.3 120 seconds max. +255c 5 seconds 60 seconds 30 seconds 2 times max. 6.3x8 120 seconds max. +255c 5 seconds 60 seconds 30 seconds 2 times max. 8x10.5 120 seconds max. +250c 5 seoonds 60 seconds 30 seconds 2 times max. 10x8 120 seconds max. +250c 5 seoonds 60 seconds 30 seconds 2 times max. 10x10.5 120 seconds max. +250c 5 seoonds 60 seconds 30 seconds 2 times max. peak reflow soldering temperatures and durations (m1 version) recommended reflow soldering profile time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (see table for temperature) peak temperature (see table) 230 time above 230c (see table) review & compare re? ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl case size a b c 4 1.0 2.6 1.8 5 1.4 3.0 1.8 6.3 2.1 3.5 1.8 8 2.8 4.1 2.1 10 4.3 4.4 2.5 12.5 4.3 5.8 2.5 16 6.6 6.5 5.0 a c b recommended land pattern dimensions (mm)


▲Up To Search▲   

 
Price & Availability of NACZ221M25V8X105TR13YF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X