Part Number Hot Search : 
SK8050 MAX038 21210 2N167A SK8GD126 SG6520 3223C D7677
Product Description
Full Text Search
 

To Download NACY331M63V63X8TR13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nic components www.niccomp.com www.lowesr.com www.rfpassives.com 20 ? nic components www.niccomp.com www.lowesr.com www.rfpassives.com 21 ? surface mount aluminum electrolytic capacitors nacy series features ? cylindrical leadless type for surface mounting ? low impedance at 100khz (up to 20% lower than nacz) ? wide temperature range (-55 +105 o c) ? designed for automatic mounting and reflow .. soldering characteristics standard production size d xl (mm) 0.3mm max. d l see page 38 for case size data see page 39 for taping/packaging data + - i i w p a b cap ( f) code working voltage (vdc) 6.3 10 16 25 35 50 4.7 4r7 - - - - 4x6.3 4x6.3 10 100 - - - 4x6.3 5x6.3 6.3x6.3 15 150 - - 4x6.3 5x6.3 5x6.3 22 220 - 4x6.3 5x6.3 5x6.3 5x6.3 6.3x6.3 27 270 4x6.3 - - - - - 33 330 - 5x6.3 - 6.3x6.3 6.3x6.3 6.3x8 47 470 5x6.3 - 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 56 560 5x6.3 - - 6.3x6.3 - - 68 680 - 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 - 100 101 6.3x6.3 - 6.3x6.3 6.3x8 8x10.5 8x10.5 150 151 6.3x6.3 6.3x6.3 6.3x8 8x10.5 8x10.5 - 220 221 6.3x6.3 6.3x8 6.3x8 8x10.5 8x10.5 10x10.5 330 331 6.3x8 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 470 471 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 - 680 681 8x10.5 - 10x10.5 - 12.5x14 - 1000 102 8x10.5 10x10.5 - 12.5x14 - - 1500 152 10x10.5 - 12.5x14 - - - 2200 222 - 12.5x14 - - - - 3300 332 12.5x14 - - - - - rated capacitance range 4.7 ~ 3300 f operating temperature range - 55c + 105c capacitance tolerance 20% (120hz/+20c) max. leakage current after 2 minutes at 20c 0.01cv or 3 a max. tan at 120hz & 20c w.v.(vdc) 6.3 10 16 25 35 50 s.v.(vdc) 8 13 20 32 44 63 tan 4 to 6.3 0.24 0.20 0.16 0.14 0.12 0.12 8 ~ 12.5 c1000f 0.28 0.24 0.20 0.16 0.14 0.14 c=2200f - 0.26 - - - - c=3300f 0.32 - - - - - low temperature stability (impedance ratio at 120 hz) z -40c/z +20c 3 2 2 2 2 2 z -55c/z +20c 5 4 4 3 3 3 load life test at 105c 4 ~ 6.3mm dia 1,000 hours 8 ~ 12.5mm dia 2,000 hours capacitance change within 25% of initial measured value tan less than 200% of the specif ed value leakage current less than the specif ed maximum value rohs compliant *see part number system for details e z i s e s a c a b i p w 3 . 6 x 4 3 . 4 3 . 4 0 . 2 0 . 1 8 . 0 ~ 5 . 0 3 . 6 x 5 3 . 5 3 . 5 3 . 2 4 . 1 8 . 0 ~ 5 . 0 3 . 6 x 3 . 6 6 . 6 6 . 6 5 . 2 2 . 2 8 . 0 ~ 5 . 0 8 x 3 . 6 6 . 6 6 . 6 5 . 2 2 . 2 8 . 0 ~ 5 . 0 5 . 0 1 x 8 3 . 8 3 . 8 9 . 2 2 . 3 0 . 1 ~ 7 . 0 5 . 0 1 x 0 1 3 . 0 1 3 . 0 1 2 . 3 6 . 4 4 . 1 ~ 1 . 1 4 1 x 5 . 2 1 8 / 2 1 8 / 2 1 5 . 4 6 . 4 4 . 1 ~ 1 . 1
nic components www.niccomp.com www.lowesr.com www.rfpassives.com 2 0 ? nic components www.niccomp.com www.lowesr.com www.rfpassives.com 2 1 ? surface mount aluminum electrolytic capacitors nacy series maximum permissible ripple current (ma rms at 100khz and 105 o c) maximum impedance ( ? at 20 o c and 100khz) r o t c a f n o i t c e r r o c y c n e u q e r f t n e r r u c e l p p i r y c e u q e r f z h 0 2 1 z h k 1 z h k 0 1 z h k 0 0 1 n o i t c e r r o c r o t c a f 5 7 . 0 5 8 . 0 5 9 . 0 0 . 1 r o t c a f n o i t c e r r o c e r u t a r e p m e t t n e r r u c e l p p i r e r u t a r e p m e t c 5 6 + c 5 8 + c 5 0 1 n o i t c e r r o c r o t c a f 5 . 1 3 . 1 0 . 1 cap ( f) working voltage (vdc) 6.3 10 16 25 35 50 4.7 - - - - 1.45 2.55 10 - - - 1.45 0.7 0.52 15 - - 1.45 0.7 0.7 - 22 1.45 0.7 0.7 0.7 0.52 27 1.45 - - - - - 33 - 0.7 - 0.39 0.39 0.44 47 0.7 - 0.39 0.39 0.39 0.44 56 0.7 - - 0.39 - - 68 - 0.39 0.39 0.39 0.3 - 100 0.39 - 0.39 0.3 0.15 0.22 150 0.39 0.39 0.3 0.15 0.15 - 220 0.39 0.3 0.3 0.15 0.15 0.13 330 0.3 0.15 0.15 0.15 0.08 0.1 470 0.15 0.15 0.15 0.08 0.058 - 680 0.15 - 0.08 - 0.058 - 1000 0.15 0.08 - 0.058 - - 1500 0.08 - 0.058 - - - 2200 - 0.058 - - - - 3300 0.058 - - - - cap ( f) working voltage (vdc) 6.3 10 16 25 35 50 4.7 - - - - 90 64 10 - - - 90 170 215 15 - - 90 170 170 - 22 - 90 170 170 170 215 27 90 - - - - - 33 - 170 - 250 250 243 47 170 - 250 250 250 243 56 170 - - 250 - - 68 - 250 250 250 300 - 100 250 - 250 300 600 400 150 250 250 300 600 600 - 220 250 300 300 600 600 585 330 300 600 600 600 850 800 470 600 600 600 850 1150 - 680 600 - 850 - 1150 - 1000 600 850 - 1150 - - 1500 850 - 1150 - - - 2200 - 1150 - - - - 3300 1150 - - - - - nacy 100 m 25v 5x6.3 tr 13 f pb-free/rohs compliant 97% sn (min.), 3% bi (max.) 330mm (13) reel tape & reel siz e in mm working voltage tolerance code m=20%, k=10% capacitance code in f, frst 2 digits are signifcant third digit is no. of zeros, r indicates decimal for values under 10 f series part number system *"f" denotes rohs compliant parts


▲Up To Search▲   

 
Price & Availability of NACY331M63V63X8TR13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X