Part Number Hot Search : 
F7805Q DS232 FUJITSU 61030 W25X40 MC16A STPR8 TPS8085
Product Description
Full Text Search
 

To Download MXSMCGLCE100AE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet gort road business park, en nis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.micros emi.com rf01002 rev a, june 2010 high rel iability product group page 1 of 4 devi ces msmcjlce6.5a thru msmcjlce170a, e3 and msmcglce6.5a thru msmcglce170a, e3 levels m, ma, mx, mxl features ? high reliability controlled devices with fabrication and assembly lot traceability ? 100% surge tested devices ? low c apacitance of 100 pf or le ss ? optional upscreening available by replacing the m prefix with ma, mx or mxl. these prefixes specify various screening and conformance inspection options ba sed on mil - prf - 19500. refer to mic ro n ote 129 for more d etails on the screening options . ? axial - lead equivalent packages for thru - hole mounting av a ilable as mlce6.5a to mlce170ca ? moisture classification is level 1 with no dry pack required per ipc/jedec j - std - 020b ? rohs compliant devices ava ilable by adding an e3 suffix ? 3 lot norm screening performed on standby current i d applications / benefits ? 1500 watts of peak pulse power at 10/1000 ? s ? low capacitance for data line protection to 1 mhz ? protection for aircraft fast data rate lines up t o level 5 waveform 4 and level 2 waveform 5a in rtca/do - 160d (also see micronote 130) & arinc 429 with bit rates of 100 kb/s (per arinc 429, part 1, par 2.4.1.1) ? iec 61000 - 4 - 2 esd 15 kv (air), 8 kv (contact) ? iec 61000 - 4 - 5 ( l ightning) as further detailed in m lce6.5 thru m lce170a data sheet ? t1/e1 line cards ? base stations, wan & xdsl interfaces ? csu/dsu equipment maximum ratings ? peak pulse power dissipation at 25 oc : 1500 watts at 10/1000 s (also see fig ures 1,2, and 3) with impulse repetition rate (duty factor) of 0.01 % or less ? clamping factor: 1.4 0 @ full rated power: 1.30 @ 50 % rated power ? t clamping (0 v to v br min): less than 5x1 0 - 9 seconds ? operating and storage temperatures: - 65 oc to +150 oc ? steady state power dissipation: 5.0w @ t l = 50 oc ? thermal resistance : 20 oc /w (typical junction to lead (tab) at mounting plane ? when pulse testing, do not pulse in opposite direction. ( s ee schematic applications section herein and figures 5 & 6 for further protection in both directions) ? solder temperatures: 260 oc for 10 s (maximum) surface mount 1500 watt low capacitance transient voltage suppressor - high reliability controlled devices - unidirectional (a) construction - available in both j - bend and gull - wing terminations - selections for 6.5 to 170 v standoff voltages (v wm )
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com ___________________________________________________________________________________________ _____________________________________ rf01002 rev a, june 2010 high rel iability product group page 2 of 4 mechanical and packaging ? void - free transfer molded thermoset ting epoxy body meeting ul94v - 0 ? gu ll - wing or j - bend tin - lead (90 % sn, 10 % pb) or rohs (100 % sn) compliant annealed matte - tin plating solderab le per mil - std - 750, method 2026 ? cathode indicated by band. no cathode band on bi - directional devices. ? part number marked on package ? available in b ulk or custom tape - and - reel packaging ? tape - and - reel option available with up to 750 per 7 inch reel or up to 2500 per 13 inch reel eia - 481 - b with 16 mm tape. add tr suffix to part number . ? weight: 0.25 gram (approximate ly ) package dimensions pad layout dim ensions in inches a b c d e f k l min .115 .260 .220 .305 .077 .380 .025 .030 max .121 .280 .245 .320 .104 .400 .040 .060 dimensions in millimeters min 2.92 6.60 5.59 7.75 1.95 9.65 0.635 .760 max 3.07 7.11 6.22 8.13 2.65 10.16 1.016 1.520 typical standoff height: 0.004 C 0.008 (0.1mm C 0.2mm) inches mm a 0 . 390 9.90 b 0 . 110 2.79 c 0 .1 50 3.81 inches mm a 0.510 12.95 b 0.110 2.79 c 0.150 3.81 symbols & definitions symbol definition symbol de finition v wm working peak (standoff) voltage i pp peak pulse current p pp peak pulse power v c clamping voltage v br breakdown voltage i br breakdown current for v br i d standby current ( do - 214ab ) ( do - 215ab ) (smcj) (smcg) sm c j (do - 214a b ) sm cg (do - 215 a b )
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com ___________________________________________________________________________________________ _____________________________________ rf01002 rev a, june 2010 high rel iability product group page 3 of 4 electrical characteristics @ 25 o c microsemi p art number re verse stand - off voltage v wm breakdown voltage v br @ i br maximum reverse leakage i d @ v wm maximum clamping voltage v c @ i pp maximum peak pulse current i pp @10/1000 maximum capacitance @ 0 volts, f = 1 mhz working inverse blocking voltage v wib inverse blocking leakage current i ib peak inverse blocking voltage v pib gull - wing j - bend v v min v max ma ? a v a pf v ? a v msmcglce6.5a msmcglce7.0a msmcjlce6.5a msmcjlce7.0a 6.5 7.0 7.22 7.78 7.98 8.60 10 10 1000 500 11.2 12.0 100 100 100 100 75 75 10 10 100 100 msmcglce7.5a msmcglce8.0a msmcjlce7.5a msmcjlce8.0a 7.5 8.0 8.33 8.89 10.2 9.83 10 1 250 100 14.3 13.6 100 100 100 100 75 75 10 10 100 100 msmcglce8.5a msmcglce9.0a msmcjlce8.5a msmcjlce9.0a 8.5 9.0 9.44 10.0 10.4 11.1 1 1 50 10 14.4 15. 4 100 97 100 100 75 75 10 10 100 100 msmcglce10a msmcglce11a msmcjlce10a msmcjlce11a 10 11 11.1 12.2 12.3 13.5 1 1 5 5 17.0 18.2 88 82 100 100 75 75 10 10 100 100 msmcglce12a msmcglce13a msmcjlce12a msmcjlce13a 12 13 13.3 14.4 14.7 15.9 1 1 5 5 19.9 21.5 75 70 100 100 75 75 10 10 100 100 msmcglce14a msmcglce15a msmcjlce14a msmcjlce15a 14 15 15.6 16.7 17.2 18.5 1 1 5 5 23.2 24.4 65 61 100 100 75 75 10 10 100 100 msmcglce16a msmcglce17a msmcjlce16a msmcjlce17a 16 17 17.8 18.9 19.7 20.9 1 1 5 5 26.0 27.6 5 7 54 100 100 75 75 10 10 100 100 msmcglce18a msmcglce20a msmcjlce18a msmcjlce20a 18 20 20.0 22.2 22.1 24.5 1 1 5 5 29.2 32.4 51 46 100 100 75 75 10 10 100 100 msmcglce22a msmcglce24a msmcjlce22a msmcjlce24a 22 24 24.4 26.7 26.9 29.5 1 1 5 5 35.5 38.9 42 39 100 100 75 75 10 10 100 100 msmcglce26a msmcglce28a msmcjlce26a msmcjlce28a 26 28 28.9 31.1 31.9 34.4 1 1 5 5 42.1 45.5 36 33 100 100 75 75 10 10 100 100 msmcglce30a msmcglce33a msmcjlce30a msmcjlce33a 30 33 33.3 36.7 36.8 40.6 1 1 5 5 48.4 53.3 31 28 .1 100 100 75 75 10 10 100 100 msmcglce36a msmcglce40a msmcjlce36a msmcjlce40a 36 40 40.0 44.4 44.2 49.1 1 1 5 5 58.1 64.5 25.8 23.3 100 100 75 75 10 10 100 100 msmcglce43a msmcglce45a msmcjlce43a msmcjlce45a 43 45 47.8 50.0 52.8 55.3 1 1 5 5 69.4 72.7 2 1.6 20.6 100 100 150 150 10 10 200 200 msmcglce48a msmcglce51a msmcjlce48a msmcjlce51a 48 51 53.3 56.7 58.9 62.7 1 1 5 5 77.4 82.4 19.4 18.2 100 100 150 150 10 10 200 200 msmcglce54a msmcglce58a msmcjlce54a msmcjlce58a 54 58 60.0 64.4 66.3 71.2 1 1 5 5 8 7.1 93.6 17.2 16.0 100 100 150 150 10 10 200 200 msmcglce60a msmcglce64a msmcjlce60a msmcjlce64a 60 64 66.7 71.1 73.7 78.6 1 1 5 5 96.8 103 15.5 14.6 90 90 150 150 10 10 200 200 msmcglce70a msmcglce75a msmcjlce70a msmcjlce75a 70 75 77.8 83.3 85.0 92.1 1 1 5 5 113 121 13.3 12.4 90 90 150 150 10 10 200 200 msmcglce80a msmcglce90a msmcjlce80a msmcjlce90a 80 90 88.7 100 98.0 111 1 1 5 5 129 146 11.6 10.3 90 90 150 300 10 10 200 200 msmcglce100a msmcglce110a msmcjlce100a msmcjlce110a 100 110 111 122 123 135 1 1 5 5 162 178 9.3 8.4 90 90 300 300 10 10 200 400 msmcglce120a msmcglce130a msmcjlce120a msmcjlce130a 120 130 133 144 147 159 1 1 5 5 193 209 7.8 7.2 90 90 300 300 10 10 400 400 msmcglce150a msmcglce160a msmcjlce150a msmcjlce160a 150 160 167 178 185 1 97 1 1 5 5 243 259 6.2 5.8 90 90 300 300 10 10 400 400 msmcglce170a msmcjlce170a 170 189 231 1 5 304 4.9 90 300 10 400 note 1: tvs are normally selected according to the reverse stand off voltage (vwm) which should be equal to or greater
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com ___________________________________________________________________________________________ _____________________________________ rf01002 rev a, june 2010 high rel iability product group page 4 of 4 graphs tp C pulse time C sec test wave form parameters t C tempe rature C o c tr = 10 ? s, tp = 1000 ? s figure 1 peak pulse power vs. pulse time figure 2 pulse wave form figure 3 derating curve schematic applications the tvs low capacitance device configuration is shown in figure 4. as a further option for unidirectional applications, an a dditional low capacitance rectifier diode ma y be used in parallel in the same polarity direction as the tvs as shown in figure 5. in applications where random high voltage transients occur, this will prevent reverse transients from damaging the internal low capacitance rectifier diode and also prov ide a low voltage conducting direction. the added rectifier diode should be of similar low capacitance and also have a higher reverse voltage rating than the tvs clamping voltage v c . the microsemi recommended rectifier part number for the a pplication in figure 5 is the smbjlcr80 or smbglcr80 depending on the terminal configuration desired. if using two (2) low capacitance tvs devices in anti - parallel for bidirectional applications, this added protective feature for both directions (including the reve rse of each rectifier diode) is inherently provided in figure 6. the unidirectional and bidirectional configurations in figure 5 and 6 will both result in twice the capacitance of figure 4. figure 4 figure 5 figure 6 tvs with internal low optional unidirectional option al bidirectional capacitance rectifier diode configuration (tvs and configuration (two tvs separate rectifier diode devices in anti - parallel) in parallel) p pp C peak pulse power C kw peak pulse power (p pp ) or current (i pp ) in percent of 25 o c rating


▲Up To Search▲   

 
Price & Availability of MXSMCGLCE100AE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X