Part Number Hot Search : 
B7025M LPV1620 B080005 2SK217 90120 IRF371 2SC3426 URF1660
Product Description
Full Text Search
 

To Download MXP4KE68AE3TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com rf0100 6 rev a, june 2010 high reliability product group page 1 of 4 devices mp4ke6.8a thru mp4ke400ca, e3 levels m, ma, mx, mxl features ? high reliability controlled devices with wafer fabrication and assembly lot traceability ? 100 % surge tested devices ? optional upscreening available by replacing the m pref ix with ma, mx or mxl. these prefixes specify various screening and conformance inspection options based on mil - prf - 19500 refer to micro n ote 129 for more d etails on the screening options . ? moisture cla ssification is level 1 with no dry pack required per ipc/jedec j - std - 020b ? rohs compliant devices available by adding e3 suffix ? 3 lot norm screening performed on standby current i d applications / benefits ? suppresses transients up to 400 watts @ 10/1000 ? s (see figure 1) ? protects sensitive components such as ics, cmos, bipolar, bicmos, ecl, dtl, t 2 l, etc. ? protection from switch i ng transients & induced rf ? compliant to iec 61000 - 4 - 2 and iec 61000 - 4 - 4 for esd and eft protection respectively. ? secondary lightning protection per iec 61000 - 4 - 5 with 42 ohms source impedance: o class 1: mp4ke5.0a to mp4ke91ca o class 2: mp4ke5.0a to mp4ke 47aca o class 3: mp4ke5.0a to mp4ke24ca o class 4: mp4ke5.0a to mp4ke12ca ? secondary lightning protection per iec 61000 - 4 - 5 with 12 ohms source impedance: o class 1: mp4ke5.0a to mp4ke30ca o class 2: mp4ke5.0a to mp4ke15ca maximum ratings ? operating and st o rage temperature: - 65 c to +150 c ? peak pulse power: 400 watts at 10/1000 ? s (see figure s 1, 2 and 3 for t w , waveform and derating effects) with impulse repetition rate ( duty factor) of 0.01 % or less ? thermal resistance: 50 c /w junction to leads @ 3/8 inch (10 mm) from body, or 110 ? c/w junction to ambient when mounted on fr4 pc board with 4 mm 2 copper pads (1 oz) and track width 1 mm, length 25 mm ? steady - state power: 2.5 watts @ t l= 25 ? c at 3/8 inch (10 mm) from body, or 1.13 w at ta = 25 oc on fr4 p c board d escribed for thermal resistance ? forward voltage at 25 ? c: 3.5 v @ 30 a with 8.3 ms half - sine wave (unidirectional only ? solder temperatures: 260 ? c for 10 s (maximum) do - 41 (do - 204al) 400w transient voltage suppressor - high reliability controlled devices - economical series for thru hole mounting - unidirectional (a) and bidirectional (ca) construction - selections for 5.8 to 342 v standoff voltages (v wm ) - fast response
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com _________________ __________________________________________________________________________________________________________________ rf01006 rev a, june 2010 high reliability product group page 2 of 4 mechanical and packaging ? void - free transfer molded thermosetting epoxy body meeting ul94v - 0 ? tin - lead (90 % sn, 10 % pb) or rohs (100% sn) compliant annealed matte - tin plating readily solderable per mil - std - 750, method 2026 ? body marked with part number ? cathode indicated by band. no cathode band on bi - directional devices. ? available in b ulk or custom tape - and - reel packaging ? tape - and - reel s tandard per eia - 296 (add tr suffix to part number) ? weight : 0.3 gram (approximate ly ) package dimensions symbols & definitions symbol definition symbo l definition v wm working peak (standoff) voltage i pp peak pulse current p pp peak pulse power v c clamping voltage v br breakdown voltage i br breakdown current for v br i d standby current note: cathode indicated by band. all dimensions in millimeters (inches)
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com _________________ __________________________________________________________________________________________________________________ rf01006 rev a, june 2010 high reliability product group page 3 of 4 electrical characteristics @ 25 o c microsemi part numbe r (note 2) reverse stand - off voltage v wm breakdown voltage v br @ i br maximum clamping voltage v c @ i pp maximum standby current i d @ v wm peak pulse current (see fig. 2) i pp maximum temperature coefficient of v br ? v ( br ) v v min v max ma v ? a a % / c mp4ke6.8a mp4ke7.5a 5.80 6.40 6.45 7.13 7.14 7.88 10 10 10.5 11.3 500 200 38 35 .057 .061 mp4ke8.2a mp4ke9.1a 7.02 7.78 7.79 8.65 8.61 9.55 10 1 12.1 13.4 100 20 33 30 .065 .068 mp4ke10a mp4ke11a 8.55 9.40 9.50 10.5 10.5 11.6 1 1 14.5 15.6 5 2 28 2 6 .073 .075 mp4ke12a mp4ke13a 10.2 11.1 11.4 12.4 12.6 13.7 1 1 16.7 18.2 1 1 24 22 .078 .081 mp4ke15a mp4ke16a 12.8 13.6 14.3 15.2 15.8 16.8 1 1 21.2 22.5 1 1 19 18 .084 .086 mp4ke18a mp4ke20a 15.3 17.1 17.1 19.0 18.0 21.0 1 1 25.2 27.7 1 1 16 14.5 .088 .090 mp4ke22a mp4ke24a 18.8 20.5 20.9 22.8 23.1 25.2 1 1 30.6 33.2 1 1 13 12 .092 .094 mp4ke27a mp4ke30a 23.1 25.6 25.7 28.5 28.4 31.5 1 1 37.5 41.4 1 1 11 9.5 .096 .097 mp4ke33a mp4ke36a 28.2 30.8 31.4 34.2 34.7 37.8 1 1 45.7 49.9 1 1 9.0 8.0 . 098 .099 mp4ke39a mp4ke43a 33.3 36.8 37.1 40.9 41.0 45.2 1 1 53.9 59.3 1 1 7.5 7.0 .100 .101 mp4ke47a mp4ke51a 40.2 43.6 44.7 48.5 49.4 53.6 1 1 64.8 70.1 1 1 6.2 5.7 .101 .102 mp4ke56a mp4ke62a 47.8 53.0 53.2 58.9 58.8 65.1 1 1 77.0 85.0 1 1 5.2 4.7 .103 .104 mp4ke68a mp4ke75a 58.1 64.1 64.6 71.3 71.4 78.8 1 1 92.0 103.0 1 1 4.4 3.9 .104 .105 mp4ke82a mp4ke91a 70.1 77.8 77.9 86.5 86.1 95.5 1 1 113.0 125.0 1 1 3.5 3.2 .105 .106 mp4ke100a mp4ke110a 85.5 94.0 95.0 105.0 105.0 116.0 1 1 137.0 152.0 1 1 2.9 2.6 .106 .107 mp4ke120a mp4ke130a 102.0 111.0 114.0 124.0 126.0 137.0 1 1 165.0 179.0 1 1 2.4 2.2 .107 .107 mp4ke150a mp4ke160a 128.0 136.0 143.0 152.0 158.0 168.0 1 1 207.0 219.0 1 1 1.95 1.8 .108 .108 mp4ke170a mp4ke180a 145.0 154.0 162.0 171.0 179.0 189.0 1 1 234.0 246.0 1 1 1.7 1.6 .108 .108 mp4ke200a mp4ke220a 171.0 185.0 190.0 209.0 210.0 231.0 1 1 274.0 328.0 1 1 1.5 1.0 .108 .110 mp4ke250a mp4ke300a 214.0 256.0 237.0 285.0 263.0 315.0 1 1 344.0 414.0 1 1 1.0 1.0 .110 .110 mp4ke3 50a mp4ke400a 300.0 342.0 333.0 380.0 368.0 420.0 1 1 482.0 548.0 1 1 1.0 1.0 .110 .110 note 1: forward voltage (vf) @ 30 amps peak, 8.3 ms sine wave equal to 3.5 volts maximum for mp4ke6.8a to 200a (e xcluding b idirectional). note 2: for bi directional construction, indicate a ca suffix afte r part number, e.g. mp4ke170ca. bidirectional capacitance is half that shown in figure 4 at zero volts.
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com _________________ __________________________________________________________________________________________________________________ rf01006 rev a, june 2010 high reliability product group page 4 of 4 graphs figure 1 peak pulse power vs. pulse time test waveform parameters: tr=10 ? s, tp=1000 ? s figure 2 pulse waveform for exponential surge lead or ambient temperature o c v (br) - breakdown voltage C volts figure 3 derating curve figure 4 m p4ke typical capacitance vs. breakdown voltage (unipolar) peak pulse power ( p pp ) or continuous average power in percent of 25 o c rating c C capacitance - picofarads


▲Up To Search▲   

 
Price & Availability of MXP4KE68AE3TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X