Part Number Hot Search : 
12022 FR606 IP3526J TFF10N60 F1010 AD9772A MD2402 UN6121
Product Description
Full Text Search
 

To Download M55342E12B53E6PTS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  qpl mil-prf-55342 qualified thin film resistor, surface mount chip www.vishay.com for technical questions, contact: thinfilm@vishay.com document number: 60018 58 revision: 23-dec-09 e/h (military m/d55342) vishay thin film thin film mil chip resistors feature all sputtered wraparound termination for excellent adhesion and dimensional uniformity. they are ideal in applications requiring stringent performance requirem ents. established reliability is assured through 100 % screening and extensive environmental lot testing. wafer is sawed producing exact dimensions and clean, straight edges. note ? specification changed by d. s.c.c. from mil-r-55342 to mil-prf-55342 construction features ? established reliability, r failure rate level (100 ppm), c = 2 ? high purity alumina substrate 99.6 % purity ? wraparound termination featuring a tenacious adhesion layer covered with an electrop lated nickel barrier layer for + 150 c operating conditions ? very low noise and voltage coefficient (< - 25 db, 0.5 ppm/v) ? non-inductive ? laser-trimmed tolerances 0.1 % ? wraparound resistance less than 0.010 typical ? in-lot tracking less than 5 ppm/c ? complete mil-testing available in-house ? antistatic waffle pack or tape and reel packaging available ? military/aerospace/qpl typical performance note ? values listed are a guide, refer to mil spec for value/tolerance allowance actual size m55342/02 adhesion layer high purity alumina substrate nickel barrie r solder coating passivation resistor film absolute tcr 25 tol. 0.1 standard electrical specifications test specifications conditions material passivated nichrome - resistance range 10 to 6.19 m - tcr: absolute 25 ppm/c to 300 ppm/c - 55 c to + 125 c tolerance: absolute 0.1 % to 10 % + 25 c stability: absolute r 0.02 % 2000 h at + 70 c stability: ratio -- voltage coefficient 0.1 ppm/v - working voltage 30 v to 200 v - operating temperature range - 55 c to + 125 c - storage temperature range - 55 c to + 150 c - noise < - 25 db - shelf life stability: absolute r 0.01 % 1 year at + 25 c component ratings case size power rating (mw) working voltage (v) resistance range ( ) by characteristics tolerance e (0.1 %) e (1 %, 2 %, 5 %) h, k, m (0.1 %) h, k, m (1 %, 2 %, 5 %) m55342/01 50 40 49.9 to 150k 49.9 to 150k 20 to 150k 20 to 150k m55342/02 125 40 49.9 to 301k 49.9 to 301k 20 to 301k 20 to 301k m55342/03 200 75 49.9 to 649k 49.9 to 649k 10 to 649k 10 to 649k m55342/04 150 125 49.9 to 1.69m 49.9 to 1.69m 10 to 1.69m 10 to 1.69m m55342/05 225 175 49.9 to 3.16m 49.9 to 3.16m 10 to 3.16m 10 to 3.16m m55342/06 150 50 49.9 to 475k 49.9 to 475k 10 to 475k 10 to 475k d55342/07 250 100 49.9 to 1.5m 49.9 to 1.5m 10 to 1.5m 10 to 1.5m m55342/08 800 150 49.9 to 4.02m 49.9 to 4.02m 10 to 4.02m 10 to 4.02m m55342/09 1000 200 49.9 to 6.19m 49.9 to 6.19m 10 to 6.19m 10 to 6.19m m55342/10 500 75 49.9 to 1m 49.9 to 1m 49.9 to 1m 49.9 to 1m m55342/11 50 30 49.9 to 100k 49.9 to 100k 20 to 100k 20 to 100k m55342/12 100 50 49.9 to 258k 49.9 to 261k 10 to 258k 10 to 261k
document number: 60018 for tec hnical questions, contact: thinfilm@vishay.com www.vishay.com revision: 23-dec-09 59 e/h (military m/d55342) qpl mil-prf-55342 qualified thin film resistor, surface mount chip vishay thin film dimensions in inches case size term. l w t d e m55342/01 b 0.055 0.006 0.025 0.005 0.010 to 0.030 0.010 0.005 0.015 0.005 m55342/02 b 0.055 0.006 0.050 0.005 0.012 to 0.033 0.010 0.005 0.015 0.005 m55342/03 b 0.105 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 m55342/04 b 0.155 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 m55342/05 b 0.230 0.007 0.075 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 m55342/06 b 0.080 0.006 0.050 0.005 0.015 to 0.033 0.016 0.008 0.015 0.005 d55342/07 b 0.126 0.008 0.063 0.005 0.015 to 0.033 0.020 + 0.005/- 0.010 0.020 + 0.005/- 0.010 m55342/08 b 0.209 + 0.009/- 0.018 0.098 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 m55342/09 b 0.259 + 0.009/- 0.015 0.124 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 m55342/10 b 0.105 0.007 0.100 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 m55342/11 b 0.040 0.005 0.025 0.005 0.010 to 0.030 0.010 0.005 0.015 0.005 m55342/12 b 0.064 0.006 0.032 0.005 0.010 to 0.033 0.012 0.005 0.015 0.005 environmental tests environmental test mil-prf-55342 limits ( r ) vishay performance ( r ) thermal shock 0.1 % 0.020 % low temperature operation 0.1 % 0.025 % short time overload 0.1 % 0.050 % high temperature exposure 0.1 % 0.009 % resistance to bonding 0.2 % 0.006 % moisture resistance 0.2 % 0.004 % tcr 25 ppm/c < 15 ppm/c life (2000 h at + 70 c) 0.5 % 0.02 % life (10 000 h at + 70 c) 2.0 % 0.04 % d w l t e mechanical specifications resistive element passivated nichrome substrate material alumina chip terminations solder over nickel fused solder sn 63 fscm cage # - 57489
www.vishay.com for technical questions, contact: thinfilm@vishay.com document number: 60018 60 revision: 23-dec-09 e/h (military m/d55342) vishay thin film qpl mil-prf-55342 qualified thin film resistor, surface mount chip note (1) only add a v at the end of part number to specify vishay thin film for k/m tcr and tolerance 1 % and higher global part number information new global part numbering: m55342e06b1c00rts global model tcr characteristic case size termination ohmic value failure rate packaging thin film code (1) m55342 or d55342 (/07 size only) e = 25 ppm/c h = 50 ppm/c k = 100 ppm/c m = 300 ppm/c 01 = 0502 02 = 0505 03 = 1005 04 = 1505 05 = 2208 06 = 0705 07 = 1206 08 = 2010 09 = 2512 10 = 1010 11 = 0402 12 = 0603 b = solderable three digits and a letter. letter identifies tolerance, acts as multiplier and decimal locator. m = 1.0 % per 1000 h p = 0.1 % per 1000 h r = 0.01 % per 1000 h c = non er version standard packaging: bs =bulk 100 min., 1 mult ws =waffle 100 min., 1 mult tape and reel t0 = 100 min., 100 mult t1 = 1000 min., 1000 mult t3 = 300 min., 300 mult t5 = 500 min., 500 mult tf = full reel 4000 ts = 100 min., 1 mult special packaging: waffle wi = 100 min., 1 mult (item single lot date code) wp =100 min., 1 mult (package unit single lot date code) tape and reel ti = 100 min., 1 mult (item single lot date code) tp = 100 min., 1 mult (package unit single lot date code) v for k and m tcr w/tolerance 1 % multiplier tolerance 1 1 k 1 m 0.1 % a b c 1 % d e f 2 % g h t 5 % j k l 10 % m n p historical part number example: m55342k 06b5e60r (for reference purposes only) m55342 k 06 b 5e60 r series tcr characteristic case size termination value and tolerance failure rate 5342 06b e m5 1c 0rt 0 s v
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of M55342E12B53E6PTS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X