Part Number Hot Search : 
AE10066 FS8205A FN155M1H E008063 AN17821 SAM9G XP6210 1N4933G1
Product Description
Full Text Search
 

To Download ICS93738YFLFT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated circuit systems, inc. ics93738 0689b?01/12/06 block diagram ddr and sdram buffer pin configuration 48-pin ssop recommended application: ddr & sdram fanout buffer, for via p4x/kt266/333 chipsets. product description/features:  low skew, fanout buffer  1 to 12 differential clock distribution i 2 c for functional and output control  feedback pin for input to output synchronization  supports up to 4 ddr dimms or 3 sdram dimms + 2 ddr dimms  frequency supports up to 200mhz (ddr400)  supports power down mode for power mananagement  cmos level control signal input switching characteristics:  output - output skew: <100ps sdram output - output skew: <150ps ddr  output rise and fall time for ddr outputs: 600ps - 950ps  duty cycle: 47% - 53% ddr duty cycle: 45%- 55% sdram *internal pull-up resistor of 120k to vdd sclk s data sel_ddr* pd# buf_in control logic fb_out ddrt0_sdram0 ddrt1_sdram2 ddrt2_sdram4 ddrt3_sdram6 ddrt4_sdram8 ddrt5_sdram10 ddrt(11:6) ddrc0_sdram1 ddrc1_sdram3 ddrc2_sdram5 ddrc3_sdram7 ddrc4_sdram9 ddrc5_sdram11 ddrc (11:6) functionality e d o m8 4 n i p d d v 5 . 2 _ 3 . 3 n i p , 5 1 , 1 1 , 0 1 , 7 , 6 , 5 , 4 2 2 , 1 2 , 0 2 , 9 1 , 6 1 r d d e d o m 1 = r d d _ l e sv 5 . 2 e b l l i w s t u p t u o e s e h t s t u p t u o r d d d s / r d d e d o m 0 = r d d _ l e sv 3 . 3 e b l l i w s t u p t u o e s e h t m a r d s d r a d n a t s s t u p t u o fb_out vdd3.3_2.5 gnd ddrt0_sdram0 ddrc0_sdram1 ddrt1_sdram2 ddrc1_sdram3 vdd3.3_2.5 gnd ddrt2_sdram4 ddrc2_sdram5 vdd3.3_2.5 buf_in gnd ddrt3_sdram6 ddrc3_sdram7 vdd3.3_2.5 gnd ddrt4_sdram8 ddrc4_sdram 9 ddrt5_sdram10 ddrc5_sdram11 vdd3.3_2.5 sdata sel_ddr* vdd2.5 gnd ddrt11 ddrc11 ddrt10 ddrc10 vdd2.5 gnd ddrt 9 ddrc 9 vdd2.5 pd#* gnd ddrt8 ddrc8 vdd2.5 gnd ddrt7 ddrc7 ddrt6 ddrc6 gnd sclk ics 9 3738 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 1 9 20 21 22 23 24 48 47 46 45 44 43 42 41 40 3 9 38 37 36 35 34 33 32 31 30 2 9 28 27 26 25
2 ics93738 0689b?01/12/06 pin descriptions r e b m u n n i pe m a n n i pe p y tn o i t p i r c s e d 1t u o _ b ft u ok c a b d e e f l a n r e t x e r o f d e t a c i d e d , t u p t u o k c a b d e e f , 3 2 , 7 1 , 2 1 , 8 , 25 . 2 _ 3 . 3 d d vr w p s n i p o t y l p p u s e g a t l o v v 3 . 3 r o v 5 . 2 2 2 , 1 2 , 0 2 , 9 1 , 6 1 , 5 1 , 1 1 , 0 1 , 7 , 6 , 5 , 4 , 6 2 , 8 1 , 4 1 , 9 , 3 6 4 , 0 4 , 5 3 , 1 3 d n gr w pd n u o r g , 9 3 , 3 4 , 5 4 , 8 2 , 0 3 , 4 3 t r d d) 6 : 1 1 (t u o. s t u p t u o r i a p l a i t n e r e f f i d f o k c o l c " e u r t " , 8 3 , 2 4 , 4 4 , 7 2 , 9 2 , 3 3 ) 6 : 1 1 ( c r d dt u o. s t u p t u o r i a p l a i t n e r e f f i d f o s k c o l c " y r o t n e m e l p m o c " 4 , 6 , 0 1 , 5 1 , 9 1 , 1 2 ) 0 : 5 ( t r d d ) 0 , 2 , 4 , 6 , 8 , 0 1 ( m a r d s t u o m a r d s v 3 . 3 r o , s t u p t u o r i a p l a i t n e r e f f i d f o k c o l c " e u r t " t u p n i r d d _ l e s n o g n i d n e p e d s t u p t u o k c o l c 5 , 7 , 1 1 , 6 1 , 0 2 , 2 2 ) 0 : 5 ( c r d d , 3 , 5 , 7 , 9 , 1 1 ( m a r d s ) , 1 t u o s t u p t u o r i a p l a i t n e r e f f i d f o s k c o l c " y r o t n e m e l p m o c "v 3 . 3 r o , t u p n i r d d _ l e s n o g n i d n e p e d s t u p t u o k c o l c m a r d s 3 1n i _ f u bn it u p n i r e f f u b d e d n e e l g n i s 4 2a t a d so / ii r o f n i p a t a d 2 t n a r e l o t v 5 y r t i u c r i c c 5 2k l c sn ii f o t u p n i k c o l c 2 t u p n i t n a r e l o t v 5 , t u p n i c 7 4 , 1 4 , 7 3 , 2 35 . 2 d d vr w py l p p u s e g a t l o v v 5 . 2 6 3# d pn i e h t n w o d r e w o p o t d e s u n i p t u p n i w o l e v i t c a s u o n o r h c n y s a e r a s k c o l c l a n r e t n i e h t . e t a t s r e w o p w o l a o t n i e c i v e d r e t a e r g e b t o n l l i w n w o d r e w o p e h t f o y c n e t a l e h t . d e l b a s i d . s m 3 n a h t 8 4r d d _ l e sn i e d o m d s / r d d r o e d o m r d d r o f t u p n i t c e l e s e d o m r d d = 1 e d o m d s / r d d = 0
3 ics93738 0689b?01/12/06 byte 6: output control (1= enable, 0 = disable) byte 7: output control (1= enable, 0 = disable) t i b# n i pd w pn o i t p i r c s e d 7 t i b8 41 ) y l n o k c a b d a e r ( r d d _ l e s 6 t i b-1 ) d e v r e s e r ( 5 t i b-1 ) d e v r e s e r ( 4 t i b-1 ) d e v r e s e r ( 3 t i b4 4 , 5 41 1 1 c r d d , 1 1 t r d d 2 t i b2 4 , 3 41 0 1 c r d d , 0 1 t r d d 1 t i b8 3 , 9 31 9 c r d d , 9 t r d d 0 t i b3 3 , 4 31 8 c r d d , 8 t r d d t i b# n i pd w pn o i t p i r c s e d 7 t i b9 2 , 0 31 7 c r d d , 7 t r d d 6 t i b7 2 , 8 21 6 c r d d , 6 t r d d 5 t i b2 2 , 1 21 0 1 m a r d s , 5 t r d d 1 1 m a r d s _ 5 c r d d 4 t i b0 2 , 9 11 8 m a r d s _ 4 t r d d 9 m a r d s _ 4 c r d d 3 t i b6 1 , 5 11 6 m a r d s _ 3 t r d d 7 m a r d s _ 3 c r d d 2 t i b1 1 , 0 11 4 m a r d s _ 2 t r d d 5 m a r d s _ 2 c r d d 1 t i b7 , 61 2 m a r d s _ 1 t r d d 3 m a r d s _ 1 c r d d 0 t i b5 , 41 1 m a r d s _ 0 t r d d 0 m a r d s _ 0 c r d d
4 ics93738 0689b?01/12/06 absolute maximum ratings supply voltage (vdd & vdd2.5) . . . . . . . . -0.5v to 3.6v logic inputs . . . . . . . . . . . . . . . . . . . . . . . . . gnd ?0.5 v to v dd +0.5 v ambient operating temperature . . . . . . . . . 0c to +85c case temperature . . . . . . . . . . . . . . . . . . . . 115c storage temperature . . . . . . . . . . . . . . . . . . ?65c to +150c stresses above those listed under absolute maximum ratings may cause permanent damage to the device. these ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect product reliability. electrical characteristics - input / supply / common output parameters - sdram sel_ddr=0, sdram outputs, v dd3.3_2.5 = 3.3v , t a = 0 - 85 o c (unless otherwise stated) parameter symbol conditions min typ max units input high current i ih v in = v dd or gnd 10 a input low current i il v in = v dd or gnd -100 a i dd3.3_2.5 c l = 0 pf at 133 mhz 170 250 ma i dd2.5 c l = 0 pf at 133 mhz 90 200 ma i ddpd c l = 0 pf 010 a output high current i oh v dd = 3.3v, v out = 1v -18 ma output low current i ol v dd = 3.3v, v out = 1.2v 26 ma high-level output voltage v oh v dd = 3.3v, ioh = -12ma 2v low-level output voltage v ol v dd = 3.3v, iol = 12ma 0.4 v input capacitance 1 c in v in = v dd or gnd pf 1. guaranteed by design, not 100% tested in production. operating supply current recommended operating conditions - sdram sel_ddr=0, sdram outputs, v dd3.3_2.5 = 3.3v , t a = 0 - 85 o c (unless otherwise stated) parameter symbol conditions min typ max units v dd3.3_2.5 33.33.6 v dd2.5 2.5 2.5 2.7 input high voltage v ih sel_ddr, pd# inputs 2 v input low voltage v il sel_ddr, pd# inputs 0.8 v input voltage level v in v power supply voltage v
5 ics93738 0689b?01/12/06 electrical characteristics - input / supply / common output parameters - ddr sel_ddr=1, ddr/ddr_sdram outputs, v dd3.3_2.5 = 2.5v , t a = 0 - 85 o c (unless otherwise stated) parameter symbol conditions min typ max units input high current i ih v in = v dd or gnd 10 a input low current i il v in = v dd or gnd -100 a i dd3.3_2.5 c l = 0 pf at 133 mhz 125 200 ma i dd2.5 c l = 0 pf at 133 mhz 90 200 ma i ddpd c l = 0 pf 010 a output high current i oh v dd = 2.5v, v out = 1v -18 ma output high current i ol v dd = 2.5v, v out = 1.2v 26 ma high-level output voltage v oh v dd = 2.5v, ioh = -12ma 1.7 v low-level output voltage v ol v dd = 2.5v, iol = 12ma 0.46 v output differential-pair crossing voltage 1 c in v dd / 2 - 0.1 1.2 v dd / 2 + 0.1 v input capacitance 1 c in v in = v dd or gnd pf 1. guaranteed by design, not 100% tested in production. operating supply current recommended operating conditions - ddr sel_ddr=1, ddr/ddr_sdram outputs, v dd3.3_2.5 = 2.5v , t a = 0 - 85 o c (unless otherwise stated) parameter symbol conditions min typ max units v dd3.3_2.5 2.3 2.5 2.7 v dd2.5 2.5 2.5 2.7 input high voltage v ih sel_ddr, pd# inputs 2 v input low voltage v il sel_ddr, pd# inputs 0.8 v input voltage level v in v power supply voltage v
6 ics93738 0689b?01/12/06 switching waveforms duty cycle timing sdram buffer lh and hl propagation delay input 1.5v 1.5v 1.5v 1.5v output t 6 t 7 t 1 t 2 1.5v 1.5v 1.5v switching characteristics t a = 0 - 85 o c parameter symbol conditions min typ max units operating frequency 66 133 200 mhz input clock duty cycle d tin 40 50 60 % output to output skew 1 (ddr outputs) output to output skew 1 (sdram outputs) duty cycle 1,3 v t = 50%, 66 mhz to 100 mhz , w/loads 48 49 52 (ddr outputs) v t = 50%, 101 mhz to 167 mhz, w/loads 47 50 53 duty cycle 1,3 (sdram outputs) single-ended 20 - 80 % 133 mhz, load = 120 ? / 12 pf single-ended v ol = 0.4v, v oh = 2.4v 133 mhz, load = 12 pf 1. guaranteed by design, not 100% tested in production. 2. refers to transistion on non-inverting output. 3. while the pulse skew is almost constant over frequency, the duty cycle error increases at higher frequencies. this is due to the formula: duty cycle = t2 / t1, where the cycle time (t1) decreases as the frequency increases. ps 70 100 ps 80 150 v t = 1.5v, w/loads t skewddr t skewsd v t = 50%, not including fb_out to outputs v t = 1.5v 1.5 1.7 ns rise time, fall time 1 (ddr outputs) 950 dc ddr % dc sd % 45 50 55 ps t rd , t fd 600 800 sdram buffer lh propagation delay 1,2 t plh 2 rise time, fall time 1 (sdram outputs) t rs , t fs 0.5 sdram buffer hl propagation delay 1,2 t phl 1.9 2.5 ns input edge greater than 1v/ns input edge greater than 1v/ns 2.5 ns
7 ics93738 0689b?01/12/06 1. the ics clock generator is a slave/receiver, i 2 c component. it can read back the data stored in the latches for verification. read-back will support intel piix4 "block-read" protocol . 2. the data transfer rate supported by this clock generator is 100k bits/sec or less (standard mode) 3. the input is operating at 3.3v logic levels. 4. the data byte format is 8 bit bytes. 5. to simplify the clock generator i 2 c interface, the protocol is set to use only " block-writes " from the controller. the bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred. the command code and byte count shown above must be sent, but the data is ignored for those two bytes. the data is loaded until a stop sequence is issued. 6. at power-on, all registers are set to a default condition, as shown. controller (host) ics (slave/receiver) start bit address d4 (h) ack dummy command code ack dummy byte count ack byte 0 ack byte 1 ack byte 2 ack byte 3 ack byte 4 ack byte 5 ack byte 6 ack byte 7 ack stop bit how to write: controller (host) ics (slave/receiver) start bit address d5 (h) ack byte count ack byte 0 ack byte 1 ack byte 2 ack byte 3 ack byte 4 ack byte 5 ack byte 6 ack byte 7 stop bit how to read: general i 2 c serial interface information the information in this section assumes familiarity with i 2 c programming. for more information, contact ics for an i 2 c programming application note. how to write: ? controller (host) sends a start bit. ? controller (host) sends the write address d4 (h) ? ics clock will acknowledge ? controller (host) sends a dummy command code ? ics clock will acknowledge ? controller (host) sends a dummy byte count ? ics clock will acknowledge ? controller (host) starts sending first byte (byte 0) through byte 6 ? ics clock will acknowledge each byte one at a time . ? controller (host) sends a stop bit how to read: ? controller (host) will send start bit. ? controller (host) sends the read address d5 (h) ? ics clock will acknowledge ? ics clock will send the byte count ? controller (host) acknowledges ? ics clock sends first byte (byte 0) through byte 7 ? controller (host) will need to acknowledge each byte ? controller (host) will send a stop bit notes:
8 ics93738 0689b?01/12/06 ordering information ics93738 y flft designation for tape and reel packaging lead free, rohs compliant (optional) package type f = ssop revision designator (will not correlate with datasheet revision) device type (consists of 3 or 4 digit numbers) prefix ics, av = standard device example: ics xxxx y f lf - t 300 mil ssop min max min max a 2.41 2.80 .095 .110 a1 0.20 0.40 .008 .016 b 0.20 0.34 .008 .0135 c 0.13 0.25 .005 .010 d e 10.03 10.68 .395 .420 e1 7.40 7.60 .291 .299 e h 0.38 0.64 .015 .025 l 0.50 1.02 .020 .040 n 0 8 0 8 variations min max min max 48 15.75 16.00 .620 .630 10-0034 reference doc.: jedec publication 95, mo-118 300 mil ssop n see variations see variations d mm. d (inch) symbol see variations see variations 0.635 basic 0.025 basic common dimensions in millimeters in inches common dimensions index area index area 12 1 2 n d h x 45 h x 45 e1 e seating plane seating plane a1 a e -c- - c - b .10 (.004) c .10 (.004) c c l
9 ics93738 0689b?01/12/06 revision history rev. issue date description page # b 1/12/2006 added lf to orderin g information 8


▲Up To Search▲   

 
Price & Availability of ICS93738YFLFT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X