Part Number Hot Search : 
527268ZN HC405 AQW212 23400 LM781 SE567N 2SD1565 DRM33395
Product Description
Full Text Search
 

To Download HU2W271MCYS5WPEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  snap mount type aluminum electrolytic capacitors 109 hitachi aic inc. hu series useful of 4,000 hours at 105? (warranty of 2,000 hours at 105?) product specifications ripple current correction coefficient conform rohs features the size is reduced by 10 to 16% of conventional hu5 through development of etched foil technology. lead-free and pvc-free(standard) without plate(standard) case length code case dia code terminal code capacitance tolerance code capacitance code rated voltage code type of series product code : (example) hu series 400v 330 f 20%     
  a continuous load should be avoided over 10 arms at the terminal in accordance with the permissible current. please consult us when the ripple voltage exceeds 70vp-p . items temperature range capacitance tolerance rated voltage dissipation factor permissible ripple current others high temp. load life test leakage current specifications ?0? ~ +105? (200, 250v.dc) ?5? ~ +105? (400 ~ 450v.dc) ?0% (20?,120hz) 200 ~ 450v.dc jis c 5101-4. after 105?, 2000h, rated voltage with specified ripple current application capacitance variation : initial value ?0% dissipation factor : 200% of less of specified initial value leakage current : not greater than the specified initial value less than the value specified in the standard products table. (20?c,120hz) as specified in the standard products table. (105?c,120hz) 0.02cv (?) or 3ma, whichever is smaller or less (20?c,after 5 minutes) [c = nominal capacitance (?), v = rated voltage (v)] refer to page (97) for other terminal shape available on request standard products table 200 2d (250)                                                                              )6%.$9481&$ )6%.$9481&$ )6%.$:481&$ )6%.$9481&$ )6%.$:481&$ )6%.$9481&$ )6%.$:481&$ )6%.$;481&$ )6%.$9481&$ )6%.$:481&$ )6%.$;481&$ )6%.$"481&$ )6%.$:481&$ )6%.$;481&$ )6%.$:481&$ )6%.$;481&$ )6%.$"481&$ )6%.$;481&$ )6%.$"481&$ )6%.$;481&$ )6%.$"481&$ )6%.$"481&$ rated voltage code (surge voltage) ( v. dc ) capacitance (?) case size ?xl(mm) tan 20?,120hz ripple current (arms) 105 ? ,120hz                       esr(typ.) 20 ? ,100hz (m ? ) product name 250 2e (300)                                                                           )6&.$9481&$ )6&.$9481&$ )6&.$:481&$ )6&.$9481&$ )6&.$:481&$ )6&.$9481&$ )6&.$;481&$ )6&.$9481&$ )6&.$:481&$ )6&.$:481&$ )6&.$;481&$ )6&.$"481&$ )6&.$:481&$ )6&.$;481&$ )6&.$"481&$ )6&.$;481&$ )6&.$"481&$ )6&.$;481&$ )6&.$"481&$ )6&.$"481&$ )6&.$"481&$ rated voltage code (surge voltage) ( v. dc ) capacitance (?) case size ?xl(mm) tan 20?,120hz ripple current (arms) 105 ? ,120hz                      esr(typ.) 20 ? ,100hz (m ? ) product name new temperature (?)     $pssfdujpodpfggjdjfou     'sfrvfodz )[
   l ?, $pssfdujpodpfggjdjfou     
110 snap mount type aluminum electrolytic capacitors hitachi aic inc. 400 2g (450)                                                                        )6(.$9481&$ )6(.$9481&$ )6(.$9481&$ )6(.$9481&$ )6(.$:481&$ )6(.$9481&$ )6(.$:481&$ )6(.$9481&$ )6(.$:481&$ )6(.$;481&$ )6(.$"481&$ )6(.$:481&$ )6(.$;481&$ )6(.$;481&$ )6(.$"481&$ )6(.$;481&$ )6(.$"481&$ )6(.$;481&$ )6(.$"481&$ )6(.$"481&$ rated voltage code (surge voltage) ( v. dc ) capacitance (?) case size ?xl(mm) tan 20?,120hz ripple current (arms) 105 ? ,120hz                     esr(typ.) 20 ? ,100hz (m ? ) product name 450 2w (500)                                                                        )68.$9481&$ )68.$9481&$ )68.$:481&$ )68.$9481&$ )68.$9481&$ )68.$:481&$ )68.$;481&$ )68.$9481&$ )68.$:481&$ )68.$:481&$ )68.$;481&$ )68.$"481&$ )68.$:481&$ )68.$;481&$ )68.$"481&$ )68.$;481&$ )68.$;481&$ )68.$"481&$ )68.$"481&$ )68.$"481&$ rated voltage code (surge voltage) ( v. dc ) capacitance (?) case size ?xl(mm) tan 20?,120hz ripple current (arms) 105 ? ,120hz                     esr(typ.) 20 ? ,100hz (m ? ) product name life time graph useful life depending on ambient temperature ta and ripple current operating conditions ir versus rated ripple current at 105 ? ,120hz 420 420v (470)                                                                                 )67.$9481&$ )67.$9481&$ )67.$:481&$ )67.$9481&$ )67.$:481&$ )67.$9481&$ )67.$:481&$ )67.$;481&$ )67.$9481&$ )67.$:481&$ )67.$;481&$ )67.$"481&$ )67.$:481&$ )67.$;481&$ )67.$:481&$ )67.$;481&$ )67.$"481&$ )67.$;481&$ )67.$"481&$ )67.$;481&$ )67.$"481&$ )67.$"481&$ )67.$"481&$                       


▲Up To Search▲   

 
Price & Availability of HU2W271MCYS5WPEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X