Part Number Hot Search : 
SU110 ST2408 23Z356SM T331004 R2155 AT40K05 BAS16W 1SMB17CA
Product Description
Full Text Search
 

To Download HEDR-5900-00001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent hedr-54xx series mid-sized housed encoder data sheet features ? two channel quadrature output ? quick and easy assembly ? cost-effective ? ideal for small motor systems ? -10 c to +85 c operating temperature ? right angle connector available ? hub available in either a set screw configuration or a press-fit/ adhesive mount configuration ? external mounting ears available description the hedr-542x series are high performance, cost-effective, two- channel optional incremental housed encoders. these encoders emphasize high reliability, high resolution and easy assembly. the hedr-542x housed encoders use reflective technology to sense rotary position. this sensor consists of an led light source and a photodetec- tor ic in a single so-8 surface mount package. the outputs of the hedr-542x encoders are two square waves in quadrature. these encoders may be quickly and easily mounted to a motor. applications the hedr-542x provides motion detection at a low cost, making them ideal for high volume applications. typical applications include vending machines and motor manufacturing applications. note : agilent technologies en- coders are not recommended for use in safety critical applications. eg. abs braking systems, power steering, life support systems and critical care medical equipment. please contact sales representa- tive if more clarification is needed. esd warning: normal handling precautions should be taken to avoid static discharge. available styles right angle version (shown here with press fit/adhesive mount hub option) external mounting ears version (shown here with set screw type hub)
2 package dimensions 15.2 17.9 5.0 23.0 2.0 46.0 52.0 8.5 11.7 13.9 14.4 1.5 b +5 a gnd 23.0 15.2 17.4 17.9 5.0 23.0 note: typical dimensions in millimeters 11.7 13.9 1.5 b +5 a gnd 23.0 detail a detail a gnd nc a +5 v b b +5 v a nc gnd detail b detail b
3 theory of operation the hedr-542x translates rotary motion of a shaft into a two chan- nel digital output. as seen in the block diagram, the hedr-542x series has three key parts: a single light emitting diode (led) light source, a photodetec- tor ic with a set of uniquely con- figured photodiodes, and a pair of lenses. the lens over the led focuses light onto the codewheel. light is either reflected or not reflected back to the lens over the photodetector ic. as the codewheel rotates an alternating pattern of light and dark corre- sponding to the pattern of the codewheel falls upon the photo- diodes. this light is used to pro- duce internal signals a and a', and b and b'. as part of this "push-pull" detector system, these signals are fed through compara- tors that are part of the signal processing circuitry to produce the final outputs for channels a and b. definitions count (n): for rotary motion, the number of bar and window pairs or counts per revolution (cpr) of the codewheel. for lin- ear motion, the number of bar and window pairs per unit length (lines per inch [lpi] or lines per mm [lpmm]). one cycle (c): 360 electrical degree (?e), 1 bar and window pair. one shaft rotation: 360 me- chanical degrees, n cycles (rotary motion only). line density: the number of reflective and non-reflective pairs per unit length, expressed as either lines per inch (lpi) or lines per mm (lpmm). pulse width (p): the number of electrical degrees that an output is high during one cycle, nomi- nally 180?e or 1/2 a cycle. pulse width error ( d p): the deviation in electrical degrees of the pulse width from its ideal value of 180?e. state width (s): the number of the electrical degrees between a transition in the output of the channel b. there are 4 states per cycle, each nominally 90?e. state width error ( d s): the deviation in electrical degrees of each state width from its ideal value of 90?e. phase ( f ): the number of electri- cal degrees between the center of the high state on the channel a and the center of the high state of channel b. this value is nomi- nally 90?e. phase error ( d f ): the deviation in electrical degrees of the phase from its ideal value of 90?e. signal processing circuitry r v led gnd v cc ch a ch b gnd codewheel
4 c p s1 s2 s3 s4 ch. a ch. b codewheel rotation u de all four states (s1 to s4) are maintained output waveforms direction of motor rotation when the codewheel rotates in the clockwise direction (as viewed from the encoder end of the motor), channel a will lead channel b. if the codewheel ro- tates in the counterclockwise direction, channel b will lead channel a. absolute maximum ratings storage temperature C40?c to +85?c operating temperature C10?c to +85?c supply voltage C0.5 v to 7 v output voltage C0.5 v to v cc output current per channel C2.0 ma to 12 ma shaft axial play 0.25 mm shaft eccentricity plus radial play 0.04 mm radial play between housing and cover 0.2 mm C 0.5 mm distance between tip of codewheel shaft and pc board 0.4 mm C 0.5 mm distance between codewheel and stopper before reset 0.25 mm C 0.35 mm distance between codewheel and stopper after reset 0.75 mm concentricity misalignment between mounted base 0.12 mm plate center bore and motor shaft frequency 16 khz recommended operating conditions parameter symbol min. typical max. units notes temperature t a 085?c supply voltage v cc 4.5 5.0 5.5 volts ripple < 100 mv pCp led current i led 13 15 18 ma load capacitance c l 100 pf 2.7 k w pull-up
5 electrical characteristics (over recommended operating conditions. typically at 25?c) parameter symbol min. typical max. units notes supply current i cc 18 33 ma high level output voltage v oh 2.4 v i oh = C2 ma min. low level output voltage v ol 0.4 v i ol = 12 ma max. encoding characteristics parameter symbol typical max. units pulse width error d p 7 75 ?e state width error d s1560?e phase error df 15 60 ?e position error dq 50 120 arcmin cycle error d c1045?e mechanical characteristics parameter dimension tolerance units codewheel fits these standard shaft diameters press fit/adhesive mount hub 2, 3, 4 +0/C0.01 mm set screw hub 2, 3, 4, 5, (1/8) (+0/C0.0005) (in.) allowable motor shaft length press fit/adhesive mount hub between 7.5 and 8.0 mm set screw hub (uses size m1.5 allen wrench, not included) between 7.5 and 11.5 bolt circle diameter (2 holes) 16 to 18 mm mounting screw size m2 mm (in.) m2.5, (2-56) for external mounting ears electrical interface pull up resistors on output pins 2, 3, and 5 have already been inte- grated into the mid-sized encoder. each of the three encoder out- puts can drive a single ttl load in this configuration. connectors the connector to be used with the mid-sized encoder is molex part number 51021-0500. this is a 5 connector crimp wire to board connector. the connector used on the encoder is orientation proof type, 2 different cables configuration required for connection to right angle and axial angle type encoder. pin 1 gnd pin 2 nc pin 3 ch.a pin 4 5 v pin 5 ch.b pins configuration hedr-542x series.
6 mounting considerations the mid-sized encoder must be aligned using the optional align- ing pins, as specified in figure 1, standard mounting figure 2. figure 1. mounting with external ears by using the optional motor boss shown in figure 2, or by using an alignment tool or as shown in encoder mounting and assembly. optional motor boss - diameter 9.96/10.01 max height 1.5 optional alignment pins - diameter 1.940/2.007. 2 places on 14.50 diameter circle. max height 1.9 m2 2 places equally spaced on bolt circle between 16 and 20 shaft length shaft length optional alignment pins- diameter 1.940/2.007. 2 places on 14.50 diameter circle. max height 1.9 optional motor boss - diameter 9.96/10.01 max height 1.5 m2 2 places equally spaced on diameter 46 bolt circle
7 encoder mounting and assembly press fit style encoder 1. if not using optional alignment pins or motor boss to locate the base plate, slip alignment tool onto motor shaft. slip encoder base plate into place on motor as shown below. tighten screws or attach with an adhesive. if using alignment tool, remove it. alignment tool base plate motor
8 2. place the hub in the housing assembly on top of the motor shaft. lining up the guide (connector side) at the bottom of the housing with the slot (indicator side) on the encoder base plate, the housing latches should be aligned to the re- spective baseplate catches now. press the housing assem- bly downward and slide the hub into and along the shaft, until the 3 latches make con- tact with the catches. motor shaft latch (3 position) catch (3 position) indicator slot (indicator side) indicator 60.0 note: this is a top view of the base plate. indicator is also indicating the connector direction. angular offset to optional alignment pin is 60? tolerance for the angle is ?2? guide (connector side) 30.0
9 4. using the end of a pen or other appropriate tool, press the triangular portion of the hous- ing assembly downward. rec- ommended force is between 3.5 kgf to 4.0 kgf. this will set the codewheel and hub into their proper position through the internal guide of the trian- gular piece. when the triangu- lar piece is released, it should naturally spring back to its original position, eliminating contact between the housing assembly and the codewheel. the encoder is now ready for use. 3. press down the housing assembly until it snaps into place. recommended force is 3.5 kgf minimum, 4.0 kgf nominal, and 4.5 kgf maxi- mum. note that the encoder is shipped such that the housing assembly and the base plate are not being snapped together.
10 while aligning it on the allen wrench groove. lining up the guide (connector side) at the bottom of the housing with the slot (indicator side) on the encoder baseplate, the housing set screw style encoder 1. if not using optional alignment pins or motor boss to locate the base plate, slip alignment tool onto motor shaft. slip encoder base plate into place on motor as shown below. tighten screws or attach with an adhesive. if using alignment tool, remove it. 2. slip the set screw hub into the shaft. proper finger-wear must be worn to avoid contamina- tion on codewheel surface (top of hub). place an allen wrench into the socket of the set screw latches should be aligned to the respective baseplate catches. move the housing assembly downward until the 3 latches make contact with the catches. housing assembly guide (connector side) slot (indicator side) motor shaft set screw hub allen wrench allen wrench groove alignment tool base plate motor
11 3. press down the housing assem- bly, holding the set screw and allen wrench in their initial position until the housing as- sembly snaps into place. rec- ommended force is 3.5 kgf minimum, 4.0 kgf nominal, and 4.5 kgf maximum. 4. using the end of a pen or other appropriate tool, press the triangular portion of the hous- ing assembly downward. rec- ommended force is between 3.5 kgf to 4.0 kgf. then apply a downward force on the end of the allen wrench. this sets the codewheel position by levering the codewheel upward against internal guide of the triangular piece. while con- tinuing to apply a downward force on both tools, rotate the allen wrench in the clockwise direction until the hub set screw is tightened against the motor shaft. remove the allen wrench by pulling it straight out of the housing assembly. when the triangular piece is released, it should naturally spring back to its original posi- tion, eliminating contact be- tween the housing assembly and the codewheel. the en- coder is now ready for use. motor allen wrench
ordering information *h e d r - 5 4 x x C x x x x x connector 0 = standard/axial 1 = right angle/radial shaft 01 = 2 mm 02 = 3 mm 03 = 1/8 inch 11 = 4 mm 14 = 5 mm resolution e = 200 cpr hub s2 = set screw with mounting ears base plate p1 = pressfit without mounting ears base plate output 2 = 2 channel *note: part numbers currently available: a.) hedr-5420-es201 b.) hedr-5420-es202 c.) hedr-5420-es203 d.) hedr-5420-es211 e.) hedr-5420-es214 f.) hedr-5421-ep111 ordering information for alignment tool hedr-5900-000 shaft 01 = 2 mm 02 = 3 mm 03 = 1/8" 11 = 4 mm 14 = 5 mm www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (408) 654-8675 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6756 2394 india, australia, new zealand: (+65) 6755 1939 japan: (+81 3) 3335-8152 (domestic/interna- tional), or 0120-61-1280 (domestic only) korea: (+65) 6755 1989 singapore, malaysia, vietnam, thailand, philippines, indonesia: (+65) 6755 2044 taiwan: (+65) 6755 1843 data subject to change. copyright ? 2003 agilent technologies, inc. obsoletes 5988-8671en april 23, 2003 5988-9450en


▲Up To Search▲   

 
Price & Availability of HEDR-5900-00001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X