Part Number Hot Search : 
030PAAA MAX6967 0P100 332U0 N5672 BR3015 55C6V P4KE180
Product Description
Full Text Search
 

To Download HBS100YG-A1H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 technical specifications hbs series - 100 watt rev. 12/01 hbs dc/dc converters provide up to 100 watts of output power in an industry standard half-brick package and footprint. these units feature excellent efficiency, class a conducted noise specs, and fixed switching frequency. the hbs series feature open-frame packaging, along with planar magnetics to provide maximum useable power with minimal thermal constraints. the hbs series is well suited for telecom, networking, and industrial applications, and is fully compatible with production board washing processes. description features notes ? mtbf predictions may vary slightly from model to model. specifications typically at 25c, normal line, and full load, unless otherwise stated. soldering conditions: i/o pins, 260c, ten seconds; fully compatible with commercial wave-soldering equipment. units are water-washable and fully compatible with commercial spray or immersion post wave-solder washing equipment. turn-on time 10 ms remote shutdown positive or negative logic remote shutdown reference v in negative switching frequency 500 khz isolation input - output 1500 vdc input - case 1050 vdc output - case 500 vdc temperature coefficient 0.2%/c case temperature operating range -40 to +100c storage range -40 to +125c thermal shutdown range 105 to 115c vibration, 3 axes, 5 min each 5 g, 10 - 55 hz mtbf ? (bellcore tr-nwt-000332) 2.1 x 10 6 hrs safety ul, cul, vde weight (approx.) 2.5 oz general ? industry standard half- brick  open-frame packaging  100c baseplate operation  water washable  ?true-trim? option  1500v isolation  positive or negative logic setpoint accuracy 1% line regulation v in min. - v in max., i out rated 0.2% v out load regulation i out min. - i out max., v in nom. 0.2% v out remote sense headroom 0.5 vdc minimum output current 10%, i out rated dynamic regulation, loadstep 25% i out pk deviation 4% v out settling time 500 ms voltage trim range 10% short circuit / overcurrent protection hiccup current limit threshold range, % of i out rated 110 - 140% ovp trip range 115 - 140% v out nom. ovp hiccup output voltage range 24 vdc nominal 18 - 36 vdc 48 vdc nominal 34 - 75 vdc reflected ripple 25 ma input reverse voltage protection shunt diode input 60 65 70 75 80 85 90 10 20 30 40 50 60 70 80 90 100 load % hbs100zg-a efficiency vs. load (48v input) hbs100yj-a 72 74 76 78 80 82 84 86 88 90 10 20 30 40 50 60 70 80 90 100 load % efficiency % eff. (18v) eff. (24v) eff. (36v) efficiency vs. load (24v input)
2 mechanical drawing hbs series - 100 watt model input voltage input voltage maximum input output rated output ripple & noise typical (volts) range (volts) current (amps)* voltage (volts) current (amps) pk-pk (mv) efficiency** hbs100ye-a 24 18-36 7 3.3 30 100 80% hbs100yg-a 24 18-36 7.2 5 20 100 83% hbs100yh-a 24 18-36 7 12 8.3 150 85% hbs100yj-a 24 18-36 7 15 6.7 150 86% hbs100ze-a 48 34-75 3.65 3.3 30 100 80% hbs100zg-a 48 34-75 3.6 5 20 100 84% hbs100zh-a 48 34-75 3.6 12 8.3 150 86% hbs100zj-a 48 34-75 3.5 15 6.7 150 87% notes: * maximum input current at minimum input voltage, maximum rated output power. ** at nominal v in , rated output. models - (see the last page of section for options.) thermal impedance natural convection 6.6 c/w 100 lfm 5.7 c/w 200 lfm 4.2 c/w 300 lfm 3.1 c/w 400 lfm 2.6 c/w tolerances note: thermal impedance data is dependent on many environmental factors. the exact thermal performance should be validated for specific application. 1-v in 2 case 3 on/off 4+v in 5-v out 6 -sense 7 trim 8 +sense 9+v out inches: (millimeters) .xx 0.020 .x 0.5 .xxx 0.010 .xx 0.25 pin: 0.002 0.05 (dimensions as listed unless otherwise specified.) pin function  


 
  
 

 


  
 
        !!  "   ! "        
 
 
  
  



 # $%


$%


    "
  
"

3 option suffix applicable series remarks negative logic n has, hbd, hbs, hes, hls, hld, les, ttl "low" turns module on qbs, qes, qls, tes, tqd ttl "high" turns module off lucent-compatible t has, hbd, hbs, hes, hls, qbs, qes, qls terminal strip ts xws, xwd, xwt trim 1 ias, les enable 2 iad, ias, les, sms trim and enable 3 ias, les current share 4 sms headerless y encapsulated ews, iws, ows pin length and heatsink options standard pin length is 0.180" (4.6mm) 0.110" (2.8mm) pin length 8 all units (except sms) 0.150" (3.8mm) pin length 9 all units (except sms) 0.24" (6.1mm) horizontal heatsink 1h all units (all units except dip, hls, hld, qls, includes thermal pad sip, sm, tld, and tkd packages) 0.24" (6.1mm) vertical heatsink 1v all units (all units except dip, hls, hld, qls, includes thermal pad sip, sm, tld, and tkd packages) 0.45" (11.4mm) horizontal heatsink 2h all units (all units except dip, hls, hld, qls, includes thermal pad sip, sm, tld, and tkd packages) 0.45" (11.4mm) vertical heatsink 2v all units (all units except dip, hls, hld, qls, includes thermal pad sip, sm, tld, and tkd packages) 0.95" (24.1mm) horizontal heatsink 3h all units (all units except dip, hls, hld, qls, includes thermal pad sip, sm, tld, and tkd packages) 0.95" (24.1mm) vertical heatsink 3v all units (all units except dip, hls, hld, qls, includes thermal pad sip, sm, tld, and tkd packages) when ordering equipment options, use the following suffix information. select the option(s) that you prefer and add them to the model number. example ordering options are located below the options table. example options: hbs050zg-ant3v = hbs050zg-a with negative logic, lucent-compatible trim, and 0.95? vertical heatsink. les015yj-3n = les015yj with optional trim and enable, negative logic. qbs066zg-at8 = qbs066zg-a with lucent-compatible trim and 0.110? pin length. nuclear and medical applications - power-one products are not authorized for use as critical components in life support systems , equipment used in hazardous environments, or nuclear control systems without the express written consent of the president of po wer-one, inc. technical revisions - the appearance of products, including safety agency certifications pictured on labels, may change dependi ng on the date manufactured. specifications are subject to change without notice. options


▲Up To Search▲   

 
Price & Availability of HBS100YG-A1H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X