Part Number Hot Search : 
NTE180 LRU621R TA0826A 6248NTDI 6248NTDI IB0505S TMA1212S HL8335MG
Product Description
Full Text Search
 

To Download HAS020YE-AT2H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (888) ipd-converters (888) 473-2668 www.ipdconverters.com 1 45 50 55 60 65 70 75 80 85 90 10 20 30 40 50 60 70 80 90 100 load % efficiency % sms012ze sms012zg has030yg-a 60 65 70 75 80 85 90 10 20 30 40 50 60 70 80 90 100 load % efficiency % eff. (18v) eff. (24v) eff. (36v) efficiency vs. load (48v input) technical specifications has dc/dc converters provide up to 30 watts of output power in an industry standard package and footprint. with a maximum case temperature of 100c, the has is well suited for the most demanding telecom, networking, and industrial applications. the has features 1500 vdc isolation, short circuit, and overtemperature protection, as well as six-sided shielding. the has series is available with optional enable and voltage trim pins. please see the iad series for dual output applications.  industry standard half-brick  low-cost design  100c baseplate operation  open-frame packaging  24v and 48v input versions  input pi filter  optional enable logic  1500v isolation description features efficiency vs. load (24v input) has series - 30 watt notes ? mtbf predictions may vary slightly from model to model. specifications typically at 25c, normal line, and full load, unless otherwise stated. soldering conditions: i/o pins, 260c, ten seconds; fully compatible with commercial wave-soldering equipment. safety: agency approvals may vary from model to model. please consult factory for specific model information. units are water-washable and fully compatible with commercial spray or immersion post wave-solder washing equipment. voltage range 24 vdc nominal 18 - 36 vdc 48 vdc nominal 36 - 75 vdc reflected ripple 50 ma input setpoint accuracy 1% line regulation v in min. - v in max., i out rated 0.2% v out load regulation i out min. - i out max., v in nom. 0.2% v out remote sense headroom 0.5 vdc minimum output current 10 % dynamic regulation, loadstep 25% i out pk deviation 4% v out settling time 500 s voltage trim range 10% short circuit / overcurrent protection hiccup current limit threshold range, % of i out rated 110 - 140% ovp trip range 115 - 140% v out nom. remote shutdown reference v in negative shutdown pin current, sourced at off 10 ma max. output general turn-on time 10 ms remote shutdown positive/negative logic switching frequency 250 khz isolation input - output 1500 vdc input - case 1050 vdc output - case 500 vdc temperature coefficient 0.03 ppm/c case temperature operating range -40 to +100c storage range -40 to +125c humidity max., non-condensing 95% vibration, 3 axes, 5 min each 5 g, 10 - 55 hz mtbf ? (bellcore tr-nwt-000332) 2.5 x 10 6 hrs safety ul, cul, tuv weight (approx.) 1.4 oz
2 mechanical drawing thermal impedance natural convection 7.9 c/w 100 lfm 6.8 c/w 200 lfm 4.9 c/w 300 lfm 3.6 c/w 400 lfm 3.0 c/w tolerances note: thermal impedance data is dependent on many environmental factors. the exact thermal performance should be validated for specific application. has series - 30 watt 1-v in 2 case 3 on/off 4+v in 5-v out 6 -sense 7 trim 8 +sense 9+v out inches: (millimeters) .xx 0.020 .x 0.5 .xxx 0.010 .xx 0.25 pin: 0.002 0.05 ( dimensions as listed unless otherwise specified.) pin function models - (see the last page of this file for options.) 1 2 3 4 5 6 7 8 9 0.700"(17.8mm) -0.50"(-12.7mm) 1.400"(35.6mm) 1.000"(25.4mm) 0.400"(10.2mm) 0 0.18" 2.40" (61.0mm) 2.28" (57.9mm) dia 0.040" 0.025" ref. 0.50" (12.7mm) (4.6mm) (1.0mm) mounting inserts m3x.5 through 4pl (0.6mm) bottom view 1.900" (48.3mm) 0 -0.19" (-4.8mm) vin (volts) vin range (volts) iin max.* (amps) vout (volts) iout rated (amps) ripple & noise pk-pk (mv) efficiency typ. ** model 24 24 24 24 24 24 48 48 48 48 48 48 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 36 - 75 36 - 75 36 - 75 36 - 75 36 - 75 36 - 75 2.3 1.2 1.5 2.2 2.2 2.2 1.2 0.6 1.0 1.3 1.3 1.3 2.50 2.50 3.30 5.00 12.00 12.00 2.50 2.50 3.30 5.00 12.00 12.00 12.00 6.00 6.00 6.00 2.50 2.00 12.00 6.00 6.00 6.00 2.50 2.00 100 100 100 100 150 150 100 100 100 100 150 150 77% 77% 78% 83% 87% 86% 77% 78% 81% 83% 88% 88% has030yd-a has015yd-a has020ye-a has030yg-a has030yh-a has030yj-a has030zd-a has015zd-a has020ze-a has030zg-a has030zh-a has030zj-a * maximum input current at minimum input voltage, maximum rated output power. ** at nominal vin, rated output.
3 options when ordering equipment options, use the following suffix information. select the option(s) that you prefer and add them to the model number. example ordering options are located below the options table. option suffix applicable series remarks negative logic n has, hbd, hbs, hes, les, qbs, qes, tes, tqd ttl ?low? turns module on ttl ?high? turns module off lucent compatible trim t has, hbd, hbs, hes, qbs, qes t e r m i nal s t r i p t s x w s , xw d , xw t trim 1 ias, les enable 2 iad, ias, les, sms trim and enable 3 ias, les current share 4 sms headerless y encapsulated ews, iws, ows pin length and heatsink options standard pin length is 0.180? (4.6mm) 0.110? (2.8mm) pin length 8 all units (except sms) 0.150? (3.8mm) pin length 9 all units (except sms) 0.24? (6.1mm) horizontal heatsink 1h all units (except dip, sip, and sm packages) includes thermal pad 0.24? (6.1mm) vertical heatsink 1v all units (except dip, sip, and sm packages) includes thermal pad 0.45? (11.4mm) horizontal heatsink 2h all units (except dip, sip, and sm packages) includes thermal pad 0.45? (11.4mm) vertical heatsink 2v all units (except dip, sip, and sm packages) includes thermal pad 0.95? (24.1mm) horizontal heatsink 3h all units (except dip, sip, and sm packages) includes thermal pad 0.95? (24.1mm) vertical heatsink 3v all units (except dip, sip, and sm packages) includes thermal pad example options:hbs050zg-ant3v = hbs050zg-a with negative logic, lucent compatible trim, and 0.95? vertical heatsink. les015yj-3n = les015yj with optional trim and enable, negative logic. qbs066zg-at8 = qbs066zg-a with lucent compatible trim and 0.110? pin length. nuclear and medical applications power-one products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the president of power-one, inc. technical revisions the appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of HAS020YE-AT2H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X