Part Number Hot Search : 
CLD31 7201A P600K 0ETTS AV3842A C1906 SA060 030D06E2
Product Description
Full Text Search
 

To Download FXW2V173YF157PH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  screw terminal type aluminum electrolytic capacitors 61 hitachi aic inc. specifications items temperature range capacitance tolerance rated voltage dissipation factor permissible ripple current others high-temperature load leakage current type of series product code : (example) fxw type 400 v 24,000 f 20% fxw 2g 243 y f 236 ( ph ) sealing code the l dimension (mm) case code type of bracket code capacitance code rated voltage code f case (?: 90 mm)product ?0? ~ +85?c ?0% (20?, 120hz) 350 ~ 450v.dc less than the value specified in the standard products table. (20?c,120hz) as specified in the standard products table. (40 ?c ,120hz) jis c 5101-4. after the rated voltage with specified ripple current is applied at 85?c for 5000 hours: capacitance tolerance: ?5% or less of the initial value dissipation factor: 175% or less of the specified initial value leakage current: specified initial value or less 0.01cv (?) or 7 ma, whichever is smaller or less(20 ? , after 5 minutes) [ c=nominal capacitance (?),v= rated voltage (v) ] bracket ?see page 55 for shapes and dimensions. ? product names in the st andard products table correspond to the bracket for type y, but type bracket may be used ( type of bracket code = ). ? if bracket are not necessary, enter "n" for the type of bracket code. ? bracket will be deli vered separately. useful of 8,000 hours at 85? (warranty of 5,000 hours at 85?) conform rohs features capacitance has been increased by 35% compared with fx2 model by special etched foil technology and new structure of element. ? igh reliability series with the warranty of 5,000 hours realized through improvement of the hcgwa type into a longer-life type. fxw series product specifications 400 2g (450)                                          '98(:&1) '98(:&1) '98(:'1) '98(:&1) '98(:'1) '98(:( '98(:'1) '98(:( '98(:(                            rated voltage code (surge voltage) (v. dc) capacitance (?) case size ?xl(mm) tan 20?,120hz ripple current 40?,120hz (arms) esr(typ.) 20?,100hz (m ? ) z max 20?,10khz (m ? ) esl(typ.) (nh) product name 350 2v (400)                                        '987:&1) '987:&1) '987:'1) '987:&1) '987:'1) '987:( '987:'1) '987:( '987:( standard products table                            new .bsljoh .bsljoh *otvmbujpoqmbuf *otvmbujpotmffwf 7fou "opefnbsljoh 1 ? % ? 4dsfxufsnjobm )fybhpoifbecpmu - ? 5 ? % 1 4 5 $bqnbufsjbm   .  1ifopm   .  1ifopm   .  114 vojunn
temperature (?)     $pssfdujpodpfggjdjfou     'sfrvfodz )[
  l ?, $pssfdujpodpfggjdjfou     ? when using this capacitor at a frequency below 120hz , contact us in advance. ripple current correction coefficient
62 screw terminal type aluminum electrolytic capacitors hitachi aic inc. rated voltage code (surge voltage) (v. dc) capacitance (?) case size ?xl(mm) tan 20?,120hz ripple current 40?,120hz (arms) esr(typ.) 20?,100hz (m ? ) z max 20?,10khz (m ? ) esl(typ.) (nh) product name 450 2w (500)                                          '988:&1) '988:&1) '988:'1) '988:&1) '988:'1) '988:( '988:'1) '988:( '988:(                            life time graph useful life depending on ambient temperature ta and ripple current operating conditions ir versus rated ripple current at 40 ? ,120hz                         3jqqmf$vssfoupg%jnjojtijoh3bujp **s  3jqqmf$vssfoupg%jnjojtijoh3bujp **s  ?
6tfgvmmjgf i
6tfgvmmjgf i
) b ?  ) b ?  ) b b ?  ) b b ?  4fsjft '98


▲Up To Search▲   

 
Price & Availability of FXW2V173YF157PH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X