Part Number Hot Search : 
TLN22507 H3500 10009 LM7410 KYW35K6 SL1019P DD251 48S05W
Product Description
Full Text Search
 

To Download FRM200GTG120R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l eaded r es isto r s di m e n sio n s unit: mm st yl e di m e n sio n normal miniature l ? d h ?d frm-25 frm50s 6.30.5 2.40.2 282.0 0.550.05 frm-50 frm1ws 9.00.5 3.30.3 262.0 0.550.05 frm100 frm2ws 11.51.0 4.50.5 352.0 0.80.05 frm200 frm3ws 15.51.0 5.00.5 332.0 0.80.05 f eat ur es power rating 1/4w, 1/2w, 1w, 2w, 3w resistance tolerance 2%, 5% t.c.r. 200ppm/c flameproof multi-layer coating meets ul-94v-0 flameproof feature meets overload test ul-1412 de r ati ng curv e for resistors operated in ambient temperatures above 70c, power rating must be derated in accordance with the curve below. f u si ng ch a r a c te r isti c s r < 2.0 fusing time within 30 seconds at 25 times of rated power r > 2.2 fusing time within 30 seconds at 16 times of rated power fusing residual resistive value at least 100 times rated resistance metal film resistors fusible & flame-proof type normal & miniature style [ frm series ] i n t r od uc tio n the frm series metal film fusible resistors are manufactured using vacuum sputtering system to deposit multiple layers of mixed metals alloy and passivative materials onto a carefully treated high grade ceramic substrate. after a helical groove has been cut in the resistive layer, tinned connecting leads of electrolytic copper are welded to the end-caps. the resistors are coated with layers of gray color lacquer for normal size & pink color lacquer for miniature size. overload protection without risk of fre. wide range of overload currents.  th color code: white ?d h l ?d rated load (%) ambient temperature (c) 160 140 120 100 80 60 40 100 80 60 40 20 20 70 155 c
note: 23 note: rated continuous working voltage (rcwv) = power rating x resistance value e l e c t r i c a l ch a r a c te r isti c s st yl e frm-25 frm50 s frm-50 frm1w s frm100 frm2w s frm200 frm3w s power rating at 70c 1/4w 1/2w 1w 2w 3w maximum working voltage 200v 250v 300v 350v maximum overload voltage 400v 500v 600v 700v dielectric withstanding voltage 250v 350v resistance range 4.7 - 560 (2%) for e24 series value & 2.2 - 560 (5%) for e24 series value operating temp. range -55c to +155c temperature coeffcient 200ppm/c note: special value is available on request e nv i r o nm e n ta l ch a r a c te r isti c s p e rf o rm a nc e test test m et h od a ppr aise short time overload jis-c-5202 5.5 2.5 times rcwv for 5 sec. 2.0%+0.05 dielectric withstanding voltage jis-c-5202 5.7 in v-block for 60 sec. by type temperature coeffcient jis-c-5202 5.2 -55c to +155c by type insulation resistance jis-c-5202 5.6 in v-block >100m solderability jis-c-5202 6.5 2605c for 50.5 sec. 95% min. coverage no deterioration of coatings and markings resistance to solvent jis-c-5202 6.9 ipa for 1 min. with ultrasonic terminal strength jis-c-5202 6.1 direct load for 10 sec. in the direction of the terminal leads 2.5kg (24.5n) pulse overload jis-c-5202 5.8 4 times rcwv 10,000 cycles (1 sec. on, 25 sec. off) 1.0%+0.05 load life in humidity jis-c-5202 7.9 402c, 90-95% rh at rcwv for 1,000 hr. (1.5 hr. on, 0.5 hr. off) 5.0%+0.05 load life jis-c-5202 7.10 70c at rcwv for 1,000 hr. (1.5 hr. on, 0.5 hr. off) 5.0%+0.05 temperature cycling jis-c-5202 7.4 -55c ? room temp. ? +155c ? room temp. (5 cycles) 2.0%+0.05 resistance to soldering heat jis-c-5202 6.4 35010c for 30.5 sec. 1.0%+0.05 overload flame retardant jis-c-5202 7.12 4 times rcwv for 1 min. no evidence of faming or arcing


▲Up To Search▲   

 
Price & Availability of FRM200GTG120R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X