Part Number Hot Search : 
02052 002228 BD525 311ST89E 90SB03 0524S 2SB952 67078
Product Description
Full Text Search
 

To Download DTA114YHT2L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dta114ym / dta114yh / dta114ye / dta114yua transistors dta114yka / dta114ysa digital transistors (built-in resistors) dta114ym / dta114yh / dta114ye / dta114yua / dta114yka / dta114ysa ! ! ! ! features 1) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) the bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. 3) only the on/off conditions need to be set for operation, making device design easy. ! ! ! ! structure pnp digital transistor (built-in resistor type) ! ! ! ! equivalent circuit r 1 r 2 in gnd( + ) out in gnd( + ) out ! ! ! ! external dimensions (units : mm) (1) in (2) gnd (3) out 0~0.1 (3) 0.32 0.8 1.2 0.13 0.5 0.22 0.4 0.4 1.2 0.8 0.2 0.15max. 0.2 ( 2 ) ( 1 ) rohm : vmt3 dta114ym (1) in (2) gnd (3) out 0.12 0~0.1 0.27 ( 3 ) 0.7 1.0 0.5 0.5 1.6 1.6 0.85 ( 2 ) ( 1 ) each lead has same dimensions rohm : emt3 flat lead eiaj : sc-89 dta114yh abbreviated symbol : 54 abbreviated symbol : 54 0.2 0.2 0.5 0.5 1.0 0.1 1.6 0.2 0.3 0.8 0.1 1.6 0.2 0.55 0.1 0.7 0.1 0.15 0.05 0.1min. (3) (2) (1) 0~0.1 ? 0.05 + 0.1 + 0.1 ? 0.05 + 0.1 ? 0.05 (1) gnd (2) in (3) out rohm : emt3 dta114ye 3 0.2 (15min.) 4 0.2 2 0.2 0.45 0.5 0.45 5 (1) (2) (3) ? 0.05 + 0.15 + 0.15 ? 0.05 2.5 + 0.4 ? 0.1 3min. (1) gnd (2) out (3) in rohm : spt eiaj : sc-72 dta114ysa abbreviated symbol : 54 0~0.1 2.8 0.2 1.6 0.3min. 1.1 0.8 0.1 0.15 0.4 2.9 0.2 1.9 0.2 0.95 0.95 + 0.2 ? 0.1 ? 0.1 + 0.2 + 0.1 ? 0.06 + 0.1 ? 0.05 (2) (1) (3) (1) gnd (2) in (3) out rohm : smt3 eiaj : sc-59 dta114yka all terminals have same dimensions abbreviated symbol : 54 abbreviated symbol : 54 0~0.1 (2) (1) (3) 0.1min. 2.1 0.1 1.25 0.1 0.9 0.1 0.2 0.7 0.1 0.15 0.05 0.3 2.0 0.2 1.3 0.1 0.65 0.65 + 0.1 ? 0 (1) gnd (2) in (3) out rohm : umt3 eiaj : sc-70 dta114yua all terminals have same dimensions
dta114ym / dta114yh / dta114ye / dta114yua transistors dta114yka / dta114ysa ! ! ! ! absolute maximum ratings (ta=25 c) limits(dta114y ) parameter symbol v cc 150 200 300 ? 50 ? 40~ + 6 ? 70 ? 100 150 ? 55~ + 150 e h muakasa v v ma mw c c v i i o i c(max.) pd tj tstg unit supply voltage input voltage output current power dissipation junction temperature storage temperature ! ! ! ! electrical characteristics (ta=25 c) parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? ? 1.4 ? ? ? 7 68 3.7 ? ? ? ? 0.1 ? ? 10 ? 4.7 250 ? 0.3 ? ? 0.3 ? 0.88 ? 0.5 13 ? 5.7 ? v v cc =? 5v, i o =? 100 a v o =? 0.3v, i o =? 1ma i o /i i =? 5ma/ ? 0.25ma v i =? 5v v cc =? 50v, v i = 0v v o =? 5v, i o =? 5ma v ce =? 10v, i e = 5ma, f = 100mhz ? v ma a k ? ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current input resistance dc current gain resistance ratio transition frequency ? transition frequency of the device ! ! ! ! packaging specifications tl umt3 emt3 smt3 spt dta114ye dta114ym dta114yh type dta114yua 3000 t2l vmt3 8000 t2l emt3 flat lead 8000 t106 3000 t146 3000 tp 5000 dta114yka dta114ysa ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package packaging type taping taping taping taping taping taping code basic ordering unit (pieces)
dta114ym / dta114yh / dta114ye / dta114yua transistors dta114yka / dta114ysa ! ! ! ! electrical characteristic curves v o =? 0.3v input voltage : v i(on) (v) output current : i o (a) ? 100 ? 50 ? 20 ? 10 ? 200m ? 100m ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m ? 5 ? 2 ? 1 ? 500m 25 c 100 c ta =? 40 c fig.1 input voltage vs. output current (on characteristics) v cc =? 5v 0 ? 3.0 ? 10m ? 1 ? 2m ? 5m ? 1m ? 200 ? 500 ? 100 ? 20 ? 50 ? 10 ? 2 ? 5 ? 0.5 ? 1.0 ? 1.5 ? 2.0 ? 2.5 input voltage : v i(off) (v) output current : io (a) fig.2 output current vs. input voltage (off characteristics) ta = 100 c 25 c ? 40 c v o =? 5v dc current gain : g i output current : i o (a) 1k 500 200 100 50 20 10 5 2 1 ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m fig.3 dc current gain vs. output current ta = 100 c 25 c ? 40 c l o /l i = 20 ? 500m ? 1 ? 200m ? 100m ? 10m ? 50m ? 5m ? 20m ? 2m ? 1m output current : i o (a) output voltage : v o(on) (v) ta = 100 c 25 c ? 40 c ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m fig.4 output voltage vs. output current


▲Up To Search▲   

 
Price & Availability of DTA114YHT2L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X