Part Number Hot Search : 
6200S8 HJW0001 C14040B 001SMB 87760 AD5732R G4BC30 HCU04
Product Description
Full Text Search
 

To Download DS1345YL-70-IND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 12 090106 features  10 years minimum data retention in the absence of external power  data is automatically protected during power loss  power supply monitor resets processor when v cc power loss occurs and holds processor in reset during v cc ramp-up  battery monitor checks remaining capacity daily  read and write access times as fast as 70ns  unlimited write cycle endurance  typical standby current 50  a  upgrade for 128k x 8 sram, eeprom or flash  lithium battery is electrically disconnected to retain freshness until power is applied for the first time  full  10% v cc operating range (ds1345y) or optional  5% v cc operating range (ds1345ab)  optional industrial temperature range of -40  c to +85  c, designated ind  powercap module (pcm) package - directly surface -mountable module - replaceable snap-on powercap provides lithium backup battery - standardized pinout for all nonvolatile (nv) sram products - detachment feature on powercap allows easy removal using a regular screwdriver pin assignment pin description a0 ? a16 - address inputs dq0 ? dq7 - data in/data out ce - chip enable we - write enable oe - output enable rst - reset output bw - battery warning output v cc - power (+5v) gnd - ground nc - no connect description the ds1345 1024k nv srams are 1,048,576-bit, fully static, nv srams organized as 131,072 words by 8 bits. each nv sram has a self-contained lithium energy source and control circuitry which constantly monitors v cc for an out-of-tolerance condition. when such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. additionally, the ds1345 devices have dedicated circuitry for m onitoring the status of v cc and the status of the internal lithium battery. ds1345 devices in the powe rcap module package are directly surface mountable and are normally paired with a ds9034pc powercap to form a complete nv sram module. the devices can be used in pla ce of 128k x 8 sram, eeprom, or flash components. ds1345y/ab 1024k nonvolatile sram with battery monito r www.maxim-ic.com 1 bw 2 3 a15 a16 rst v cc we oe ce dq7 dq6 dq5 dq4 dq3 dq2 dq1 dq0 gnd 4 5 6 7 8 9 10 11 12 13 14 15 16 17 nc a 14 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 a 13 a 12 a 11 a 10 a 9 a 8 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 34 nc gnd v bat 34-pin powercap module (pcm) (uses ds9034pc powercap)
ds1345y/ab 2 of 12 read mode the ds1345 devices execute a read cycle whenever we (write enable) is inactive (high) and ce (chip enable) and oe (output enable) are active (low). the unique address specified by the 17 address inputs (a 0 ? a 16 ) defines which of the 131,072 bytes of data is to be accessed. valid data will be available to the eight data output drivers within t acc (access time) after the last address input signal is stable, providing that ce and oe (output enable) access times are also satisfied. if oe and ce access times are not satisfied, then data access must be measured from the later-occurring signal ( ce or oe ) and the limiting parameter is either t co for ce or t oe for oe rather than address access. write mode the ds1345 devices execute a write cycle whenever the we and ce signals are in the active (low) state after address inputs are stable. th e later-occurring falling edge of ce or we will determine the start of the write cycle. the write cycle is terminated by the earlier rising edge of ce or we . all address inputs must be kept valid throughout the write cycle. we must return to the high state for a minimum recovery time (t wr ) before another cycle can be initiated. the oe control signal should be kept inactive (high) during write cycles to avoid bus contention. however, if the output drivers are enabled ( ce and oe active) then we will disable the outputs in t odw from its falling edge. data retention mode the ds1345ab provides full functional capability for v cc greater than 4.75v and write protects by 4.5v. the ds1345y provides full functional capability for v cc greater than 4.5v and write protects by 4.25v. data is maintained in the absence of v cc without any additional support ci rcuitry. the nonvolatile static rams constantly monitor v cc . should the supply voltage decay, the nv srams automatically write protect themselves, all inputs become ?don?t care, ? and all outputs become high impedance. as v cc falls below approximately 2.7v, the power switching circuit connects the lithium energy source to ram to retain data. during power-up, when v cc rises above approxima tely 2.7v, the power switching circuit connects external v cc to the ram and disconnects the lithium energy source. normal ram operation can resume after v cc exceeds 4.75v for the ds1345ab and 4.5v for the ds1345y. system power monitoring ds1345 devices have the ability to monitor the external v cc power supply. when an out-of-tolerance power supply condition is detected, the nv srams warn a processor-based system of impending power failure by asserting rst . on power-up, rst is held active for 200ms nominal to prevent system operation during power-on transients and to allow t rec to elapse. rst has an open drain output driver. battery monitoring the ds1345 devices automatically perform periodic battery voltage monitoring on a 24-hour time interval. such monitoring begins within t rec after v cc rises above v tp and is suspended when power failure occurs. after each 24-hour period has elapsed, the battery is connected to an internal 1m  test resistor for one second. during this one second, if ba ttery voltage falls belo w the battery voltage trip point (2.6v), the battery warning output bw is asserted. once asserted, bw remains active until the module is replaced. the battery is still retested after each v cc power-up, however, even if bw is active. if the battery voltage is found to be higher than 2.6v during such testing, bw is de-asserted and regular 24-hour testing resumes. bw has an open drain output driver.
ds1345y/ab 3 of 12 packages the 34-pin powercap module integrates sram me mory and nv control along with contacts for connection to the lithium battery in the ds9034pc powercap. the powercap module package design allows a ds1345 pcm device to be surface mounted without subjecting its lith ium backup battery to destructive high-temperature reflow soldering. af ter a ds1345 pcm is reflow soldered, a ds9034pc is snapped on top of the pcm to form a complete nv sram module. the ds9034pc is keyed to prevent improper attachment. ds1345 powerc ap modules and ds9034pc powercap s are ordered separately and shipped in separate contai ners. see the ds9034pc data sh eet for further information.
ds1345y/ab 4 of 12 absolute maximum ratings* voltage on any pin relative to ground -0.3v to +6.0v operating temperature range 0c to 70c, -40c to +85c for ind parts storage temperature range -40c to +70c, -40c to +85c for ind parts soldering temperature see ipc/jedec j-std-020 * this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. recommended dc operating conditions (t a : see note 10) parameter symbol min typ max units notes ds1345ab power supply voltage v cc 4.75 5.0 5.25 v ds1345y power supply voltage v cc 4.5 5.0 5.5 v logic 1 v ih 2.2 v cc v logic 0 v il 0.0 0.8 v dc electrical (v cc = 5v  5% for ds1345ab) characteristics (t a : see note 10) (v cc = 5v  10% for ds1345y) parameter symbol min typ max units notes input leakage current i il -1.0 +1.0  a i/o leakage current ce  v ih  v cc i io -1.0 +1.0  a output current @ 2.4v i oh -1.0 ma 14 output current @ 0.4v i ol 2.0 ma 14 standby current ce = 2.2v i ccs1 200 600  a standby current ce = v cc -0.5v i ccs2 50 150  a operating current i cco1 85 ma write protection voltage (ds1345ab) v tp 4.50 4.62 4.75 v write protection voltage (ds1345y) v tp 4.25 4.37 4.5 v capacitance (t a = 25  c) parameter symbol min typ max units notes input capacitance c in 5 10 pf input/output capacitance c i/o 5 10 pf
ds1345y/ab 5 of 12 ac electrical (v cc = 5v  5% for ds1345ab) characteristics (t a : see note 10) (v cc = 5v  10% for ds1345y) ds1345ab-70 ds1345y-70 ds1345ab-100 ds1345y-100 parameter symbol min max min max units notes read cycle time t rc 70 100 ns access time t acc 70 100 ns oe to output valid t oe 35 50 ns ce to output valid t co 70 100 ns oe or ce to output active t coe 5 5 ns 5 output high z from deselection t od 25 35 ns 5 output hold from address change t oh 5 5 ns write cycle time t wc 70 100 ns write pulse width t wp 55 75 ns 3 address setup time t aw 0 0 ns write recovery time t wr1 t wr2 5 12 5 12 ns 12 13 output high z from we t odw 25 35 ns 5 output active from we t oew 5 5 ns 5 data setup time t ds 30 40 ns 4 data hold time t dh1 t dh2 0 7 0 7 ns 12 13 read cycle see note 1
ds1345y/ab 6 of 12 write cycle 1 see notes 2, 3, 4, 6, 7, 8, and 12 write cycle 2 see notes 2, 3, 4, 6, 7, 8, and 13
ds1345y/ab 7 of 12 power-down/power-up condition see see notes 11 and 14 battery warning detection see note 14
ds1345y/ab 8 of 12 power-down/power-up timing (t a : see note 10) parameter symbol min typ max units notes v cc fail detect to ce and we inactive t pd 1.5  s 11 v cc slew from v tp to 0v t f 150  s v cc fail detect to rst active t rpd 15  s 14 v cc slew from 0v to v tp t r 150  s v cc valid to ce and we inactive t pu 2 ms v cc valid to end of write protection t rec 125 ms v cc valid to rst inactive t rpu 150 200 350 ms 14 v cc valid to bw valid t bpu 1 s 14 battery warning timing (t a : see note 10) parameter symbol min typ max units notes battery test cycle t btc 24 hr battery test pulse width t btpw 1 s battery test to bw active t bw 1 s (t a = 25  c) parameter symbol min typ max units notes expected data retention time t dr 10 years 9 warning: under no circumstance are negative undershoots, of an y amplitude, allowed when device is in battery backup mode. notes: 1. we is high for a read cycle. 2. oe = v ih or v il . if oe = v ih during write cycle, the output buffers remain in a high-impedance state. 3. t wp is specified as the logical and of ce and we . t wp is measured from the latter of ce or we going low to the earlier of ce or we going high. 4. t ds is measured from the earlier of ce or we going high. 5. these parameters are sampled with a 5pf load and are not 100% tested. 6. if the ce low transition occurs simultaneously with or latter than the we low transition, the output buffers remain in a high-impedance state during this period. 7. if the ce high transition occurs prior to or simultaneously with the we high transition, the output buffers remain in high-impedance state during this period. 8. if we is low or the we low transition occurs prior to or simultaneously with the ce low transition, the output buffers remain in a high impedance state during this period.
ds1345y/ab 9 of 12 9. each ds1345 has a built-in switch that disconnects the lithium source until the user first applies v cc . the expected t dr is defined as accumulative time in the absence of v cc starting from the time power is first applied by the user. this parameter is as sured by component selection, process control, and design. it is not measured directly during production testing. 10. all ac and dc electrical charac teristics are valid over the full operating temperature range. for commercial products, this range is 0  c to 70  c. for industrial products (ind), this range is -40  c to +85  c. 11. in a power-down condition the voltage on any pin may not exceed the voltage on v cc . 12. t wr1 and t dh1 are measured from we going high. 13. t wr2 and t dh2 are measured from ce going high. 14. rst and bw are open-drain outputs and cannot source curre nt. external pullup resistors should be connected to these pins for proper operation. both pins will sink 10ma. 15. ds1345 modules are recognized by underwriters laboratory (u.l. ? ) under file e99151. dc test conditions ac test conditions outputs open output load: 100 pf + 1ttl gate cycle = 200ns for operating current input pulse levels: 0 ? 3.0v all voltages are referenced to ground timing measurement reference levels input: 1.5v output: 1.5v input pulse rise and fall times: 5ns ordering information part number temperature range supply tolerance pin/package speed grade ds1345abp-70 0c to +70c 5v  5% 34 / powercap* 70ns ds1345abp-70+ 0c to +70c 5v  5% 34 / powercap* 70ns ds1345abp-70ind -40c to +85c 5v  5% 34 / powercap* 70ns ds1345abp-70ind+ -40c to +85c 5v  5% 34 / powercap* 70ns ds1345abp-100 0c to +70c 5v  5% 34 / powercap* 100ns ds1345abp-100+ 0c to +70c 5v  5% 34 / powercap* 100ns ds1345yp-70 0c to +70c 5v  10% 34 / powercap* 70ns ds1345yp-70+ 0c to +70c 5v  10% 34 / powercap* 70ns ds1345yp-70ind -40c to +85c 5v  10% 34 / powercap* 70ns ds1345yp-70ind+ -40c to +85c 5v  10% 34 / powercap* 70ns ds1345yp-100 0c to +70c 5v  10% 34 / powercap* 100ns ds1345yp-100+ 0c to +70c 5v  10% 34 / powercap* 100ns + denotes lead-free/rohs-compliant product. * ds9034pc or ds9034pci (powercap) required. must be ordered separately.
ds1345y/ab 10 of 12 ds1345y/ab nonvolatile sram, 34-pin powercap module inches pkg dim min nom max a 0.920 0.925 0.930 b 0.980 0.985 0.990 c - - 0.080 d 0.052 0.055 0.058 e 0.048 0.050 0.052 f 0.015 0.020 0.025 g 0.020 0.025 0.030
ds1345y/ab 11 of 12 ds1345y/ab nonvolatile sram, 34- pin powercap module with powercap inches pkg dim min nom max a 0.920 0.925 0.930 b 0.955 0.960 0.965 c 0.240 0.245 0.250 d 0.052 0.055 0.058 e 0.048 0.050 0.052 f 0.015 0.020 0.025 g 0.020 0.025 0.030 assembly and use reflow soldering dallas semiconductor recommends that powercap module bases experience one pass through solder reflow oriented label- side up (live-bug). hand soldering and touch-up do not touch soldering iron to leads for more than 3 seconds. to solder, apply flux to the pad, heat the lead frame pad and apply solder. to remove part, apply flux, heat pad until solder reflows, and use a solder wick. lpm replacement in a socket to replace a low profile module in a 68-pin plcc so cket, attach a ds9034pc powercap to a module base then insert the complete module into the so cket one row of leads at a time, pushing only on the corners of the cap. never apply force to the center of the device. to remove from a socket, use a plcc extraction tool and ensure that it does not hit or da mage any of the module ic components. do not use any other tool for extraction.
ds1345y/ab 12 of 12 recommended powercap module land pattern inches pkg dim min nom max a - 1.050 - b - 0.826 - c - 0.050 - d - 0.030 - e - 0.112 - recommended powercap module solder stencil inches pkg dim min nom max a - 1.050 - b - 0.890 - c - 0.050 - d - 0.030 - e - 0.080 -
e nglish ? ???? ? ??? ? ??? what's ne w p roducts solutions de sign ap p note s sup p ort buy comp any me mbe rs ds1345y part number table notes: see the ds1345y quickview data sheet for further information on this product family or download the ds1345y full data sheet (pdf, 236kb). 1. other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 2. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 3. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming c onventions . 4. * some packages have variations, listed on the drawing. "pkgc ode/variation" tells which variation the product uses. 5. part number notes free sample buy direct package: type pins size drawing code/var * temp rohs/lead-free? materials analysis ds1345yl-70 0c to +70c rohs/lead-free: no ds1345yl-100 lpm;34 pin;960 use pkgcode/variation: lpm-34 * 0c to +70c rohs/lead-free: no ds1345yl-70ind -40c to +85c rohs/lead-free: no ds1345yp-70+ pwrc p;34 pin;960 dwg: 56-g0003-001a1 (pdf) use pkgcode/variation: pc 2+3 * 0c to +70c rohs/lead-free: yes materials analysis ds1345yp-100+ pwrc p;34 pin;960 dwg: 56-g0003-001a1 (pdf) use pkgcode/variation: pc 2+3 * 0c to +70c rohs/lead-free: yes materials analysis ds1345yp-c 01 0c to +70c rohs/lead-free: no ds1345yp-70 10% tolerance, 70ns pwrc p;34 pin;960 dwg: 56-g0003-001a1 (pdf) use pkgcode/variation: pc 2-3 * 0c to +70c rohs/lead-free: no materials analysis
ds1345yp-100 10% tolerance, 100ns pwrc p;34 pin;960 dwg: 56-g0003-001a1 (pdf) use pkgcode/variation: pc 2-3 * 0c to +70c rohs/lead-free: no materials analysis ds1345yp-70ind+ pwrc p;34 pin;960 dwg: 56-g0003-001a1 (pdf) use pkgcode/variation: pc 2+3 * -40c to +85c rohs/lead-free: yes materials analysis ds1345yp-70ind 10% tolerance, 70ns pwrc p;34 pin;960 dwg: 56-g0003-001a1 (pdf) use pkgcode/variation: pc 2-3 * -40c to +85c rohs/lead-free: no materials analysis didn't find what you need? c ontac t us: send us an email c opyright 2 0 0 7 by m axim i ntegrated p roduc ts , dallas semic onduc tor ? legal n otic es ? p rivac y p olic y


▲Up To Search▲   

 
Price & Availability of DS1345YL-70-IND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X