Part Number Hot Search : 
MBRF20 BZX55C51 60HM7 V604ME06 BT2907 BJ120 HMC590 1S2076
Product Description
Full Text Search
 

To Download DS1245YP-70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 13 121907 ds1245y/ab 1024k nonvolatile sram www.maxim-ic.com features ? 10 years minimum data retention in the absence of external power ? data is automatically protected during power loss ? replaces 128k x 8 volatile static ram, eeprom or flash memory ? unlimited write cycles ? low-power cmos ? read and write access times as fast as 70 ns ? lithium energy source is electrically disconnected to retain freshness until power is applied for the first time ? full ? 10% v cc operating range (ds1245y) ? optional ? 5% v cc operating range (ds1245ab) ? optional industrial temperatur e range of -40 ?c to +85 ?c, designated ind ? jedec standard 32-pin dip package ? powercap module (pcm) package - directly surface-mountable module - replaceable snap-on powercap provides lithium backup battery - standardized pinout for all nonvolatile sram products - detachment feature on powercap allows easy removal using a regular screwdriver pin assignment pin description a0 - a16 - address inputs dq0 - dq7 - data in/data out ce - chip enable we - write enable oe - output enable v cc - power (+5v) gnd - ground nc - no connect 13 1 2 3 4 5 6 7 8 9 10 11 12 14 31 32-pin encapsulated package 740 mil extended a14 a7 a5 a4 a3 a2 a1 a0 dq1 dq0 v cc a15 nc we a13 a8 a9 a11 oe a10 ce dq7 dq5 dq6 32 30 29 28 27 26 25 24 23 22 21 19 20 a16 nc a12 a6 dq2 15 16 18 dq4 17 dq3 gnd 1 nc 2 3 a15 a16 nc v cc we oe ce dq7 dq6 dq5 dq4 dq3 dq2 dq1 dq0 gnd 4 5 6 7 8 9 10 11 12 13 14 15 16 17 nc nc 33 34 a14 32 31 a13 30 a12 29 28 27 26 25 24 23 22 21 20 19 18 a11 a10 a9 a8 a7 a6 a5 a4 gnd v bat a3 a2 a1 a0 34-pin powercap module (pcm) (uses ds9034pc powercap)
ds1245y/ab description the ds1245 1024k nonvolatile srams ar e1,048,576-bit, fully static, n onvolatile srams organized as 131,072 words by 8 bits. each complete nv sram ha s a self-contained lithium energy source and control circuitry which constantly monitors v cc for an out-of-tolerance condition. when such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. dip-package ds1245 devices can be used in place of existing 128k x 8 static rams directly conforming to the popular bytewide 32-pin dip standard. ds1245 devices in the powercap module package are directly surface m ountable and are normally paired with a ds9034pc powercap to form a complete nonvolatile sram module. there is no limit on the number of write cycles that can be executed and no additional support circuitry is required fo r microprocessor interfacing. read mode the ds1245 executes a read cycle whenever we (write enable) is inactive (high) and ce (chip enable) and oe (output enable) are active (low). the unique address specified by the 17 address inputs (a 0 - a 16 ) defines which of the 131,072 bytes of data is to be accessed. valid data will be available to the eight data output drivers within t acc (access time) after the last address input signal is stable, providing that ce and oe (output enable) access times are also satisfied. if oe and ce access times are not satisfied, then data access must be measured from the later occurring signal ( ce or oe ) and the limiting parameter is either t co for ce or t oe for oe rather than address access. write mode the ds1245 executes a write cycle whenever the we and ce signals are active (low) after address inputs are stable. the later occurring falling edge of ce or we will determine the start of the write cycle. the write cycle is terminated by the earlier ri sing edge of ce or we . all address inputs must be kept valid throughout the write cycle. we must return to the high state for a minimum recovery time (t wr ) before another cycle can be initiated. the oe control signal should be ke pt inactive (hig h) during write cycles to avoid bus contention. however, if the output driv ers are enabled ( ce and oe active) then we will disable the outputs in t odw from its falling edge. data retention mode the ds1245ab provides full functional capability for v cc greater than 4.75 volts and write protects by 4.5 volts. the ds1245y provides fu ll functional cap ability for v cc greater than 4.5 volts and write- protects by 4.25 volts. data is ma intained in the absence of v cc without any additiona l support circuitry. the nonvolatile static rams constantly monitor v cc . should the supply voltage decay, the nv srams automatically write-protect themse lves, all inputs become ?don?t care,? and all outputs become high impedance. as v cc falls below approximately 3.0 volts, a pow er switching circuit connects the lithium energy source to ram to retain data. during power-up, when v cc rises above approximately 3.0 volts, the power switching circuit connects external v cc to ram and disconnects th e lithium energy source. normal ram operation can resume after v cc exceeds 4.75 volts for the ds1245ab and 4.5 volts for the ds1245y. freshness seal each ds1245 device is shipped from dallas semiconduc tor with its lithium energy source disconnected, guaranteeing full energy capacity. when v cc is first applied at a level gr eater than 4.25 volts, the lithium energy source is enabled for battery back-up operation. 2 of 13
ds1245y/ab packages the ds1245 devices are available in two packages : 32-pin dip and 34-pin po wercap module (pcm). the 32-pin dip integrates a lithium battery, an sr am memory and a nonvolatile control function into a single package with a jedec-standard 600-mil dip pinout. the 34-pin powercap module integrates sram memory and nonvolatile control along with cont acts for connection to the lithium battery in the ds9034pc powercap. the powercap module packag e design allows a ds 1245 pcm device to be surface mounted without subjecting its lithium backup battery to destructive high-temperature reflow soldering. after a ds1245 pcm is reflow soldere d, a ds9034pc powercap is snapped on top of the pcm to form a complete nonvolatile sram module. the ds9034pc is keyed to prevent improper attachment. ds1245 powercap modules and ds9034pc po wercaps are ordered separately and shipped in separate containers. see the ds9034p c data sheet for further information. absolute maxi mum ratings* voltage on any pin relative to ground -0.3v to +6.0v operating temperature 0c to 70c, -40c to +85c for ind parts storage temperature -40c to +70c, -40c to +85c for ind parts soldering temperature dip module +260c for 10 seconds caution: do not reflow (wave or hand solder only) powercap module see ipc/jedec j-std-020 * this is a stress rating only and functional operati on of the device at these or any other conditions above those indicated in the opera tion sections of this specifica tion is not implied. exposure to absolute maximum rating conditions for extende d periods of time may affect reliability. recommended dc oper ating conditions (t a : see note 10) parameter symbol min typ max units notes ds1245ab power supply voltage v cc 4.75 5.0 5.25 v ds1245y power supply voltage v cc 4.5 5.0 5.5 v logic 1 v ih 2.2 v cc v logic 0 v il 0.0 0.8 v dc electrical (v cc =5v ?? 5% for ds1245ab) characteristics (t a : see note 10) (v cc =5v ?? 10% for ds1245y) parameter symbol min typ max units notes input leakage current i il -1.0 +1.0 ? a i/o leakage current ce ? v ih ? v cc i io -1.0 +1.0 ? a output current @ 2.4v i oh -1.0 ma output current @ 0.4v i ol 2.0 ma standby current ce =2.2v i ccs1 200 600 ? a standby current ce =v cc -0.5v i ccs2 50 150 ? a operating current i cco1 85 ma write protection voltage (ds1245ab) v tp 4.50 4.62 4.75 v write protection voltage (ds1245y) v tp 4.25 4.37 4.5 v 3 of 13
ds1245y/ab capacitance (t a =25 ? c) parameter symbol min typ max units notes input capacitance c in 5 10 pf input/output capacitance c i/o 5 10 pf ac electrical (v cc =5v ?? 5% for ds1245ab) characteristics (t a : see note 10) (v cc =5v ?? 10% for ds1245y) ds1245ab-70 ds1245y-70 ds1245ab-85 ds1245y-85 parameter symbol min max min max units notes read cycle time t rc 70 85 ns access time t acc 70 85 ns oe to output valid t oe 35 45 ns ce to output valid t co 70 85 ns oe or ce to output active t coe 5 5 ns 5 output high z from deselection t od 25 30 ns 5 output hold from address change t oh 5 5 ns write cycle time t wc 70 85 ns write pulse width t wp 55 65 ns 3 address setup time t aw 0 0 ns write recovery time t wr1 t wr2 5 15 5 15 ns ns 12 13 output high z from we t odw 25 30 ns 5 output active from we t oew 5 5 ns 5 data setup time t ds 30 35 ns 4 data hold time t dh1 t dh2 0 10 0 10 ns ns 12 13 4 of 13
ds1245y/ab ac electrical (v cc =5v ?? 5% for ds1245ab) characteristics (t a : see note 10) (v cc =5v ?? 10% for ds1245y) ds1245ab-100 ds1245y-100 ds1245ab-120 ds1245y-120 parameter symbol min max min max units notes read cycle time t rc 100 120 ns access time t acc 100 120 ns oe to output valid t oe 50 60 ns ce to output valid t co 100 120 ns oe or ce to output active t coe 5 5 ns 5 output high z from deselection t od 35 35 ns 5 output hold from address change t oh 5 5 ns write cycle time t wc 100 120 ns write pulse width t wp 75 90 ns 3 address setup time t aw 0 0 ns write recovery time t wr1 t wr2 5 15 5 15 ns ns 12 13 output high z from we t odw 35 35 ns 5 output active from we t oew 5 5 ns 5 data setup time t ds 40 50 ns 4 data hold time t dh1 t dh2 0 10 0 10 ns ns 12 13 5 of 13
ds1245y/ab read cycle see note 1 write cycle 1 see notes 2, 3, 4, 6, 7, 8, and 12 6 of 13
ds1245y/ab write cycle 2 see notes 2, 3, 4, 6, 7, 8, and 13 power-down/power-up condition 7 of 13
ds1245y/ab power-down/power-up timing (t a : see note 10) parameter symbol min typ max units notes v cc fail detect to ce and we inactive t pd 1.5 ? s 11 v cc slew from v tp to 0v t f 150 ? s v cc slew from 0v to v tp t r 150 ? s v cc valid to ce and we inactive t pu 2 ms v cc valid to end of write protection t rec 125 ms (t a =25 ? c) parameter symbol min typ max units notes expected data retention time t dr 10 years 9 warning: under no circumstance are negative undershoots, of a ny amplitude, allowed when device is in battery backup mode. notes: 1. we is high for a read cycle. 2. oe = v ih or v il . if oe = v ih during write cycle, the output buffers remain in a high impedance state. 3. t wp is specified as the logical and of ce and we . t wp is measured from the latter of ce or we going low to the earlier of ce or we going high. 4. t dh , t ds are measured from the earlier of ce or we going high. 5. these parameters are sampled with a 5 pf load and are not 100% tested. 6. if the ce low transition occurs simultaneously with or latter than the we low transition, the output buffers remain in a high impedance state during this period. 7. if the ce high transition occurs prior to or simultaneously with the we high transition, the output buffers remain in high impedance state during this period. 8. if we is low or the we low transition occurs prior to or simultaneously with the ce low transition, the output buffers remain in a high impedance state during this period. 9. each ds1245 has a built-in switch that disconnects the lithium source until the user first applies v cc . the expected t dr is defined as accumulative time in the absence of v cc starting from the time power is first applied by the user. this parameter is a ssured by component selection, process control, and design. it is not measured di rectly during production testing. 10. each ds1245 has a built-in switch that disconnects the lithium source until v cc is first applied by the user. the expected t dr is defined as accumulative time in the absence of v cc starting from the time power is first applied by the user. 11. all ac and dc electrical charac teristics are valid over the full operating temperature range. for commercial products, this range is 0? c to 70 ?c. for industrial products (ind), this range is -40? c to +85 ?c. 12. in a power-down condition the voltage on any pin may not exceed the voltage on v cc . 8 of 13
ds1245y/ab 13. t wr1 and t dh1 are measured from we going high. 14. t wr2 and t dh2 are measured from ce going high. 15. ds1245 modules are recognized by u nderwriters laboratory (u.l. ?) under file e99151. dc test conditions ac test conditions outputs open output load: 100 pf + 1ttl gate cycle = 200 ns for operating current input pulse levels: 0 - 3.0v all voltages are referenced to ground timing measurement reference levels input: 1.5v output: 1.5v input pulse rise and fall times: 5 ns ordering information part number temperature range supply tolerance pin/package speed grade ds1245ab-70 0c to +70c 5v ? 5% 32 / 740 emod 70ns ds1245ab-70+ 0c to +70c 5v ? 5% 32 / 740 emod 70ns ds1245abp-70 0c to +70c 5v ? 5% 34 / powercap* 70ns ds1245abp-70+ 0c to +70c 5v ? 5% 34 / powercap* 70ns ds1245ab-70ind -40c to +85c 5v ? 5% 32 / 740 emod 70ns ds1245ab-70ind+ -40c to +85c 5v ? 5% 32 / 740 emod 70ns ds1245abp-70ind -40c to +85c 5v ? 5% 34 / powercap* 70ns ds1245abp-70ind+ -40c to +85c 5v ? 5% 34 / powercap* 70ns ds1245ab-85 0c to +70c 5v ? 5% 32 / 740 emod 85ns ds1245ab-85+ 0c to +70c 5v ? 5% 32 / 740 emod 85ns ds1245ab-100 0c to +70c 5v ? 5% 32 / 740 emod 100ns ds1245ab-100+ 0c to +70c 5v ? 5% 32 / 740 emod 100ns ds1245abp-100 0c to +70c 5v ? 5% 34 / powercap* 100ns ds1245abp-100+ 0c to +70c 5v ? 5% 34 / powercap* 100ns ds1245ab-120 0c to +70c 5v ? 5% 32 / 740 emod 120ns ds1245ab-120+ 0c to +70c 5v ? 5% 32 / 740 emod 120ns ds1245ab-120ind -40c to +85c 5v ? 5% 32 / 740 emod 120ns ds1245ab-120ind+ -40c to +85c 5v ? 5% 32 / 740 emod 120ns ds1245y-70 0c to +70c 5v ? 10% 32 / 740 emod 70ns ds1245y-70+ 0c to +70c 5v ? 10% 32 / 740 emod 70ns DS1245YP-70 0c to +70c 5v ? 10% 34 / powercap* 70ns DS1245YP-70+ 0c to +70c 5v ? 10% 34 / powercap* 70ns ds1245y-70ind -40c to +85c 5v ? 10% 32 / 740 emod 70ns ds1245y-70ind+ -40c to +85c 5v ? 10% 32 / 740 emod 70ns DS1245YP-70ind -40c to +85c 5v ? 10% 34 / powercap* 70ns DS1245YP-70ind+ -40c to +85c 5v ? 10% 34 / powercap* 70ns ds1245y-85 0c to +70c 5v ? 10% 32 / 740 emod 85ns ds1245y-85+ 0c to +70c 5v ? 10% 32 / 740 emod 85ns ds1245y-100 0c to +70c 5v ? 10% 32 / 740 emod 100ns ds1245y-100+ 0c to +70c 5v ? 10% 32 / 740 emod 100ns ds1245yp-100 0c to +70c 5v ? 10% 34 / powercap* 100ns ds1245yp-100+ 0c to +70c 5v ? 10% 34 / powercap* 100ns ds1245y-120 0c to +70c 5v ? 10% 32 / 740 emod 120ns ds1245y-120+ 0c to +70c 5v ? 10% 32 / 740 emod 120ns ds1245y-120ind -40c to +85c 5v ? 10% 32 / 740 emod 120ns ds1245y-120ind+ -40c to +85c 5v ? 10% 32 / 740 emod 120ns + denotes lead(pb)-free/rohs-compliant product. * ds9034pc or ds9034pci (powercap) requi red. must be ordered separately. 9 of 13
ds1245y/ab nonvolatile sram, 34-pin powercap module 10 of 13 121907 inches pkg dim min nom max a 0.920 0.925 0.930 b 0.980 0.985 0.990 c - - 0.080 d 0.052 0.055 0.058 e 0.048 0.050 0.052 f 0.015 0.020 0.025 g 0.020 0.025 0.030
ds1245y/ab ds1245y/ab nonvolatile sram, 34-p in powercap module with powercap 11 of 13 inches pkg dim min nom max a 0.920 0.925 0.930 b 0.955 0.960 0.965 c 0.240 0.245 0.250 d 0.052 0.055 0.058 e 0.048 0.050 0.052 f 0.015 0.020 0.025 g 0.020 0.025 0.030 assembly and use reflow soldering dallas semiconductor recommends that powercap module bases experience one pass through solder reflow oriented label-side up (live-bug). hand soldering and touch-up do not touch soldering iron to leads for more than 3 seconds. to solder, apply flux to the pad, heat the lead frame pad and apply solder. to remove part, apply flux, heat pad until solder reflows, and use a solder wick. lpm replacement in a socket to replace a low profile module in a 68-pin plcc socket, attach a ds9034pc powercap to a module base then insert the complete module into the so cket one row of leads at a time, pushing only on the corners of the cap. never apply force to the center of the device. to remove from a socket, use a plcc extraction tool and ensure that it does not hit or da mage any of the module ic components. do not use any other tool for extraction.
ds1245y/ab recommended powercap module land pattern inches pkg dim min nom max a - 1.050 - b - 0.826 - c - 0.050 - d - 0.030 - e - 0.112 - recommended powercap mo dule solder stencil 12 of 13 inches pkg dim min nom max a - 1.050 - b - 0.890 - c - 0.050 - d - 0.030 - e - 0.080 - package information for the latest package outline information and land patterns, go to http://www.maxim-ic.com/package s . package type package code document no. 32 mod mdt32-6 21-0245 34 pwrcp pc2+3 21-0246
ds1245y/ab 13 of 13 revision history revision date description pages changed 121907 added package information table. removed the dip module package drawing and dimension table. 10, 11, 12


▲Up To Search▲   

 
Price & Availability of DS1245YP-70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X